전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74VHC273MTC 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 74VHC273MTC
상세설명  Octal D-Type Flip-Flop
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC273MTC 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  74VHC273MTC Datasheet HTML 1Page - Fairchild Semiconductor 74VHC273MTC Datasheet HTML 2Page - Fairchild Semiconductor 74VHC273MTC Datasheet HTML 3Page - Fairchild Semiconductor 74VHC273MTC Datasheet HTML 4Page - Fairchild Semiconductor 74VHC273MTC Datasheet HTML 5Page - Fairchild Semiconductor 74VHC273MTC Datasheet HTML 6Page - Fairchild Semiconductor 74VHC273MTC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 4: Parameter guaranteed by design tOSLH = |tPLHmax − tPLHmin|; tOSHL = |tPHLmax − tPHLmin|.
Note 5: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average
operating current can be obtained from the equation: ICC (opr.) = CPD * VCC * fIN + ICC/8 (per F/F). The total CPD when n pieces of the Flip Flop operates can
be calculated by the equation: CPD (total) = 22 + 9n.
AC Operating Requirements
Note 6: VCC is 3.3 ± 0.3V or 5.0 ± 0.5V
Symbol
Parameter
VCC
(V)
TA = 25°CTA = −40°C to +85°C
Units
Conditions
Min
Typ
Max
Min
Max
fMAX
Maximum Clock
3.3
± 0.3
75
120
65
MHz
CL = 15 pF
Frequency
50
75
45
CL = 50 pF
5.0
± 0.5
120
165
100
MHz
CL = 15 pF
80
110
70
CL = 50 pF
tPLH
Propagation Delay
3.3
± 0.3
8.7
13.6
1.0
16.0
ns
CL = 15 pF
tPHL
Time (CK - Q)
11.2
17.1
1.0
19.5
CL = 50 pF
5.0
± 0.5
5.8
9.0
1.0
10.5
ns
CL = 15 pF
7.3
11.0
1.0
12.5
CL = 50 pF
tPHL
Propagation Delay
3.3
± 0.3
8.9
13.6
1.0
16.0
ns
CL = 15 pF
Time (MR - Q)
11.4
17.1
1.0
19.5
CL = 50 pF
5.0
± 0.5
5.2
8.5
1.0
10.0
ns
CL = 15 pF
6.7
10.5
1.0
12.0
CL = 50 pF
tOSLH
Output to
3.3
± 0.3
1.5
1.5
ns
(Note 4)
CL = 50 pF
tOSHL
Output Skew
5.0
± 0.5
1.0
1.0
CL = 50 pF
CIN
Input Capacitance
4
10
10
pF
VCC = Open
CPD
Power Dissipation
31
pF
(Note 5)
Capacitance
Symbol
Parameter
VCC
(V)
(Note 6)
TA = 25°CTA = −40°C to +85°C
Units
Typ
Guaranteed Minimum
tW(L)
Minimum Pulse Width (CK)
3.3
5.5
6.5
ns
tW(H)
5.0
5.0
5.0
tW(L)
Minimum Pulse Width (MR)
3.3
5.0
6.0
ns
5.0
5.0
5.0
tS
Minimum Setup Time
3.3
5.5
6.5
ns
5.0
4.5
4.5
tH
Minimum Hold Time
3.3
1.0
1.0
ns
5.0
1.0
1.0
tREC
Minimum Removal Time (MR)
3.3
2.5
2.5
ns
5.0
2.0
2.0


유사한 부품 번호 - 74VHC273MTC

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74VHC273MTC FAIRCHILD-74VHC273MTC Datasheet
532Kb / 10P
   Octal D-Type Flip-Flop
74VHC273MTC FAIRCHILD-74VHC273MTC Datasheet
625Kb / 13P
   Octal D-Type Flip-Flop
logo
ON Semiconductor
74VHC273MTC ONSEMI-74VHC273MTC Datasheet
717Kb / 15P
   Octal D-Type Flip-Flop
April 2007 Rev. 1.5
More results

유사한 설명 - 74VHC273MTC

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M54HC377 STMICROELECTRONICS-M54HC377 Datasheet
252Kb / 11P
   OCTAL D TYPE FLIP FLOP
logo
Fairchild Semiconductor
74VHC273 FAIRCHILD-74VHC273_07 Datasheet
625Kb / 13P
   Octal D-Type Flip-Flop
74VHC273 FAIRCHILD-74VHC273_05 Datasheet
532Kb / 10P
   Octal D-Type Flip-Flop
74F273 FAIRCHILD-74F273 Datasheet
74Kb / 7P
   Octal D-Type Flip-Flop
74AC273SJX FAIRCHILD-74AC273SJX Datasheet
383Kb / 12P
   Octal D-Type Flip-Flop
logo
STMicroelectronics
M74HC377 STMICROELECTRONICS-M74HC377 Datasheet
362Kb / 11P
   OCTAL D TYPE FLIP FLOP
logo
NXP Semiconductors
74ABT273A PHILIPS-74ABT273A Datasheet
104Kb / 12P
   Octal D-type flip-flop
1995 Sep 06
74ALS273 PHILIPS-74ALS273 Datasheet
114Kb / 9P
   Octal D-type flip-flop
1991 Feb 08
logo
National Semiconductor ...
54ABT273 NSC-54ABT273 Datasheet
145Kb / 8P
   Octal D-Type Flip-Flop
logo
Fairchild Semiconductor
74AC273 FAIRCHILD-74AC273_08 Datasheet
383Kb / 12P
   Octal D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com