전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA3511 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 KA3511
상세설명  PC POWER SUPPLY DESIGN WITH KA3511
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3511 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  KA3511 Datasheet HTML 1Page - Fairchild Semiconductor KA3511 Datasheet HTML 2Page - Fairchild Semiconductor KA3511 Datasheet HTML 3Page - Fairchild Semiconductor KA3511 Datasheet HTML 4Page - Fairchild Semiconductor KA3511 Datasheet HTML 5Page - Fairchild Semiconductor KA3511 Datasheet HTML 6Page - Fairchild Semiconductor KA3511 Datasheet HTML 7Page - Fairchild Semiconductor KA3511 Datasheet HTML 8Page - Fairchild Semiconductor KA3511 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
Rev C, November 1999
ORDERING INFORMATION
FEATURES
• Complete PWM control and house keeping circuitry
• Few external components
• Precision voltage reference trimmed to 2%
• Dual output for push-pull operation
• Each output TR for 200mA sink current
• Variable duty cycle by dead time control
• Soft start capability by using dead time control
• Double pulse suppression logic
• Over voltage protection for 3.3V / 5V / 12V
• Under voltage protection for 3.3V / 5V / 12V
• One more external input for various protection (PT)
• Remote on/off control function (PS-ON)
• Latch function controlled by remote and protection input
• Power good signal generator with hysteresis
• 22-Pin dual in-line package
2. BLOCK DIAGRAM
Device
Package
Operating Temperature
KA3511
22 DIP
-25°C ~ 85°C
7
8
OSCILLATOR
2
3
4
19
12
VREF
Start Up
1
9
DELAY
CONTROLLER
17
18
10
20
22
21
5
6
TREM
11
16
13
14
15
PT
V12
V5
V3.3
PG
REM
(PS-ON)
E
C2
C1
REMOTE ON/OFF
1.4V
1.25V
VREF
5V
OVP
COMP
1.25V
UVP
COMP
GND
TUVP
2.2uF
TPG
2.2uF
COMP3
1.8V
0.6V
1.8V
0.6V
PG
GENERATOR
VREF
Ichag
COMP2
COMP1
1.25V
0.1V
DEAD TIME
CONTROLLER
PWM
CONTROL
Q
R
S
CK
DQ
Q
1.25V
INTERNAL
BIAS
5V
DET
VCC
VREF
DEAD TIME
CONTROL
E/A(+)
E/A(-)
V5
V12
COMP
CT
RT
22-DIP-400


유사한 부품 번호 - KA3511

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA3511BS FAIRCHILD-KA3511BS Datasheet
155Kb / 20P
   Intelligent Voltage Mode PWM IC
KA3511DS FAIRCHILD-KA3511DS Datasheet
170Kb / 18P
   Intelligent Voltage Mode PWM IC
More results

유사한 설명 - KA3511

제조업체부품명데이터시트상세설명
logo
Shenzhen Dongfangteng T...
EST7502B EST-EST7502B Datasheet
159Kb / 7P
   PC Power Supply PWM with Supervisor
2007-10-15 V2
logo
ADL Embedded Solutions
ADLPS104CF ADL-ADLPS104CF Datasheet
185Kb / 1P
   Power Supply with CF Socket PC/104
logo
Mean Well Enterprises C...
YP-350J-AA MEANWELL-YP-350J-AA Datasheet
312Kb / 2P
   350WATX with 24V industrial PC Power Supply
logo
Lite-On Technology Corp...
PS-5651-2 LITEON-PS-5651-2 Datasheet
357Kb / 3P
   PC Power Supply ATX Series with Modular
PS-5551-2 LITEON-PS-5551-2 Datasheet
351Kb / 3P
   PC Power Supply ATX Series with Modular
PS-5751-2 LITEON-PS-5751-2 Datasheet
356Kb / 3P
   PC Power Supply ATX Series with Modular
PS-5851-2 LITEON-PS-5851-2 Datasheet
357Kb / 3P
   PC Power Supply ATX Series with Modular
logo
BOSER Technology Co., L...
BBS-4016-E BOSER-BBS-4016-E Datasheet
500Kb / 1P
   Compact PC design
BBS-4020-E BOSER-BBS-4020-E Datasheet
639Kb / 1P
   Compact PC design
BBS-4016-F BOSER-BBS-4016-F Datasheet
224Kb / 1P
   compact pc design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com