전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSD01060A 데이터시트(PDF) 1 Page - Cree, Inc

부품명 CSD01060A
상세설명  Z-RecTM Rectifiers and Zero-Recovery짰 Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CREE [Cree, Inc]
홈페이지  http://www.cree.com/
Logo CREE - Cree, Inc

CSD01060A 데이터시트(HTML) 1 Page - Cree, Inc

  CSD01060A Datasheet HTML 1Page - Cree, Inc CSD01060A Datasheet HTML 2Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Copyright © 2001-2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice.
Cree, the Cree logo and Zero Recovery are registered trademarks and Z-REC and Z-FET are trademarks of Cree, Inc.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5451
www.cree.com/power
Z-RecTM RectifieRs and ZeRo-RecoveRy® RectifieRs
Power Product Line
V
RRM (V)
I
F(AVG) (A)
(Tc=150°C)
I
F(AVG) (A)
(Tc=100°C)
V
F(TJ=25°C)
Typ
Max
V
F(TJ=175°C)
Typ
Max
T
J(Max)
(°C)
Package
Type
Recommended
for new designs?
CSD01060A
600
1
2.7
1.6
1.8
2.0
2.4
175
TO-220-2
YES
CSD01060E
600
1
2.7
1.6
1.8
2.0
2.4
175
DPAK
YES
C3D02060A
600
2
5.6
1.5
1.7
1.8
2.4
175
TO-220-2
YES
C3D02060E
600
2
5.6
1.5
1.7
1.8
2.4
175
DPAK
YES
C3D02060F
600
2
2.7
1.5
1.7
1.8
2.4
175
Full-Pak
YES
C3D03060A
600
3
7.8
1.5
1.7
1.8
2.4
175
TO-220-2
YES
C3D03060E
600
3
7.8
1.5
1.7
1.8
2.4
175
DPAK
YES
C3D03060F
600
3
3.3
1.5
1.7
1.8
2.4
175
Full-Pak
YES
C3D04060A
600
4
10.8
1.5
1.7
1.8
2.4
175
TO-220-2
YES
C3D04060E
600
4
10.8
1.5
1.7
1.8
2.4
175
DPAK
YES
C3D04060F
600
4
4
1.5
1.7
1.8
2.4
175
Full-Pak
YES
C3D06060A
600
6
12.6
1.6
1.8
1.9
2.4
175
TO-220-2
YES
C3D06060G
600
6
12.6
1.6
1.8
1.9
2.4
175
D2PAK
YES
C3D02060F
600
6
4.5
1.6
1.8
1.9
2.4
175
Full-Pak
YES
C3D08060A
600
8
15.5
1.6
1.8
1.9
2.4
175
TO-220-2
YES
C3D08060G
600
8
15.5
1.6
1.8
1.9
2.4
175
D2PAK
YES
C3D10060A
600
10
20.3
1.5
1.8
2.0
2.4
175
TO-220-2
YES
C3D10060G
600
10
20.3
1.5
1.8
2.0
2.4
175
D2PAK
YES
C3D20060D
600
20
40
1.5
1.8
2.0
2.4
175
TO-247-3
YES
C3D04065A
650
4
10.8
1.5
1.7
1.8
2.4
175
TO-220-2
YES
C3D06065A
650
6
12.6
1.6
1.8
1.9
2.4
175
TO-220-2
YES
C3D08065A
650
8
15.5
1.6
1.8
1.9
2.4
175
TO-220-2
YES
C3D10065A
650
10
20.3
1.5
1.8
2.0
2.4
175
TO-220-2
YES
Fig. 1 TO-220-2
Fig. 2 DPAK
Fig. 3 D2PAK
Fig. 4 TO-247-3
Fig. 5 Full-Pak


유사한 부품 번호 - CSD01060A

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
CSD01060A ETC1-CSD01060A Datasheet
211Kb / 5P
   ZERO RECOVERY RECTIFIER
logo
Cree, Inc
CSD01060A CREE-CSD01060A Datasheet
627Kb / 6P
   Silicon Carbide Schottky Diode
CSD01060A CREE-CSD01060A Datasheet
627Kb / 6P
   Silicon Carbide Schottky Diode
logo
WOLFSPEED, INC.
CSD01060A WOLFSPEED-CSD01060A Datasheet
1Mb / 9P
   600 V, 1 A Silicon Carbide Schottky Diode
Rev. 18, March 2023
More results

유사한 설명 - CSD01060A

제조업체부품명데이터시트상세설명
logo
WOLFSPEED, INC.
CPW2-0600-S008B WOLFSPEED-CPW2-0600-S008B Datasheet
225Kb / 3P
   Silicon Carbide Schottky Diode Chip Z-RecTM Rectifier
CPW3-0600-S003B WOLFSPEED-CPW3-0600-S003B Datasheet
201Kb / 3P
   Silicon Carbide Schottky Diode Chip Z-RecTM Rectifier
CPW3-0650-S004B WOLFSPEED-CPW3-0650-S004B Datasheet
222Kb / 3P
   Silicon Carbide Schottky Diode Chip Z-RecTM Rectifier
CPW3-0600-S002B WOLFSPEED-CPW3-0600-S002B Datasheet
203Kb / 3P
   Silicon Carbide Schottky Diode Chip Z-RecTM Rectifier
CPW3-0600-S004B WOLFSPEED-CPW3-0600-S004B Datasheet
219Kb / 3P
   Silicon Carbide Schottky Diode Chip Z-RecTM Rectifier
logo
Semikron International
P1/75-M12 SEMIKRON-P1/75-M12 Datasheet
757Kb / 4P
   For studs and bridge rectifiers
logo
List of Unclassifed Man...
ECG109 ETC-ECG109 Datasheet
169Kb / 3P
   Diodes and Rectifiers (General Purpose)
logo
NXP Semiconductors
1N4001ID PHILIPS-1N4001ID Datasheet
31Kb / 5P
   Rectifiers
1996 Jun 10
logo
New Jersey Semi-Conduct...
1N2103 NJSEMI-1N2103 Datasheet
37Kb / 1P
   Rectifiers
logo
Microsemi Corporation
UES704 MICROSEMI-UES704 Datasheet
127Kb / 3P
   RECTIFIERS
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com