전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DZA010-903 데이터시트(PDF) 1 Page - Eichhoff Electronics,Inc.

부품명 DZA010-903
상세설명  UKW Drosseln VHF chokes Selfs O.U.C.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EICHHOFF [Eichhoff Electronics,Inc.]
홈페이지  http://www.eichhoff.com/
Logo EICHHOFF - Eichhoff Electronics,Inc.

DZA010-903 데이터시트(HTML) 1 Page - Eichhoff Electronics,Inc.

  DZA010-903 Datasheet HTML 1Page - Eichhoff Electronics,Inc. DZA010-903 Datasheet HTML 2Page - Eichhoff Electronics,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EICHHOFF Kondensatoren GmbH - Heidgraben 4 - 36110 Schlitz - Germany
sales@eichhoff.de
www.eichhoff.de
UKW Drosseln
VHF chokes
Selfs O.U.C.
Teile-Nr. / Part number / Référence
Gleichstromwiderstand
DC resistance
Résistance c.c.
Nenninduktivität
Rated inductance
inductance
nominale
Typ A nicht isoliert
Type A not insulated
Type A non isolé
Typ B isoliert
Type B insulated
Type B isolé
Typ B mit Anschlußlitzen
Type B with conncecting braid
Type B avec fils souples
Nennstrom
Rated current
Current nominale
15 µH
6
µH
2 µH
15 µH
6 µH
2 µH
25 µH
10 µH
4 µH
25 µH
10 µH
4 µH
60 µH
25 µH
10 µH
60 µH
25 µH
10 µH
0,5 A
1
A
2
A
0,5 A
1
A
2
A
0,5 A
1 A
2 A
0,5 A
1 A
2 A
0,5 A
1 A
2 A
0,5 A
1 A
2 A
Größe
Size
Taille
Type
Anschlußdrähte
Connecting wires
Fils rigides
Anschlußlitzen
Flexible leads
Fils souples
1
2
3
A
B
A
B
B
DZA010-900/050
DZA010-901/050
DZA010-902/050
DZA010-903/050
DZA010-904/050
DZA010-905/050
DZA010-906/050
DZA010-907/050
DZA010-908/050
Abmessungen
Dimensions
Größe/ Size / Taille
1
2
3
D1
Größtmaß
max. measure
D2
Größtmaß
max. measure
D3
L1 -2
L2 -4
L3 -5
0,6
10
17
45
0,7
15
22
45
0,8
20
29
80
5
6
7
8
7
6
A
DZA010-900/000
DZA010-901/000
DZA010-902/000
DZA010-900/010
DZA010901/010
DZA010-902/010
DZA010-903/000
DZA010-904/000
DZA010-905/010
DZA010-903/010
DZA010-904/010
DZA010-905/010
DZA010-906/000
DZA010-907/000
DZA010-908/000
DZA010-906/010
DZA010-907/010
DZA010-908/010
220 m:
70 m:
16 m:
220 m:
70 m:
16 m:
220 m:
65 m:
20 m:
220 m:
65 m:
20 m:
350 m:
120 m:
35 m:
350 m:
120 m:
35 m:


유사한 설명 - DZA010-903

제조업체부품명데이터시트상세설명
logo
Eichhoff Electronics,In...
DYA010 EICHHOFF-DYA010 Datasheet
98Kb / 2P
   Schutzleiterdrosseln Earth line chokes Selfs de terre
logo
EPCOS
B82111BC16 EPCOS-B82111BC16 Datasheet
519Kb / 7P
   VHF chokes
logo
TDK Electronics
B82131A5151M000 TDK-B82131A5151M000 Datasheet
554Kb / 9P
   VHF chokes
logo
EPCOS
B82111E EPCOS-B82111E Datasheet
106Kb / 7P
   VHF chokes
logo
TDK Electronics
B82111B0000C011 TDK-B82111B0000C011 Datasheet
531Kb / 7P
   VHF chokes
B82500C0000A002 TDK-B82500C0000A002 Datasheet
524Kb / 6P
   Inductors VHF chokes
logo
Eichhoff Electronics,In...
DSA010 EICHHOFF-DSA010 Datasheet
121Kb / 2P
   Stabkerndrosseln Iron core chokes Selfs baton de fer
logo
EPCOS
B82111B EPCOS-B82111B_10 Datasheet
110Kb / 7P
   Inductors VHF chokes
logo
Eichhoff Electronics,In...
DRC020 EICHHOFF-DRC020 Datasheet
110Kb / 4P
   Funk-Entst철rdrosseln Radio-Interference suppression chokes Selfs de d챕parasitage
logo
Vishay Telefunken
RD12PB TFUNK-RD12PB Datasheet
267Kb / 4P
   UKW - EMPFANGSPENTODE
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com