전자부품 데이터시트 검색엔진 |
|
HCPL-0370-500E 데이터시트(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED |
|
HCPL-0370-500E 데이터시트(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED |
6 / 14 page 6 Insulation and Safety Related Specifications Parameter Symbol 8-Pin DIP (300 mil) Value SO-8 Value Units Conditions Min.. External Air Gap (External Clearance) L(IO1) 7.1 4.9 mm Measured from input terminals to output terminals, hortest distance through air Min.. External Tracking Path (External Creepage) L(IO2) 7.4 4.8 mm Measured from input terminals to output terminals, shortest distance path along body Min.. Internal Plastic Gap (Internal Clearance) 0.08 0.08 mm Through insulation distance, conductor to conductor, usually the direct distance between the photoemitter and photodetector inside the optocoupler cavity Tracking Resistance (Comparative Tracking Index) CTI 200 200 V DIN IEC 112/VDE 0303 PART 1 Isolation Group IIIa Material Group (DIN VDE 0110, 1/89, Table 1) IEC/EN/DIN EN 60747-5-5 Insulation Related Characteristics[1] (with option 060) Description Symbol HCPL-0370 HCPL-3700/3760 Units Installation classification per DIN VDE 0110/1.89, Table 1 for rated mains voltage ≤ 150 V rms for rated mains voltage ≤ 300 V rms for rated mains voltage ≤ 600 V rms I-IV I-IV I-III I-IV I-IV I-III Climatic Classification 55/85/21 55/85/21 Pollution Degree (DIN VDE 0110/1.89) 2 2 Maximum Working Insulation Voltage V IORM 567 630 V peak Input to Output Test Voltage, Method b V IORM x 1.875 = VPR, 100% Production Test with tm = 1 sec Partial Discharge < 5 pC V PR 1063 1181 V peak Input to Output Test Voltage, Method a V IORM x 1.6 = VPR, Type and sample test, tm = 10 sec, Partial Discharge < 5 pC V PR 907 1008 V peak Highest Allowable Overvoltage (Transient Overvoltage, tini = 60 sec) V IOTM 6000 6000 V peak Safety Limiting Values (Maximum values allowed in the event of a failure) Case Temperature Input Current [2] Output Power [2] T S I S,INPUT P S,OUTPUT 150 150 600 175 230 600 °C mA mW Insulation Resistance at T S, VIO = 500 V R S 109 109 W Notes: 1. Insulation characteristics are guaranteed only within the safety maximum ratings, which must be ensured by protective circuits within the application. 2. Safety-limiting parameters are dependent on case temperature. The Input Current, I S,INPUT, derates linearly above 25°C free-air case temperature at a rate of 1.2 mA/°C and 1.53 mA/°C for HCPL-0370 and HCPL-3700/3760 respectively; the Output Power, P S,OUTPUT, derates linearly above 25°C free-air case temperature at a rate of 4.8 mW/°C and 4 mW/°C for HCPL-0370 and HCPL-3700/3760 respectively. |
유사한 부품 번호 - HCPL-0370-500E |
|
유사한 설명 - HCPL-0370-500E |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |