전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

F022-030-420 데이터시트(PDF) 4 Page - Eichhoff Electronics,Inc.

부품명 F022-030-420
상세설명  Funk-Entst철rfilter f체r Frequenzumrichter Radio-Interference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EICHHOFF [Eichhoff Electronics,Inc.]
홈페이지  http://www.eichhoff.com/
Logo EICHHOFF - Eichhoff Electronics,Inc.

F022-030-420 데이터시트(HTML) 4 Page - Eichhoff Electronics,Inc.

  F022-030-420 Datasheet HTML 1Page - Eichhoff Electronics,Inc. F022-030-420 Datasheet HTML 2Page - Eichhoff Electronics,Inc. F022-030-420 Datasheet HTML 3Page - Eichhoff Electronics,Inc. F022-030-420 Datasheet HTML 4Page - Eichhoff Electronics,Inc. F022-030-420 Datasheet HTML 5Page - Eichhoff Electronics,Inc. F022-030-420 Datasheet HTML 6Page - Eichhoff Electronics,Inc. F022-030-420 Datasheet HTML 7Page - Eichhoff Electronics,Inc. F022-030-420 Datasheet HTML 8Page - Eichhoff Electronics,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
EICHHOFF Kondensatoren GmbH - Heidgraben 4 - 36110 Schlitz - Germany
sales@eichhoff.de
www.eichhoff.de
Nennspannung:
3/PE AC 440 V 50/60 Hz
max. zul. Betriebsspannung: = Nennspannung
Kapazitätsabweichung:
± 20 %
Kondensatorenklasse:
X2, Y2
Drosselausführung:
stromkompensierte Ringkerndrossel
Induktivitätsabweichungen:
-30% / -50%
Entladewiderstand:
680 K oder 1M0
Gehäuse:
Metallgehäuse mit Deckel und Lasche
Klimakategorie:
25/085/21-C nach IEC 60068-1
Anschlüsse:
berührungssichere Klemmen
PE-Anschluss: Schraube M6
Tension nominale:
3/PE AC 440 V 50/60 Hz
Tension de service
admissible max:
= tension nominale
Tolérance des capacités:
±20 %
Classes des condensateurs: X2, Y2
Exécution de la self:
noyau toroîdal à courant compensé
Tolérances des inductances: -30% / -50%
Résistance de décharge:
680 K ou 1M0
Boîtier:
boîtier métallique avec couvercle et pattes
Catégorie climatique:
25/085/21-C selon IEC 60068-1
Connexions:
bornes protégées connexion PE: vis M6
Rated voltage:
3/PE AC 440 V 50/60 Hz
max. admissible operating
voltage:
= rated voltage
Capacitance tolerance:
± 20 %
Capacitor class:
X2, Y2
Choke type:
current compensated ring core
Inductance tolerance:
-30% / -50%
Discharge resistor:
680 K or 1M0
Encapsulation:
metal case with cover and lug
Climatic category:
25/085/21-C to IEC 60068-1
Connections:
touch-proof terminal blocks
PE-connection: M6 screw
unsymmetrische Messung, Abschluss des Nachbarzweiges
Non-symmetric measurement
Mesurage non-symétrique
asymmetrische Messung, beide Zweige parallel (common mode)
Asymmetric measurement (common mode)
Mesurage asymétrique (common mode)
symmetrische Messung (differential mode)
symmetric measurement (differential mode)
Mesurage symétrique (differential mode)
·
Einfügungsdämpfung (Richtwerte) Messung im 50:-System
Insertion loss (approx. values), measured in 50:-system
Affaiblissement d’insertion (valeurs indicatives) Mesurage dans le circuit 50:


유사한 부품 번호 - F022-030-420

제조업체부품명데이터시트상세설명
logo
Eichhoff Electronics,In...
F022-030-420 EICHHOFF-F022-030-420 Datasheet
74Kb / 2P
   Funk-Entst철rfilter f체r Frequenzumrichter Radio-Interference Suppression
F022-030-420 EICHHOFF-F022-030-420 Datasheet
75Kb / 2P
   Funk-Entst철rfilter f체r Frequenzumrichter Funk-Entst철rfilter f체r Frequenzumrichter
More results

유사한 설명 - F022-030-420

제조업체부품명데이터시트상세설명
logo
Eichhoff Electronics,In...
F022-730 EICHHOFF-F022-730 Datasheet
74Kb / 2P
   Funk-Entst철rfilter f체r Frequenzumrichter Radio-Interference Suppression
F022-760 EICHHOFF-F022-760 Datasheet
75Kb / 2P
   Funk-Entst철rfilter f체r Frequenzumrichter Funk-Entst철rfilter f체r Frequenzumrichter
F011-227 EICHHOFF-F011-227 Datasheet
165Kb / 4P
   Funk-Entst철rfilter f체r 3 Phasen Radio-Interference Suppression Filters
F022-755 EICHHOFF-F022-755 Datasheet
150Kb / 4P
   Funk-Entst철rfilter f체r Frequenzumrichter in Footprint-Ausf체hrung
F022-381 EICHHOFF-F022-381 Datasheet
221Kb / 4P
   Funk-Entst철rfilter mit Kaltger채testecker nach IEC Radio-Interference
F011-171 EICHHOFF-F011-171 Datasheet
89Kb / 2P
   Funk-Entst철rfilter im runden Metallgeh채use Radio-Interference Suppression Filters
F012-000 EICHHOFF-F012-000 Datasheet
258Kb / 4P
   Funk-Entst철rfilter im ovalen Metallgeh채use Radio-Interference Suppression Filters
F033-001 EICHHOFF-F033-001 Datasheet
231Kb / 4P
   Funk-Entst철rfilter im rechteckigen Metallgehause Radio-Interference Suppression Filter
F033-353 EICHHOFF-F033-353 Datasheet
110Kb / 2P
   Funk-Entst철rfilter fur 3 Phasen Radio-Interference Suppression Filters
F012-013 EICHHOFF-F012-013 Datasheet
97Kb / 2P
   Funk-Entst철rfilter f체r Printmontage im Kunststoffgeh채use und Metallgeh채use
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com