전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD4027BCN 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 CD4027BCN
상세설명  Dual J-K Master/Slave Flip-Flop with Set and Reset
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4027BCN 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  CD4027BCN Datasheet HTML 1Page - Fairchild Semiconductor CD4027BCN Datasheet HTML 2Page - Fairchild Semiconductor CD4027BCN Datasheet HTML 3Page - Fairchild Semiconductor CD4027BCN Datasheet HTML 4Page - Fairchild Semiconductor CD4027BCN Datasheet HTML 5Page - Fairchild Semiconductor CD4027BCN Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2004 Fairchild Semiconductor Corporation
DS005958
www.fairchildsemi.com
October 1987
Revised January 2004
CD4027BC
Dual J-K Master/Slave Flip-Flop with Set and Reset
General Description
The CD4027BC dual J-K flip-flops are monolithic comple-
mentary MOS (CMOS) integrated circuits constructed with
N- and P-channel enhancement mode transistors. Each
flip-flop has independent J, K, set, reset, and clock inputs
and buffered Q and Q outputs. These flip-flops are edge
sensitive to the clock input and change state on the posi-
tive-going transition of the clock pulses. Set or reset is
independent of the clock and is accomplished by a high
level on the respective input.
All inputs are protected against damage due to static dis-
charge by diode clamps to VDD and VSS.
Features
s Wide supply voltage range:
3.0V to 15V
s High noise immunity: 0.45 VDD (typ.)
s Low power TTL compatibility: Fan out of 2 driving 74L
or 1 driving 74LS
s Low power: 50 nW (typ.)
s Medium speed operation: 12 MHz (typ.) with 10V
supply
Ordering Code:
Connection Diagram
Top View
Truth Table
I
= HIGH Level
O
= LOW Level
X
= Don’t Care
 = LOW-to-HIGH
 = HIGH-to-LOW
Note 1: tn−1 refers to the time interval prior to the positive clock pulse
transition
Note 2: tn refers to the time intervals after the positive clock pulse
transition
Note 3: Level Change
Order Number
Package Number
Package Description
CD4027BCM
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
CD4027BCN
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Inputs tn−1
(Note 1)
Outputs tn
(Note 2)
CL
(Note 3)
JK
S
R
Q
Q
Q

I
X
OOO
I
O

X
OOO
I
I
O

O
X
OOO
O
I

XI
O
O
I
O
I

X
X
O
O
X
(No Change)
XX
X
I
O
X
I
O
XX
X
O
I
X
O
I
XX
X
I
I
X
I
I


유사한 부품 번호 - CD4027BCN

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
CD4027BC NSC-CD4027BC Datasheet
125Kb / 6P
   Dual J-K Master/Slave Flip-Flop with Set and Reset
More results

유사한 설명 - CD4027BCN

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
CD4027BM NSC-CD4027BM Datasheet
125Kb / 6P
   Dual J-K Master/Slave Flip-Flop with Set and Reset
logo
ON Semiconductor
MC10135 ONSEMI-MC10135_02 Datasheet
112Kb / 8P
   Dual J-K Master-Slave Flip-Flop
January, 2002 ??Rev. 7
logo
Toshiba Semiconductor
TC4027BP TOSHIBA-TC4027BP Datasheet
270Kb / 7P
   DUAL J-K MASTER-SLAVE FLIP FLOP
logo
Micro Electronics
MMC4027 MICRO-ELECTRONICS-MMC4027 Datasheet
113Kb / 4P
   DUAL J-K MASTER SLAVE FLIP FLOP
logo
ON Semiconductor
MC10H135 ONSEMI-MC10H135 Datasheet
97Kb / 3P
   Dual J-K Master-Slave Flip-Flop
REV 6
MC10135 ONSEMI-MC10135 Datasheet
110Kb / 5P
   Dual J-K Master-Slave Flip-Flop
1996 REV 5
logo
Toshiba Semiconductor
TC4027BP TOSHIBA-TC4027BP_07 Datasheet
329Kb / 9P
   Dual J-K Master-Slave Flip Flop
logo
STMicroelectronics
HCF4027B STMICROELECTRONICS-HCF4027B_02 Datasheet
218Kb / 9P
   DUAL J-K MASTER SLAVE FLIP-FLOP
HCC4027B STMICROELECTRONICS-HCC4027B Datasheet
286Kb / 12P
   DUAL-J-K MASTER-SLAVE FLIP-FLOP
logo
Integral Corp.
IN74ACT112 INTEGRAL-IN74ACT112 Datasheet
202Kb / 5P
   DUAL J-K FLIP-FLOP WITH SET AND RESET
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com