전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

F022-757 데이터시트(PDF) 3 Page - Eichhoff Electronics,Inc.

부품명 F022-757
상세설명  Funk-Entst철rfilter f체r Frequenzumrichter in Footprint-Ausf체hrung
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EICHHOFF [Eichhoff Electronics,Inc.]
홈페이지  http://www.eichhoff.com/
Logo EICHHOFF - Eichhoff Electronics,Inc.

F022-757 데이터시트(HTML) 3 Page - Eichhoff Electronics,Inc.

  F022-757 Datasheet HTML 1Page - Eichhoff Electronics,Inc. F022-757 Datasheet HTML 2Page - Eichhoff Electronics,Inc. F022-757 Datasheet HTML 3Page - Eichhoff Electronics,Inc. F022-757 Datasheet HTML 4Page - Eichhoff Electronics,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
EICHHOFF Kondensatoren GmbH - Heidgraben 4 - 36110 Schlitz - Germany
sales@eichhoff.de
www.eichhoff.de
3 x 750 µH
3 x 750 µH
3 x 39 µH
Funk-Entstörfilter für Frequenzumrichter in Footprint-Ausführung
Radio-Interference Suppression Filters for Frequency Inverters in footprint style
Filtres d’antiparasitage pour convertisseurs de fréquence en construction „Footprint”
Die Funk-Entstörfilter entsprechen den Bestimmungen DIN EN 60939-2 (VDE 0565-3-1)
Filters meet the requirements of DIN EN 60939-2 (VDE 0565-3-1)
Les filtres répondent aux normes DIN EN 60939-2 (VDE 0565-3-1)
Teile-Nr.
Part number
Référence
Nenninduktivität
Rated inductance
Inductance nominale
Abmessungen/Dimensions
A
B
C
D
E
H
Bild
Fig.
ill.
30 A
45 A
80 A
F022-758/032-420
F022-758/045-420
F022-758/080-420
I
II
II
3 x 4 µFX2 +3 x 4 µFX2
+ 3 x 4 µFX2 + 2 µFX2
3 x 0,1 µFY2 + 3 x 2 µFX2
+ 3 x 0,1 µFY2 + 3 x 2 µFX2
+ 3 x 0,1 µFY2 + 3 x 2 µFX2
3 x 4 µFX2 +3 x 4 µFX2
+ 3 x 4 µFY2 + 2 µFX2
Nennstrom
Rated current
Courant nominal
Nennkapazität
Rated capacitance
Capacité nominale
3 x 1,2 mH
3 x 1,2 mH
3 x 39 µH
3 x 1
mH
3 x 1
mH
400
430
410
250
230
200
440
460
450
460
480
470
200
200
155
60
60
90
Bild / Fig. / ill. I
Bild / Fig. / ill. II
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀฀
฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀
฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀฀
฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀
฀฀฀


유사한 부품 번호 - F022-757

제조업체부품명데이터시트상세설명
logo
Eichhoff Electronics,In...
F022-730 EICHHOFF-F022-730 Datasheet
74Kb / 2P
   Funk-Entst철rfilter f체r Frequenzumrichter Radio-Interference Suppression
F022-740 EICHHOFF-F022-740 Datasheet
199Kb / 8P
   Funk-Entst철rfilter f체r Frequenzumrichter Radio-Interference
F022-748 EICHHOFF-F022-748 Datasheet
199Kb / 8P
   Funk-Entst철rfilter f체r Frequenzumrichter Radio-Interference
F022-760 EICHHOFF-F022-760 Datasheet
75Kb / 2P
   Funk-Entst철rfilter f체r Frequenzumrichter Funk-Entst철rfilter f체r Frequenzumrichter
More results

유사한 설명 - F022-757

제조업체부품명데이터시트상세설명
logo
Eichhoff Electronics,In...
F022-760 EICHHOFF-F022-760 Datasheet
75Kb / 2P
   Funk-Entst철rfilter f체r Frequenzumrichter Funk-Entst철rfilter f체r Frequenzumrichter
F033-056 EICHHOFF-F033-056 Datasheet
67Kb / 2P
   Funk-Entst철rfilter f체r Frequenz-Umrichter in Footprint-Ausf체hrung
F022-299 EICHHOFF-F022-299 Datasheet
199Kb / 8P
   Funk-Entst철rfilter f체r Frequenzumrichter Radio-Interference
F022-730 EICHHOFF-F022-730 Datasheet
74Kb / 2P
   Funk-Entst철rfilter f체r Frequenzumrichter Radio-Interference Suppression
F012-013 EICHHOFF-F012-013 Datasheet
97Kb / 2P
   Funk-Entst철rfilter f체r Printmontage im Kunststoffgeh채use und Metallgeh채use
F011-227 EICHHOFF-F011-227 Datasheet
165Kb / 4P
   Funk-Entst철rfilter f체r 3 Phasen Radio-Interference Suppression Filters
F012-401 EICHHOFF-F012-401 Datasheet
107Kb / 2P
   Funk-Entst철rfilter im rechteckigen Kunststoffgeh채use
F023-041 EICHHOFF-F023-041 Datasheet
127Kb / 2P
   Funk-Entst철rfilter mit Kaltger채testecker nach IEC
F011-126 EICHHOFF-F011-126 Datasheet
250Kb / 6P
   Funk-Entst철rfilter im runden Metallgeh채use mit Gewindezapfen
F011-180 EICHHOFF-F011-180 Datasheet
96Kb / 2P
   Funk-Entst철rfilter im ovalen oder rechteckigen Metallgeh채use
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com