전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2575T-5.0 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 LM2575T-5.0
상세설명  SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM2575T-5.0 데이터시트(HTML) 7 Page - Texas Instruments

Back Button LM2575T-5.0 Datasheet HTML 3Page - Texas Instruments LM2575T-5.0 Datasheet HTML 4Page - Texas Instruments LM2575T-5.0 Datasheet HTML 5Page - Texas Instruments LM2575T-5.0 Datasheet HTML 6Page - Texas Instruments LM2575T-5.0 Datasheet HTML 7Page - Texas Instruments LM2575T-5.0 Datasheet HTML 8Page - Texas Instruments LM2575T-5.0 Datasheet HTML 9Page - Texas Instruments LM2575T-5.0 Datasheet HTML 10Page - Texas Instruments LM2575T-5.0 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
LM1575, LM2575-N, LM2575HV
www.ti.com
SNVS106E – MAY 1999 – REVISED APRIL 2013
ELECTRICAL CHARACTERISTICS ALL OUTPUT VOLTAGE VERSIONS
Specifications with standard type face are for TJ = 25°C, and those with boldface type apply over full Operating
Temperature Range. Unless otherwise specified, VIN = 12V for the 3.3V, 5V, and Adjustable version, VIN = 25V for the 12V
version, and VIN = 30V for the 15V version. ILOAD = 200 mA.
LM2575-XX
LM1575-XX
Units
LM2575HV-XX
Symbol
Parameter
Conditions
Typ
(Limits)
Limit (1)
Limit (2)
DEVICE PARAMETERS
Ib
Feedback Bias Current
VOUT = 5V (Adjustable Version Only)
50
100/500
100/500
nA
fO
Oscillator Frequency
See (3)
52
kHz
47/43
47/42
kHz(Min)
58/62
58/63
kHz(Max)
VSAT
Saturation Voltage
IOUT = 1A
(4)
0.9
V
1.2/1.4
1.2/1.4
V(Max)
DC
Max Duty Cycle (ON)
See (5)
98
%
93
93
%(Min)
ICL
Current Limit
Peak Current (4)(3)
2.2
A
1.7/1.3
1.7/1.3
A(Min)
3.0/3.2
3.0/3.2
A(Max)
IL
Output Leakage
Output = 0V
2
2
mA(Max)
Current
Output =
−1V
7.5
mA
Output =
−1V (6)(7)
30
30
mA(Max)
IQ
Quiescent Current
See (6)
5
mA
10/12
10
mA(Max)
ISTBY
Standby Quiescent
ON /OFF Pin = 5V (OFF)
50
μA
Current
200/500
200
μA(Max)
θJA
Thermal Resistance
TO-220 Package, Junction to Ambient (8)
65
θJA
TO-220 Package, Junction to Ambient (9)
45
θJC
TO-220 Package, Junction to Case
2
θJA
CDIP Package, Junction to Ambient (10)
85
°C/W
θJA
SOIC Package, Junction to Ambient (10)
100
θJA
DDPAK/TO-263 Package, Junction to Ambient
37
(11)
(1)
All limits specified at room temperature (standard type face) and at temperature extremes (bold type face). All limits are used to
calculate Average Outgoing Quality Level, and all are 100% production tested.
(2)
All limits specified at room temperature (standard type face) and at temperature extremes (bold type face). All room temperature limits
are 100% production tested. All limits at temperature extremes are specified via correlation using standard Statistical Quality Control
(SQC) methods.
(3)
The oscillator frequency reduces to approximately 18 kHz in the event of an output short or an overload which causes the regulated
output voltage to drop approximately 40% from the nominal output voltage. This self protection feature lowers the average power
dissipation of the IC by lowering the minimum duty cycle from 5% down to approximately 2%.
(4)
Output (pin 2) sourcing current. No diode, inductor or capacitor connected to output pin.
(5)
Feedback (pin 4) removed from output and connected to 0V.
(6)
Feedback (pin 4) removed from output and connected to +12V for the Adjustable, 3.3V, and 5V versions, and +25V for the 12V and 15V
versions, to force the output transistor OFF.
(7)
VIN = 40V (60V for the high voltage version).
(8)
Junction to ambient thermal resistance (no external heat sink) for the 5 lead TO-220 package mounted vertically, with ½ inch leads in a
socket, or on a PC board with minimum copper area.
(9)
Junction to ambient thermal resistance (no external heat sink) for the 5 lead TO-220 package mounted vertically, with ½ inch leads
soldered to a PC board containing approximately 4 square inches of copper area surrounding the leads.
(10) Junction to ambient thermal resistance with approximately 1 square inch of pc board copper surrounding the leads. Additional copper
area will lower thermal resistance further. See thermal model in Switchers made Simple software.
(11) If the DDPAK/TO-263 package is used, the thermal resistance can be reduced by increasing the PC board copper area thermally
connected to the package: Using 0.5 square inches of copper area,
θJA is 50°C/W; with 1 square inch of copper area, θJA is 37°C/W;
and with 1.6 or more square inches of copper area,
θJA is 32°C/W.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM1575 LM2575-N LM2575HV


유사한 부품 번호 - LM2575T-5.0

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2575T-5.0 NSC-LM2575T-5.0 Datasheet
725Kb / 27P
   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2575T-5.0 NSC-LM2575T-5.0 Datasheet
848Kb / 28P
   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2575T-5.0 TI1-LM2575T-5.0 Datasheet
5Mb / 44P
[Old version datasheet]   LM1575/LM2575/LM2575HV SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2575T-5.0 TI1-LM2575T-5.0 Datasheet
5Mb / 43P
[Old version datasheet]   LM1575/LM2575/LM2575HV SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2575T-5.0 TI1-LM2575T-5.0 Datasheet
756Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
More results

유사한 설명 - LM2575T-5.0

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM1575 NSC-LM1575_07 Datasheet
848Kb / 28P
   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
LM22672 NSC-LM22672 Datasheet
435Kb / 18P
   1A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM2575T-12 TI-LM2575T-12 Datasheet
5Mb / 44P
[Old version datasheet]   LM1575/LM2575/LM2575HV SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
LM2575HVS-ADJ TI-LM2575HVS-ADJ Datasheet
5Mb / 44P
[Old version datasheet]   LM1575/LM2575/LM2575HV SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM22675 NSC-LM22675 Datasheet
566Kb / 16P
   1A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Precision Enable
logo
Texas Instruments
LM2576S-5.0-NOPB TI1-LM2576S-5.0-NOPB Datasheet
3Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LMR12010 NSC-LMR12010 Datasheet
417Kb / 16P
   SIMPLE SWITCHER짰 20Vin, 1A Step-Down Voltage Regulator in SOT-23
logo
Texas Instruments
LM2595 TI1-LM2595_13 Datasheet
3Mb / 41P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2675_0506 NSC-LM2675_0506 Datasheet
913Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
Texas Instruments
LMR12010 TI1-LMR12010_14 Datasheet
1Mb / 27P
[Old version datasheet]   SIMPLE SWITCHER짰 20Vin, 1A Step-Down Voltage Regulator in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com