전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACE1202BVM8X 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 ACE1202BVM8X
상세설명  Arithmetic Controller Engine (ACEx?? for Low Power Applications
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ACE1202BVM8X 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  ACE1202BVM8X Datasheet HTML 1Page - Fairchild Semiconductor ACE1202BVM8X Datasheet HTML 2Page - Fairchild Semiconductor ACE1202BVM8X Datasheet HTML 3Page - Fairchild Semiconductor ACE1202BVM8X Datasheet HTML 4Page - Fairchild Semiconductor ACE1202BVM8X Datasheet HTML 5Page - Fairchild Semiconductor ACE1202BVM8X Datasheet HTML 6Page - Fairchild Semiconductor ACE1202BVM8X Datasheet HTML 7Page - Fairchild Semiconductor ACE1202BVM8X Datasheet HTML 8Page - Fairchild Semiconductor ACE1202BVM8X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
3
www.fairchildsemi.com
ACE1202 Product Family Rev. B.1
Absolute Maximum Ratings
Ambient Storage Temperature
-65
°C to +150°C
Input Voltage not including G3
-0.3V to V
CC+0.3V
G3 Input Voltage
0.3V to 13V
Lead Temperature (10s max)
+300
°C
Electrostatic Discharge on all pins
2000V min
Operating Conditions
Relative Humidity (non-condensing)
95%
EEPROM write limits
See DC Electrical
Characteristics
2.0 Electrical Characteristics
Part Number Operating Voltage Ambient Operating Temperature
ACE1202
2.2 to 5.5V
0
°C to 70°C
ACE12022
2.2 to 5.5V
0
°C to 70°C
ACE1202E
2.2 to 5.5V
-40
°C to +85°C
ACE12022E
2.2 to 5.5V
-40
°C to +85°C
ACE1202V
2.2 to 5.5V
-40
°C to +125°C
ACE1202B
2.7 to 5.5V
0
°C to 70°C
ACE12022B
2.7 to 5.5V
0
°C to 70°C
ACE1202BE
2.7 to 5.5V
-40
°C to +85°C
ACE12022BE
2.7 to 5.5V
-40
°C to +85°C
ACE1202BV
2.7 to 5.5V
-40
°C to +125°C
ACE12022BV
2.7 to 5.5V
-40
°C to +125°C
ACE1202L
1.8 to 5.5V
0
°C to 70°C


유사한 부품 번호 - ACE1202BVM8X

제조업체부품명데이터시트상세설명
logo
ACE Technology Co., LTD...
ACE12021A ACE-ACE12021A Datasheet
221Kb / 3P
   Dual P-Channel Enhancement Mode MOSFET
VER 1.1
ACE12021AKG+H ACE-ACE12021AKG+H Datasheet
221Kb / 3P
   Dual P-Channel Enhancement Mode MOSFET
VER 1.1
More results

유사한 설명 - ACE1202BVM8X

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
ACE1101 FAIRCHILD-ACE1101 Datasheet
152Kb / 33P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1001 FAIRCHILD-ACE1001 Datasheet
510Kb / 32P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1501 FAIRCHILD-ACE1501 Datasheet
1Mb / 33P
   ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE8000 FAIRCHILD-ACE8000 Datasheet
203Kb / 31P
   ACE8001 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1502 FAIRCHILD-ACE1502 Datasheet
1Mb / 33P
   Arithmetic Controller Engine for Low Power Applications
FAN302UL FAIRCHILD-FAN302UL Datasheet
1Mb / 19P
   PWM Controller for Low Standby Power Battery-Charger Applications
logo
Analog Devices
ADP1043 AD-ADP1043 Datasheet
141Kb / 8P
   Digital Controller for Isolated Power Supply Applications
Rev. PrA
ADP1043A AD-ADP1043A Datasheet
1Mb / 72P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1046A AD-ADP1046A Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
logo
Fairchild Semiconductor
FAN302HLMY FAIRCHILD-FAN302HLMY Datasheet
1Mb / 18P
   PWM Controller for Low Standby Power Battery- Charger Applications ??mWSaver??Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com