전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BDW94 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 BDW94
상세설명  Power Linear and Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BDW94 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  BDW94 Datasheet HTML 1Page - Fairchild Semiconductor BDW94 Datasheet HTML 2Page - Fairchild Semiconductor BDW94 Datasheet HTML 3Page - Fairchild Semiconductor BDW94 Datasheet HTML 4Page - Fairchild Semiconductor BDW94 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
Electrical Characteristics T
C=25°C unless otherwise noted
* Pulse Test: PW=300
µs, duty Cycle =1.5% Pulsed
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
VCEO(sus)
Collector-Emitter Sustaining Voltage
: BDW94
: BDW94A
: BDW94B
: BDW94C
IC = - 100mA, IB = 0
- 45
- 60
- 80
- 100
V
V
V
V
ICBO
Collector Cut-off Current
: BDW94
: BDW94A
: BDW94B
: BDW94C
VCB = - 45V, IE = 0
VCB = - 60V, IE = 0
VCB = - 80V, IE = 0
VCB = - 100V, IE = 0
- 100
- 100
- 100
- 100
µA
µA
µA
µA
ICEO
Collector Cut-off Current
: BDW94
: BDW94A
: BDW94B
: BDW94C
VCE = - 45V, IB = 0
VCE = - 60V, IB = 0
VCE = - 80V, IB = 0
VCE = - 100V, IB = 0
-1
- 1
- 1
- 1
mA
mA
mA
mA
IEBO
Emitter Cut-off Current
VEB = - 5V, IC = 0
- 2
mA
hFE
* DC Current Gain
VCE = - 3V, IC = -3A
VCE = - 3V, IC = - 5A
VCE = - 3V, IC = - 10A
1000
750
100
20000
VCE(sat)
* Collector-Emitter Saturation Voltage
IC = - 5A, IB = - 20mA
IC = - 10A, IB = - 100mA
- 2
- 3
V
V
VBE(sat)
* Base-Emitter Saturation Voltage
IC = - 5A, IB = - 20mA
IC = - 10A, IB = - 100mA
- 2.5
- 4
V
V
VF
* Parallel Diode Forward Voltage
IF = - 5A
IF = -1 0A
- 1.3
- 1.8
- 2
- 4
V
V


유사한 부품 번호 - BDW94

제조업체부품명데이터시트상세설명
logo
Mospec Semiconductor
BDW94 MOSPEC-BDW94 Datasheet
183Kb / 4P
   POWER TRANSISTORS(12A,45-100V,80W)
logo
Power Innovations Ltd
BDW94 POINN-BDW94 Datasheet
152Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Transys Electronics
BDW94 TRSYS-BDW94 Datasheet
689Kb / 5P
   PNP SILICON POWER DARLINGTONS
logo
Fairchild Semiconductor
BDW94 FAIRCHILD-BDW94 Datasheet
43Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
Bourns Electronic Solut...
BDW94 BOURNS-BDW94 Datasheet
111Kb / 5P
   PNP SILICON POWER DARLINGTONS
More results

유사한 설명 - BDW94

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
BDX33 FAIRCHILD-BDX33 Datasheet
39Kb / 5P
   Power Linear and Switching Applications
BDX34 FAIRCHILD-BDX34 Datasheet
39Kb / 5P
   Power Linear and Switching Applications
logo
Comset Semiconductor
BD912 COMSET-BD912 Datasheet
101Kb / 3P
   POWER LINEAR AND SWITCHING APPLICATIONS
2N3055 COMSET-2N3055 Datasheet
146Kb / 2P
   POWER LINEAR AND SWITCHING APPLICATIONS
logo
Fairchild Semiconductor
BD241 FAIRCHILD-BD241 Datasheet
27Kb / 3P
   Medium Power Linear and Switching Applications
BD242 FAIRCHILD-BD242 Datasheet
27Kb / 3P
   Medium Power Linear and Switching Applications
BD376 FAIRCHILD-BD376 Datasheet
42Kb / 4P
   Medium Power Linear and Switching Applications
BD675A FAIRCHILD-BD675A Datasheet
39Kb / 4P
   Medium Power Linear and Switching Applications
BD13816S FAIRCHILD-BD13816S Datasheet
47Kb / 4P
   Medium Power Linear and Switching Applications
BD244C FAIRCHILD-BD244C Datasheet
43Kb / 4P
   Medium Power Linear and Switching Applications
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com