전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XX630A3PCM12 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 XX630A3PCM12
상세설명  ultrasonic sensor cylindrical M30 - Sn 8 m - NC NO - M12 connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

XX630A3PCM12 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  XX630A3PCM12 Datasheet HTML 1Page - List of Unclassifed Manufacturers XX630A3PCM12 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Aug 3, 2011
1
Product data sheet
Characteristics
XX630A3PCM12
ultrasonic sensor cylindrical M30 - Sn 8 m - NC
+ NO - M12 connector
Main
Range of product
OsiSense XX
Sensor type
Ultrasonic sensor
Series name
General purpose
Sensor name
XX6
Sensor design
Cylindrical M30
Detection system
Diffuse
[Sn] nominal sensing
distance
8 m adjustable with teach pushbutton
Material
Plastic
Type of output signal
Discrete
Discrete output function
1 NC + 1 NO
Wiring technique
4-wire
Discrete output type
PNP
[Us] rated supply volt-
age
12...24 V DC with reverse polarity protection
Electrical connection
Male connector M12 4 pins
[Sd] sensing range
0.203...8 m
Beam angle
16 °
IP degree of protection
IP67 conforming to IEC 60529
Complementary
Enclosure material
ULTEM
Front material
Epoxy
ISO thread
M30 x 1.5
Supply voltage limits
10...28 V DC
[Sa] assured operating distance
0.203...8 m (teach mode)
Maximum differential travel
12.7 mm
Blind zone
0...203 mm
Transmission frequency
75 kHz
Repeat accuracy
2.54 %
Deviation angle from 90° of object to be detected
-5...5 °
Minimum size of detected object
Cylinder diameter 50.8 mm up to 4732 mm sensing distance
Status LED
1 LED (green/red (flashing)) for setting-up assistance
Current consumption
50 mA
Maximum switching current
100 mA with overload and short-circuit protection
Voltage drop
< 1 V
Switching frequency
<= 2 Hz
Delay first up
800 ms
Delay response
200 ms
Delay recovery
200 ms
Marking
CE
Threaded length
64.3 mm
CAD overall height
44 mm
CAD overall width
44 mm
CAD overall depth
118 mm
Product weight
0.11 kg


유사한 설명 - XX630A3PCM12

제조업체부품명데이터시트상세설명
logo
Schneider Electric
XX930A3A2M12 SCHNEIDER-XX930A3A2M12 Datasheet
140Kb / 7P
   Ultrasonic sensors XX, ultrasonic sensor cylindrical M30, Sn 8 m, M12 connector
Apr 17, 2023
XX2V1A1PKM12J14 SCHNEIDER-XX2V1A1PKM12J14 Datasheet
77Kb / 3P
   ultrasonic sensor cylindrical M18 - 2 levels - Sn 8 m - 2 NO - M12 connector
Apr 17, 2023
XX518A3NAM12 SCHNEIDER-XX518A3NAM12 Datasheet
71Kb / 2P
   Ultrasonic sensors XX, ultrasonic sensor cylindrical M18, Sn 0.5 m, NO, M12 connector
Jan 12, 2022
XX518A3PAM12 SCHNEIDER-XX518A3PAM12 Datasheet
114Kb / 7P
   Ultrasonic sensors XX, ultrasonic sensor cylindrical M18, Sn 0.5 m, NO, M12 connector
Apr 17, 2023
XX218A3NAM12Z81 SCHNEIDER-XX218A3NAM12Z81 Datasheet
109Kb / 2P
   ultrasonic sensor cylindrical M18 - 2 filling levels - Sn 0.5 m - NO - M12
Apr 17, 2023
XX218A3PHM12 SCHNEIDER-XX218A3PHM12 Datasheet
93Kb / 6P
   Ultrasonic sensors XX, ultrasonic sensor cylindrical M18, 2 emptying levels, Sn 0.5 m, NO, M12
Jul 13, 2022
XXB18A3PAM12 SCHNEIDER-XXB18A3PAM12 Datasheet
84Kb / 6P
   Ultrasonic sensors XX, ultrasonic sensor, M18, reflex, Sn 0.5 m, NC, M12
Jul 14, 2022
XX7V1A1PAM12 SCHNEIDER-XX7V1A1PAM12 Datasheet
110Kb / 7P
   Ultrasonic sensors XX, ultrasonic sensor parallelepipedic, Sn 0.5 m, NO, M12 connector
Apr 17, 2023
XX7V1A1NAM12 SCHNEIDER-XX7V1A1NAM12 Datasheet
69Kb / 2P
   Ultrasonic sensors XX, ultrasonic sensor parallelepipedic, Sn 0.5 m, NO, M12 connector
Jan 12, 2022
XX518A3PAL2 SCHNEIDER-XX518A3PAL2 Datasheet
75Kb / 2P
   Ultrasonic sensors XX, ultrasonic sensor cylindrical M18, Sn 0.5 m, NO, cable 2 m
Jan 11, 2022
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com