전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD4050 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 CD4050
상세설명  Hex Inverting Buffer . Hex Non-Inverting Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4050 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  CD4050 Datasheet HTML 1Page - Fairchild Semiconductor CD4050 Datasheet HTML 2Page - Fairchild Semiconductor CD4050 Datasheet HTML 3Page - Fairchild Semiconductor CD4050 Datasheet HTML 4Page - Fairchild Semiconductor CD4050 Datasheet HTML 5Page - Fairchild Semiconductor CD4050 Datasheet HTML 6Page - Fairchild Semiconductor CD4050 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
October 1987
Revised January 1999
© 1999 Fairchild Semiconductor Corporation
DS005971.prf
www.fairchildsemi.com
CD4049UBC • CD4050BC
Hex Inverting Buffer •
Hex Non-Inverting Buffer
General Description
The CD4049UBC and CD4050BC hex buffers are mono-
lithic complementary MOS (CMOS) integrated circuits con-
structed with N- and P-channel enhancement mode
transistors. These devices feature logic level conversion
using only one supply voltage (VDD). The input signal high
level (VIH) can exceed the VDD supply voltage when these
devices are used for logic level conversions. These
devices are intended for use as hex buffers, CMOS to DTL/
TTL converters, or as CMOS current drivers, and at VDD =
5.0V, they can drive directly two DTL/TTL loads over the
full operating temperature range.
Features
s Wide supply voltage range:
3.0V to 15V
s Direct drive to 2 TTL loads at 5.0V over full temperature
range
s High source and sink current capability
s Special input protection permits input voltages greater
than VDD
Applications
• CMOS hex inverter/buffer
• CMOS to DTL/TTL hex converter
• CMOS current “sink” or “source” driver
• CMOS HIGH-to-LOW logic level converter
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagrams
Pin Assignments for DIP
CD4049UBC
Top View
CD4050BC
Top View
Order Number
Package Number
Package Description
CD4049UBCM
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150” Narrow
CD4049UBCN
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
CD4050BCM
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150” Narrow
CD4050BCN
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide


유사한 부품 번호 - CD4050

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
CD4050 ETC2-CD4050 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Texas Instruments
CD4050B TI-CD4050B Datasheet
77Kb / 18P
[Old version datasheet]   CMOS HEX BUFFERS/CONVERTERS
logo
Harris Corporation
CD4050B HARRIS-CD4050B Datasheet
75Kb / 10P
   CMOS Hex Buffer/Converters
logo
Texas Instruments
CD4050B TI-CD4050B Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Hex Buffer Converters
CD4050B TI1-CD4050B Datasheet
1Mb / 37P
[Old version datasheet]   CMOS Hex Buffer/Converters
More results

유사한 설명 - CD4050

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
CD4049UBC FAIRCHILD-CD4049UBC_02 Datasheet
73Kb / 7P
   Hex Inverting Buffer Hex Non-Inverting Buffer
CD4050BCMX FAIRCHILD-CD4050BCMX Datasheet
74Kb / 7P
   Hex Inverting Buffer ??Hex Non-Inverting Buffer
logo
National Semiconductor ...
CD4049UBM NSC-CD4049UBM Datasheet
129Kb / 6P
   Hex Inverting,Non-Inverting Buffer
logo
Fairchild Semiconductor
MM74C901 FAIRCHILD-MM74C901 Datasheet
69Kb / 6P
   Hex Inverting TTL Buffer . Hex Non-Inverting TTL Buffer
logo
Rochester Electronics
CD4049 ROCHESTER-CD4049 Datasheet
506Kb / 7P
   CD4049UBM Hex Inverting Buffer CD4050BMCD4050BC Hex Non-Inverting Buffer
logo
STMicroelectronics
HCF4010B STMICROELECTRONICS-HCF4010B_01 Datasheet
56Kb / 8P
   HEX BUFFER/CONVERTER (NON INVERTING)
HCF4010B STMICROELECTRONICS-HCF4010B Datasheet
467Kb / 10P
   HEX BUFFER/CONVERTER (NON INVERTING)
HCF4050B STMICROELECTRONICS-HCF4050B Datasheet
172Kb / 9P
   HEX BUFFER/CONVERTER (NON INVERTING)
logo
Toshiba Semiconductor
TC4049BP TOSHIBA-TC4049BP Datasheet
240Kb / 5P
   HEX BUFFER/CONVERTER (INVERTING TYPE, NON-INVERTING TYPE)
logo
National Semiconductor ...
MM54C901 NSC-MM54C901 Datasheet
136Kb / 6P
   Hex Inverting TTL, Non-Inverting TTL, Inverting CMOS, Non-Inverting CMOS Buffer
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com