전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD4512BC 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 CD4512BC
상세설명  8-Channel Buffered Data Selector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4512BC 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  CD4512BC Datasheet HTML 1Page - Fairchild Semiconductor CD4512BC Datasheet HTML 2Page - Fairchild Semiconductor CD4512BC Datasheet HTML 3Page - Fairchild Semiconductor CD4512BC Datasheet HTML 4Page - Fairchild Semiconductor CD4512BC Datasheet HTML 5Page - Fairchild Semiconductor CD4512BC Datasheet HTML 6Page - Fairchild Semiconductor CD4512BC Datasheet HTML 7Page - Fairchild Semiconductor CD4512BC Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics (Note 4)
TA = 25°C, tr = tf = 20 ns, CL = 50 pF
Note 4: AC Parameters are guaranteed by DC correlated testing.
Note 5: Capacitance guaranteed by periodic testing.
Note 6: CPD determines the no load AC power of any CMOS device. For complete explanation, see Family Characteristics Application Note, AN-90.
Symbol
Parameter
Conditions
CD4512BM
CD4512BC
Units
Min
Typ
Max
Min
Typ
Max
tPHL
Propagation Delay
VDD = 5V
225
500
225
750
ns
HIGH-to-LOW Level
VDD = 10V
75
175
75
200
ns
VDD = 15V
57
130
57
150
ns
tPLH
Propagation Delay
VDD = 5V
225
500
225
750
ns
LOW-to-HIGH Level
VDD = 10V
75
175
75
200
ns
VDD = 15V
57
130
57
150
ns
tTHL, tTLH
Transition Time
VDD = 5V
70
200
70
200
ns
VDD = 10V
35
100
35
100
ns
VDD = 15V
25
80
25
80
ns
tPHZ, tPLZ
Propagation Delay into
VDD = 5V
50
125
50
125
ns
3-STATE from Logic Level
VDD = 10V
25
75
25
75
ns
VDD = 15V
19
60
19
60
ns
tPZH, tPZL
Propagation Delay to Logic
VDD = 5V
50
125
50
125
ns
Level from 3-STATE
VDD = 10V
25
75
25
75
ns
VDD = 15V
19
60
19
60
ns
CIN
Input Capacitance
(Note 5)
7.5
15
7.5
15
pF
COUT
3-STATE Output
(Note 5)
7.5
15
7.5
15
pF
Capacitance
CPD
Power Dissipation Capacity
(Note 6)
150
150
pF


유사한 부품 번호 - CD4512BC

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
CD4512BC NSC-CD4512BC Datasheet
142Kb / 6P
   8-Channel Buffered Data Selector
CD4512BC NSC-CD4512BC Datasheet
142Kb / 6P
   8-Channel Buffered Data Selector
More results

유사한 설명 - CD4512BC

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
CD4512BC NSC-CD4512BC Datasheet
142Kb / 6P
   8-Channel Buffered Data Selector
CD4512BM NSC-CD4512BM Datasheet
142Kb / 6P
   8-Channel Buffered Data Selector
logo
ON Semiconductor
MC14512B ONSEMI-MC14512B Datasheet
178Kb / 8P
   8-Channel Data Selector
March, 2000 ??Rev. 3
logo
Toshiba Semiconductor
TC4512BP TOSHIBA-TC4512BP Datasheet
261Kb / 7P
   8-CHANNEL DATA SELECTOR
logo
Hitachi Semiconductor
HD14512B HITACHI-HD14512B Datasheet
81Kb / 7P
   8-channel Data Selector
logo
ON Semiconductor
MC14512B ONSEMI-MC14512B_14 Datasheet
110Kb / 6P
   8-Channel Data Selector
July, 2014 ??Rev. 10
logo
List of Unclassifed Man...
MMC4512 ETC-MMC4512 Datasheet
116Kb / 4P
   8-CHANNEL DATA SELECTOR
logo
Toshiba Semiconductor
TC4512BP TOSHIBA-TC4512BP_07 Datasheet
353Kb / 9P
   8-Channel Data Selector
logo
STMicroelectronics
HCF4512B STMICROELECTRONICS-HCF4512B_02 Datasheet
278Kb / 9P
   8 CHANNEL DATA SELECTOR
HCC4512B STMICROELECTRONICS-HCC4512B Datasheet
278Kb / 12P
   8-CHANNEL DATA SELECTOR
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com