전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD4541BCN 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 CD4541BCN
상세설명  Programmable Timer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4541BCN 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  CD4541BCN Datasheet HTML 1Page - Fairchild Semiconductor CD4541BCN Datasheet HTML 2Page - Fairchild Semiconductor CD4541BCN Datasheet HTML 3Page - Fairchild Semiconductor CD4541BCN Datasheet HTML 4Page - Fairchild Semiconductor CD4541BCN Datasheet HTML 5Page - Fairchild Semiconductor CD4541BCN Datasheet HTML 6Page - Fairchild Semiconductor CD4541BCN Datasheet HTML 7Page - Fairchild Semiconductor CD4541BCN Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
Absolute Maximum Ratings(Note 1)
(Note 2)
Recommended Operating
Conditions (Note 2)
Note 1: “Absolute Maximum Ratings” are those values beyond which the
safety of the device cannot be guaranteed. Except for “Operating Tempera-
ture Range” they are not meant to imply that the devices should be oper-
ated at these limits. The table of “Electrical Characteristics” provides
conditions for actual device operation.
Note 2: VSS = 0V unless otherwise specified.
DC Electrical Characteristics (Note 2)
Note 3: IOH and IOL are tested one output at a time.
Supply Voltage (VDD)
−0.5V to +18V
Input Voltage (VIN)
−0.5V to V
DD +0.5V
Storage Temperature Range (TS)
−65°C to +150°C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Lead Temperature (TL)
(soldering, 10 seconds)
260
°C
Supply Voltage (VDD)
3V to 15V
Input Voltage (VIN)
0 to VDD
Operating Temperature Range
−40°C to +85°C
Symbol
Parameter
Conditions
−40°C
+25°C
+85°C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device Current
VDD = 5V, VIN = VDD or VSS
20
0.005
20
150
µA
VDD = 10V, VIN = VDD or VSS
40
0.010
40
300
µA
VDD = 15V, VIN = VDD or VSS
80
0.015
80
600
µA
VOL
LOW Level Output Voltage
VDD = 5V
0.05
0
0.05
0.05
V
VDD = 10V |IO| < 1µA
0.05
0
0.05
0.05
V
VDD = 15V
0.05
0
0.05
0.05
V
VOH
HIGH Level Output Voltage
VDD = 5V
4.95
4.95
5
4.95
V
VDD = 10V |IO| < 1 µA
9.95
9.95
10
9.95
V
VDD = 15V
14.95
14.95
15
14.95
V
VIL
LOW Level Input Voltage
VDD = 5V, VO = 0.5V or 4.5V
1.5
2
1.5
1.5
V
VDD = 10V, VO = 1.0V or 9.0V
3.0
4
3.0
3.0
V
VDD = 15V, VO = 1.5V or 13.5V
4.0
6
4.0
4.0
V
VIH
HIGH Level Input Voltage
VDD = 5V, VO = 0.5V or 4.5V
3.5
3.5
3
3.5
V
VDD = 10V, VO = 1.0V or 9.0V
7.0
7.0
6
7.0
V
VDD = 15V, VO = 1.5V or 13.5V
11.0
11.0
9
11.0
V
IOL
LOW Level Output Current
VDD = 5V, VO = 0.4V
2.32
1.96
3.6
1.6
mA
(Note 3)
VDD = 10V, VO = 0.5V
3.18
2.66
9.0
2.18
mA
VDD = 15V, VO = 1.5V
12.4
10.4
34.0
8.50
mA
IOH
HIGH Level Output Current
VDD = 5V, VO = 2.5V
5.1
4.27
130
3.5
mA
(Note 3)
VDD = 10V, VO = 9.5V
2.69
2.25
8.0
1.85
mA
VDD = 15V, VO = 13.5V
10.5
8.8
30.0
7.22
mA
IIN
Input Current
VDD = 15V, VIN = 0V
−0.3
−10−5
−0.3
−1.0
µA
VDD = 15V, VIN = 15V
0.3
10−5
0.3
1.0
µA


유사한 부품 번호 - CD4541BCN

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
CD4541BCN FAIRCHILD-CD4541BCN Datasheet
86Kb / 8P
   Programmable Timer
logo
List of Unclassifed Man...
CD4541BCN ETC2-CD4541BCN Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

유사한 설명 - CD4541BCN

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC14541B ONSEMI-MC14541B Datasheet
195Kb / 8P
   Programmable Timer
March, 2000 ??Rev. 6
logo
NXP Semiconductors
HEF4541B PHILIPS-HEF4541B Datasheet
144Kb / 8P
   Programmable timer
January 1995
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC_02 Datasheet
86Kb / 8P
   Programmable Timer
logo
SELEC Controls Pvt. Ltd
XT532 SELEC-XT532 Datasheet
135Kb / 2P
   PROGRAMMABLE TIMER
logo
Motorola, Inc
MC14536B MOTOROLA-MC14536B Datasheet
333Kb / 13P
   PROGRAMMABLE TIMER
logo
Unisonic Technologies
CD4541 UTC-CD4541_12 Datasheet
262Kb / 7P
   PROGRAMMABLE TIMER
logo
ON Semiconductor
MC14536B ONSEMI-MC14536B_06 Datasheet
150Kb / 14P
   Programmable Timer
April, 2006 ??Rev. 9
logo
System Logic Semiconduc...
SL4541B SLS-SL4541B Datasheet
47Kb / 5P
   Programmable Timer
logo
ON Semiconductor
MC14536B ONSEMI-MC14536B Datasheet
294Kb / 16P
   Programmable Timer
March, 2000 ??Rev. 5
logo
STMicroelectronics
HCC4536B STMICROELECTRONICS-HCC4536B Datasheet
351Kb / 17P
   PROGRAMMABLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com