전자부품 데이터시트 검색엔진 |
|
DM7406N 데이터시트(PDF) 1 Page - Fairchild Semiconductor |
|
DM7406N 데이터시트(HTML) 1 Page - Fairchild Semiconductor |
1 / 4 page © 2000 Fairchild Semiconductor Corporation DS006496 www.fairchildsemi.com December 1986 Revised February 2000 DM7406 Hex Inverting Buffers with High Voltage Open-Collector Outputs General Description This device contains six independent buffers each of which performs the logic INVERT function. The open-collector outputs require external pull-up resistors for proper logical operation. Pull-Up Resistor Equations Where: N1 (IOH) = total maximum output high current for all outputs tied to pull-up resistor N2 (IIH) = total maximum input high current for all inputs tied to pull-up resistor N3 (IIL) = total maximum input low current for all inputs tied to pull-up resistor Ordering Code: Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code. Connection Diagram Function Table Y = A H = HIGH Logic Level L = LOW Logic Level Order Number Package Number Package Description DM7406M M14A 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow DM7406N N14A 14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide Input Output AY LH HL |
유사한 부품 번호 - DM7406N |
|
유사한 설명 - DM7406N |