전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7710ANZ 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD7710ANZ
상세설명  Signal Conditioning ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7710ANZ 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD7710ANZ Datasheet HTML 7Page - Analog Devices AD7710ANZ Datasheet HTML 8Page - Analog Devices AD7710ANZ Datasheet HTML 9Page - Analog Devices AD7710ANZ Datasheet HTML 10Page - Analog Devices AD7710ANZ Datasheet HTML 11Page - Analog Devices AD7710ANZ Datasheet HTML 12Page - Analog Devices AD7710ANZ Datasheet HTML 13Page - Analog Devices AD7710ANZ Datasheet HTML 14Page - Analog Devices AD7710ANZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
AD7710
REV. G
–11–
Table I. Output Noise vs. Gain and First Notch Frequency
First Notch of
Typical Output RMS Noise ( V)
Filter and O/P –3 dB
Data Rate
1
Frequency
Gain of 1
Gain of 2
Gain of 4
Gain of 8
Gain of 16
Gain of 32
Gain of 64
Gain of 128
10 Hz
2
2.62 Hz
1.0
0.78
0.48
0.33
0.25
0.25
0.25
0.25
25 Hz
2
6.55 Hz
1.8
1.1
0.63
0.5
0.44
0.41
0.38
0.38
30 Hz
2
7.86 Hz
2.5
1.31
0.84
0.57
0.46
0.43
0.4
0.4
50 Hz
2
13.1 Hz
4.33
2.06
1.2
0.64
0.54
0.46
0.46
0.46
60 Hz
2
15.72 Hz
5.28
2.36
1.33
0.87
0.63
0.62
0.6
0.56
100 Hz
3
26.2 Hz
13
6.4
3.7
1.8
1.1
0.9
0.65
0.65
250 Hz
3
65.5 Hz
130
75
25
12
7.5
4
2.7
1.7
500 Hz
3
131 Hz
0.6
× 103 0.26 × 103
140
70
35
25
15
8
1 kHz
3
262 Hz
3.1
× 103 1.6 × 103
0.7
× 103
0.29
× 103 180
120
70
40
NOTES
1The default condition (after the internal power-on reset) for the first notch of filter is 60 Hz.
2For these filter notch frequencies, the output rms noise is primarily dominated by device noise, and, as a result, is independent of the value of the reference voltage.
Therefore, increasing the reference voltage will give an increase in the effective resolution of the device (that is, the ratio of the rms noise to the input full scale is
increased because the output rms noise remains constant as the input full scale increases).
3For these filter notch frequencies, the output rms noise is dominated by quantization noise, and, as a result, is proportional to the value of the reference voltage.
Table II. Effective Resolution vs. Gain and First Notch Frequency
First Notch of
Effective Resolution
* (Bits)
Filter and O/P –3 dB
Data Rate
Frequency
Gain of 1
Gain of 2
Gain of 4
Gain of 8
Gain of 16
Gain of 32
Gain of 64
Gain of 128
10 Hz
2.62 Hz
22.5
21.5
21.5
21
20.5
19.5
18.5
17.5
25 Hz
6.55 Hz
21.5
21
21
20
19.5
18.5
17.5
16.5
30 Hz
7.86 Hz
21
21
20.5
20
19.5
18.5
17.5
16.5
50 Hz
13.1 Hz
20
20
20
19.5
19
18.5
17.5
16.5
60 Hz
15.72 Hz
20
20
20
19.5
19
18
17
16
100 Hz
26.2 Hz
18.5
18.5
18.5
18.5
18
17.5
17
16
250 Hz
65.5 Hz
15
15
15.5
15.5
15.5
15.5
15
14.5
500 Hz
131 Hz
13
13
13
13
13
12.5
12.5
12.5
1 kHz
262 Hz
10.5
10.5
11
11
11
10.5
10
10
NOTE
*Effective resolution is defined as the magnitude of the output rms noise with respect to the input full scale (i.e., 2
× V
REF/GAIN). The above table applies for a V REF
of 2.5 V and resolution numbers are rounded to the nearest 0.5 LSB.
Tables I and II show the output rms noise for some typical
notch and –3 dB frequencies. The numbers given are for the
bipolar input ranges with a VREF of 2.5 V. These numbers are
typical and are generated with an analog input voltage of 0 V.
The output noise from the part comes from two sources. First,
there is the electrical noise in the semiconductor devices used in
the implementation of the modulator (device noise). Second,
when the analog input signal is converted into the digital do-
main, quantization noise is added. The device noise is at a low
level and is largely independent of frequency. The quantization
noise starts at an even lower level but rises rapidly with increas-
ing frequency to become the dominant noise source. Conse-
quently, lower filter notch settings (below 60 Hz approximately)
tend to be device-noise dominated while higher notch settings
are dominated by quantization noise. Changing the filter notch
and cutoff frequency in the quantization noise dominated region
results in a more dramatic improvement in noise performance
than it does in the device noise dominated region as shown in
Table I. Furthermore, quantization noise is added after the PGA,
so effective resolution is independent of gain for the higher filter
notch frequencies. Meanwhile, device noise is added in the PGA
and, therefore, effective resolution suffers a little at high gains
for lower notch frequencies.
At the lower filter notch settings (below 60 Hz), the no missing
codes performance of the device is at the 24-bit level. At the
higher settings, more codes will be missed until at the 1 kHz
notch setting; no missing codes performance is guaranteed
only to the 12-bit level. However, because the effective reso-
lution of the part is 10.5 bits for this filter notch setting, this
no missing codes performance should be more than adequate
for all applications.
The effective resolution of the device is defined as the ratio of
the output rms noise to the input full scale. This does not re-
main constant with increasing gain or with increasing band-
width. Table II is the same as Table I except that the output is
expressed in terms of effective resolution (the magnitude of the
rms noise with respect to 2
× V
REF/GAIN, the input full scale).
It is possible to do post filtering on the device to improve the
output data rate for a given –3 dB frequency and also to further
reduce the output noise (see the Digital Filtering section).


유사한 부품 번호 - AD7710ANZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7710AN AD-AD7710AN Datasheet
220Kb / 28P
   Signal Conditioning ADC
REV. F
AD7710AN AD-AD7710AN Datasheet
265Kb / 32P
   Signal Conditioning ADC
REV. G
More results

유사한 설명 - AD7710ANZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7712 AD-AD7712_15 Datasheet
258Kb / 28P
   Signal Conditioning ADC
REV. F
AD7711 AD-AD7711_17 Datasheet
354Kb / 29P
   Signal Conditioning ADC
AD7714 AD-AD7714_17 Datasheet
349Kb / 41P
   Signal Conditioning ADC
AD7710 AD-AD7710 Datasheet
220Kb / 28P
   Signal Conditioning ADC
REV. F
AD7712 AD-AD7712_17 Datasheet
304Kb / 29P
   Signal Conditioning ADC
AD7710 AD-AD7710_17 Datasheet
319Kb / 33P
   Signal Conditioning ADC
AD7710AR-REEL7 AD-AD7710AR-REEL7 Datasheet
265Kb / 32P
   Signal Conditioning ADC
REV. G
AD7714 AD-AD7714_15 Datasheet
298Kb / 40P
   Signal Conditioning ADC
REV. C
AD7710 AD-AD7710_15 Datasheet
265Kb / 32P
   Signal Conditioning ADC
REV. G
AD7712 AD-AD7712 Datasheet
229Kb / 28P
   LC2MOS Signal Conditioning ADC
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com