전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB20100 데이터시트(PDF) 4 Page - Leshan Radio Company

부품명 SB20100
상세설명  Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 20A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LRC [Leshan Radio Company]
홈페이지  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SB20100 데이터시트(HTML) 4 Page - Leshan Radio Company

  SB20100 Datasheet HTML 1Page - Leshan Radio Company SB20100 Datasheet HTML 2Page - Leshan Radio Company SB20100 Datasheet HTML 3Page - Leshan Radio Company SB20100 Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4. Update Record
版次
1
更新日期
2010-7-30
SB2020 thru SB20100
更新作者
周杰
更新记录
第一版


유사한 부품 번호 - SB20100

제조업체부품명데이터시트상세설명
logo
Gulf Semiconductor
SB20100 GULFSEMI-SB20100 Datasheet
123Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 20.0A
logo
Sangdest Microelectroni...
SB20100 SMC-SB20100 Datasheet
133Kb / 4P
   Guard Ring Die Construction for Transient Protection
logo
SMC Diode Solutions Co....
SB20100 SMCDIODE-SB20100 Datasheet
161Kb / 3P
   SB20100 SCHOTTKY RECTIFIER
Rev. A
logo
Shenzhen Luguang Electr...
SB20100CT LUGUANG-SB20100CT Datasheet
163Kb / 2P
   20A Dual Schottky Barrier Rectifier
logo
Formosa MS
SB20100CT FORMOSA-SB20100CT Datasheet
107Kb / 6P
   Schottky Barrier Rectifier
More results

유사한 설명 - SB20100

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
LMBR20S100SN56 LRC-LMBR20S100SN56 Datasheet
474Kb / 5P
   Schottky Barrier Rectifiers Reverse Voltage 100V Forward Current 20A
Rev.A Oct. 2022
SB1520 LRC-SB1520 Datasheet
356Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 15A
SB1220 LRC-SB1220 Datasheet
162Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 12A
SB1020 LRC-SB1020 Datasheet
162Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 10A
logo
Hi-Sincerity Mocroelect...
HSBR20100CT HSMC-HSBR20100CT Datasheet
176Kb / 5P
   Schottky Barrier Rectifiers (Reverse Voltage 100V to150V, Forward Current 20A)
logo
Leshan Radio Company
CSM5100LA LRC-CSM5100LA Datasheet
433Kb / 5P
   Schottky Barrier Rectifiers Reverse Voltage 100V Forward Current 5.0A
Rev.A Apr. 2021
SB320-E LRC-SB320-E Datasheet
210Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 3.0A
SB520 LRC-SB520 Datasheet
204Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 5.0A
logo
Hi-Sincerity Mocroelect...
HSR520 HSMC-HSR520 Datasheet
53Kb / 2P
   Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 5A)
HSR120 HSMC-HSR120 Datasheet
112Kb / 3P
   Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 1A)
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com