전자부품 데이터시트 검색엔진 |
|
SM2100B-E 데이터시트(PDF) 1 Page - Leshan Radio Company |
|
SM2100B-E 데이터시트(HTML) 1 Page - Leshan Radio Company |
1 / 9 page FEATURES * Plastic package has Underwriters Laboratory Flammability Classification 94V-0 * Low power loss,high efficiency * For use in low voltage high frequency inverters, free wheeling,and polarity protection applications * Guardring for over voltage protection * High temperature soldering guaranteed: 260 °C/10 seconds at terminals * IEC61000-4-2 ESD Air Contact≥ ±15KV Mechanical Data Case: JEDEC DO-214AA / SMB molded plastic over glass die Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end We declare that the material of product compliance Mounting Position: Any with ROHS requirements Weight: 0.098 g Handling precautin:None Electrical Characteristic 1.Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified. symbol SM220B- E SM230B- E SM240B- E SM250B- E SM260B- E SM280B- E SM2100B- E Unit SM220B SM230B SM240B SM250B SM260B SM280B SM2100B VRRM 20 30 40 50 60 80 100V VRSM 14 21 28 35 42 56 70V VDC 20 30 40 50 60 80 100V IF(AV) A IFSM A R θJA °C/W TJ, TSTG °C Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified. symbol SM220B- E SM230B- E SM240B- E SM250B- E SM260B- E SM280B- E SM2100B- E Unit VF V IR mA CJ PF NOTES: 1.8.0mm2 (.013mm thick) land areas –40 to +150 0.50 0.70 0.85 0.5 10.0 Maximum repetitive peak reverse voltage Maximum RSM voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375" (9.5mm) lead length (See fig. 1) Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Typical thermal resistance (Note 1) Operating junction and storage temperature range SM220B-E thru SM2100B-E 2.0 60 50 110 Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A Parameter Symbol device marking code Parameter Symbol Maximum DC reverse current TA = 25 °C at rated DC blocking voltage TA = 100 °C Maximum instantaneous forward voltage at 2.0A Typical junction capacitance at 4.0V, 1MHz |
유사한 부품 번호 - SM2100B-E |
|
유사한 설명 - SM2100B-E |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |