전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM540A 데이터시트(PDF) 3 Page - Leshan Radio Company

부품명 SM540A
상세설명  Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LRC [Leshan Radio Company]
홈페이지  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SM540A 데이터시트(HTML) 3 Page - Leshan Radio Company

  SM540A Datasheet HTML 1Page - Leshan Radio Company SM540A Datasheet HTML 2Page - Leshan Radio Company SM540A Datasheet HTML 3Page - Leshan Radio Company SM540A Datasheet HTML 4Page - Leshan Radio Company SM540A Datasheet HTML 5Page - Leshan Radio Company SM540A Datasheet HTML 6Page - Leshan Radio Company SM540A Datasheet HTML 7Page - Leshan Radio Company SM540A Datasheet HTML 8Page - Leshan Radio Company SM540A Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3. dimension:
SM520A thru SM5100A


유사한 부품 번호 - SM540A

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SM540A SECOS-SM540A Datasheet
236Kb / 2P
   5.0Amp Schottky Barrier Rectifiers
SM540A SECOS-SM540A Datasheet
201Kb / 2P
   Voltage 40V 4.0 Amp Schottky Barrier Rectifiers
logo
AiT Semiconductor Inc.
SM540A AITSEMI-SM540A Datasheet
486Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 5.0A
REV1.0
logo
Leshan Radio Company
SM540A-E LRC-SM540A-E Datasheet
300Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
logo
SeCoS Halbleitertechnol...
SM540AF SECOS-SM540AF Datasheet
242Kb / 2P
   20V ~200V 5.0 Amp Surface Mount Schottky Barrier Rectifiers
More results

유사한 설명 - SM540A

제조업체부품명데이터시트상세설명
logo
First Silicon Co., Ltd
SM520AF FS-SM520AF Datasheet
159Kb / 3P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
logo
Leshan Radio Company
SM520BF LRC-SM520BF Datasheet
302Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520BF-E LRC-SM520BF-E Datasheet
243Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520A-E LRC-SM520A-E Datasheet
300Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520B LRC-SM520B Datasheet
172Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520C LRC-SM520C Datasheet
193Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM320B LRC-SM320B Datasheet
84Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
SM320A LRC-SM320A Datasheet
253Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
SM120A LRC-SM120A Datasheet
174Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 1.0A
SM220A-E LRC-SM220A-E Datasheet
186Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com