전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM390C 데이터시트(PDF) 1 Page - Leshan Radio Company

부품명 SM390C
상세설명  VOLTAGE 20V ~ 100V 3.0AMP Surface Mount Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LRC [Leshan Radio Company]
홈페이지  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SM390C 데이터시트(HTML) 1 Page - Leshan Radio Company

  SM390C Datasheet HTML 1Page - Leshan Radio Company SM390C Datasheet HTML 2Page - Leshan Radio Company SM390C Datasheet HTML 3Page - Leshan Radio Company SM390C Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SM320C THRU SM3100C
VOLTAGE 20V ~ 100V
3.0AMP Surface Mount Schottky Barrier Rectifiers
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
See Fig. 1
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 3.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Typical Junction Capacitance (Note1)
3.0
100
2.0
20
17
-5
0
+125
-65
+150
A
A
V
mA
mA
pF
Typical Thermal Resistance RqJA (Note 2)
0.55
0.85
0.75
300
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance Junction to Ambient.
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Metallurgically bonded construction
* Polarity: Color band denotes cathode end
* Mounting position: Any
* Weight: 0.093 grams
FEATURES
* Ideal for surface mount applications
* Easy pick and place
* Built-in strain relief
* Low forward voltage drop
C
C
C/W
Operating
Storage Temperature Range TSTG
Temperature Range TJ
V
20
30
40
50
60
80
90
100
20
30
40
50
60
80
90
100
14
21
28
35
42
56
63
70
V
V
SM320C SM330C SM340C SM350C SM360C SM380C SM390C SM3100C
UNITS
DO-214AB
SMC
Cathode
Anode
LESHAN RADIO COMPANY, LTD.
1/3


유사한 부품 번호 - SM390C

제조업체부품명데이터시트상세설명
logo
UNIOHM CORPORATION
SM390C UNIOHM-SM390C Datasheet
66Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Taychipst Elec...
SM390C TAYCHIPST-SM390C Datasheet
3Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
AiT Semiconductor Inc.
SM390C AITSEMI-SM390C Datasheet
524Kb / 5P
   2 PIN SCHOTTKY DIODES 3.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
REV1.0
More results

유사한 설명 - SM390C

제조업체부품명데이터시트상세설명
logo
First Silicon Co., Ltd
SK37 FS-SK37 Datasheet
239Kb / 3P
   VOLTAGE 70V ~ 100V 3.0AMP Surface Mount Schottky Barrier Rectifiers
SK32A FS-SK32A Datasheet
186Kb / 3P
   VOLTAGE 20V ~ 60V 3.0AMP Surface Mount Schottky Barrier Rectifiers
SK32 FS-SK32 Datasheet
299Kb / 3P
   VOLTAGE 20V ~ 60V 3.0AMP Surface Mount Schottky Barrier Rectifiers
logo
WILLAS ELECTRONIC CORP
SK32AF WILLAS-SK32AF Datasheet
326Kb / 2P
   3.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V-200V
logo
First Silicon Co., Ltd
SK52 FS-SK52 Datasheet
360Kb / 4P
   VOLTAGE 20V ~ 100V 5.0AMP Surface Mount Schottky Barrier Rectifiers
SK52B FS-SK52B Datasheet
296Kb / 4P
   VOLTAGE 20V ~ 100V 5.0AMP Surface Mount Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
1N5820 SECOS-1N5820 Datasheet
119Kb / 2P
   VOLTAGE 20V ~ 40V 3.0AMP Schottky Barrier Rectifiers
SM320A SECOS-SM320A_12 Datasheet
208Kb / 2P
   Voltage 20V ~ 100V 3.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
First Silicon Co., Ltd
SS32A FS-SS32A Datasheet
285Kb / 3P
   Voltage 20V ~ 100V , 3.0 Amper Surface Mount Schottky Barrier Rectifiers
logo
E-CMOS Corporation
EC7122M E-CMOS-EC7122M Datasheet
418Kb / 2P
   2.0A Surface Mount Schottky Barrier Rectifiers - 20V- 100V
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com