전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8174ARZ 데이터시트(PDF) 1 Page - Analog Devices

부품명 AD8174ARZ
상세설명  250 MHz, 10 ns Switching Multiplexers w/Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8174ARZ 데이터시트(HTML) 1 Page - Analog Devices

  AD8174ARZ Datasheet HTML 1Page - Analog Devices AD8174ARZ Datasheet HTML 2Page - Analog Devices AD8174ARZ Datasheet HTML 3Page - Analog Devices AD8174ARZ Datasheet HTML 4Page - Analog Devices AD8174ARZ Datasheet HTML 5Page - Analog Devices AD8174ARZ Datasheet HTML 6Page - Analog Devices AD8174ARZ Datasheet HTML 7Page - Analog Devices AD8174ARZ Datasheet HTML 8Page - Analog Devices AD8174ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD8170/AD8174
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1996
FUNCTIONAL BLOCK DIAGRAM
1
2
3
4
8
7
6
5
AD8170
+1
+1
VOUT
–VIN
+VS
IN1
SELECT
GND
–VS
IN0
10
9
8
+1
AD8174
+1
+1
+1
2
2
14
13
12
11
1
2
3
4
5
6
7
+VS
VOUT
–VIN
SD
ENABLE
A1
A0
IN0
GND
IN1
GND
IN2
–VS
IN3
250 MHz, 10 ns Switching
Multiplexers w/Amplifier
FEATURES
Fully Buffered Inputs and Outputs
Fast Channel Switching: 10 ns
Internal Current Feedback Output Amplifier
High Output Drive: 50 mA
Flexible Gain Setting via External Resistor(s)
High Speed
250 MHz Bandwidth, G = +2
1000 V/ s Slew Rate
Fast Settling Time of 15 ns to 0.1%
Low Power: < 10 mA
Excellent Video Specifications (RL = 150
, G = +2)
Gain Flatness of 0.1 dB Beyond 80 MHz
0.02% Differential Gain Error
0.05 Differential Phase Error
Low Crosstalk of –78 dB @ 5 MHz
High Disable Isolation of –88 dB @ 5 MHz
High Shutdown Isolation of –92 dB @ 5 MHz
Low Cost
Fast Output Disable Feature for Connecting Multiple
Devices (AD8174 Only)
Shutdown Feature Reduces Power to 1.5 mA (AD8174 Only)
APPLICATIONS
Pixel Switching for “Picture-In-Picture”
LCD and Plasma Displays
Video Routers
PRODUCT DESCRIPTION
The AD8170(2:1) and AD8174(4:1) are very high speed
buffered multiplexers. These multiplexers offer an internal
current feedback output amplifier whose gain can be pro-
grammed via external resistors and is capable of delivering 50
mA of output current. They offer –3 dB signal bandwidth of
250 MHz and slew rate of greater than 1000 V/
µs. Additionally,
the AD8170 and AD8174 have excellent video specifications
with low differential gain and differential phase error of 0.02%
and 0.05
° and 0.1 dB flatness out to 80 MHz. With a low 78
dB of crosstalk and better than 88 dB isolation, these devices are
useful in many high speed applications. These are low power
devices consuming only 9.7 mA from a
±5 V supply.
The AD8174 offers a high speed disable feature allowing the
output to be put into a high impedance state for cascading
stages so that the off channels do not load the output bus.
Additionally, the AD8174 can be shut down (SD) when not in
use to minimize power consumption (IS = 1.5 mA). These
products will be offered in 8-lead and 14-lead PDIP and SOIC
packages.
VIN = 50mV rms
G = +2
RF = 499Ω (AD8170R)
RF = 549Ω (AD8174R)
RL = 100Ω
FREQUENCY – Hz
–0.5
–0.1
–0.2
–0.3
–0.4
0.1
0
0
–9
–5
–6
–7
–8
–3
–4
–1
–2
1M
10M
100M
1G
Figure 1. Small Signal Frequency Response


유사한 부품 번호 - AD8174ARZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8174AR AD-AD8174AR Datasheet
474Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
AD8174AR AD-AD8174AR Datasheet
476Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
AD8174AR-REEL AD-AD8174AR-REEL Datasheet
474Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
AD8174AR-REEL AD-AD8174AR-REEL Datasheet
476Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
More results

유사한 설명 - AD8174ARZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8170 AD-AD8170 Datasheet
474Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
AD8170ARZ AD-AD8170ARZ Datasheet
476Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
AD8180 AD-AD8180_15 Datasheet
256Kb / 12P
   10 ns Switching Multiplexers
REV. B
AD8182 AD-AD8182_15 Datasheet
256Kb / 12P
   10 ns Switching Multiplexers
REV. B
AD8180ARZ AD-AD8180ARZ Datasheet
256Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8180 AD-AD8180 Datasheet
253Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8182ARZ AD-AD8182ARZ Datasheet
256Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
logo
M/A-COM Technology Solu...
A83-1 MA-COM-A83-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 250 MHz
logo
Tyco Electronics
A70 MACOM-A70_1 Datasheet
369Kb / 2P
   Cascadable Amplifier 10 to 250 MHz
logo
M/A-COM Technology Solu...
A70-1 MA-COM-A70-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 250 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com