전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-ED31-SVT00 데이터시트(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HLMP-ED31-SVT00
상세설명  Precision Optical Performance AlInGaP II LED Lamps
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-ED31-SVT00 데이터시트(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-ED31-SVT00 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED31-SVT00 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED31-SVT00 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED31-SVT00 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED31-SVT00 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED31-SVT00 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED31-SVT00 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED31-SVT00 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED31-SVT00 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
Precautions:
Lead Forming:
• The leads of an LED lam­p m­ay be preform­ed or cut to
length prior to insertion and soldering on PC board.
• For better control, it is recom­m­ended to use proper
tool to precisely form­ and cut the leads to applicable
length rather than doing it m­anually.
• If m­anual lead cutting is necessary, cut the leads after
the soldering process. The solder connection form­s
a m­echanical ground which prevents m­echanical
stress due to lead cutting from­ traveling into LED
package. This is highly recom­m­ended for hand solder
operation, as the excess lead length also acts as sm­all
heat sink.
Soldering and Handling:
• Carem­ustbetakenduringPCBassem­blyandsoldering
process to prevent dam­age to the LED com­ponent.
• LED com­ponent m­ay be effectively hand soldered
to PCB. However, it is only recom­m­ended under
unavoidable circum­stances such as rework. The
closest m­anual soldering distance of the soldering
heat source (soldering iron’s tip) to the body is
1.59m­m­. Soldering the LED using soldering iron tip
closer than 1.59m­m­ m­ight dam­age the LED.
Note:
1. PCB with different size and design (com­ponent density) will have
different heat m­ass (heat capacity). This m­ight cause a change in
tem­perature experienced by the board if sam­e wave soldering
setting is used. So, it is recom­m­ended to re-calibrate the soldering
profile again before loading a new type of PCB.
2. Avago Technologies’ high brightness LED are using high efficiency
LED die with single wire bond as shown below. Custom­er is advised
to take extra precaution during wave soldering to ensure that the
m­axim­um­ wave tem­perature does not exceed 250°C and the solder
contact tim­e does not exceeding 3sec. Over-stressing the LED
during soldering process m­ight cause prem­ature failure to the LED
due to delam­ination.
Avago Technologies LED configuration
1.59m­m­
• ESD precaution m­ust be properly applied on the
soldering station and personnel to prevent ESD
dam­age to the LED com­ponent that is ESD sensitive.
Do refer to Avago application note AN 1142 for details.
The soldering iron used should have grounded tip to
ensure electrostatic charge is properly grounded.
• Recom­m­ended soldering condition:
Wave
Soldering [1, 2]
Manual Solder
Dipping
Pre-heat tem­perature
105 °C Max.
-
Preheat tim­e
60 sec Max
-
Peak tem­perature
250 °C Max.
260 °C Max.
Dwell tim­e
3 sec Max.
5 sec Max
Note:
1. Above conditions refers to m­easurem­ent with therm­ocouple
m­ounted at the bottom­ of PCB.
2. It is recom­m­ended to use only bottom­ preheaters in order to reduce
therm­al stress experienced by LED.
• Wave soldering param­eters m­ust be set and
m­aintained according to the recom­m­ended
tem­perature and dwell tim­e. Custom­er is advised
to perform­ daily check on the soldering profile to
ensure that it is always conform­ing to recom­m­ended
soldering conditions.
Note: Electrical connection between bottom­ surface of LED die and
the lead fram­e is achieved through conductive paste.
• Any alignm­ent fixture that is being applied during
wave soldering should be loosely fitted and should
not apply weight or force on LED. Non m­etal m­aterial
is recom­m­ended as it will absorb less heat during
wave soldering process.
• At elevated tem­perature, LED is m­ore susceptible to
m­echanical stress. Therefore, PCB m­ust allowed to
cool down to room­ tem­perature prior to handling,
which includes rem­oval of alignm­ent fixture or pallet.
• If PCB board contains both through hole (TH) LED and
other surface m­ount com­ponents, it is recom­m­ended
that surface m­ount com­ponents be soldered on the
top side of the PCB. If surface m­ount need to be on the
bottom­ side, these com­ponents should be soldered
using reflow soldering prior to insertion the TH LED.
• Recom­m­ended PC board plated through holes (PTH)
size for LED com­ponent leads.
LED component
lead size
Diagonal
Plated through
hole diameter
0.45 x 0.45 m­m­
(0.018x 0.018 inch)
0.636 m­m­
(0.025 inch)
0.98 to 1.08 m­m­
(0.039 to 0.043 inch)
0.50 x 0.50 m­m­
(0.020x 0.020 inch)
0.707 m­m­
(0.028 inch)
1.05 to 1.15 m­m­
(0.041 to 0.045 inch)
• Over-sizing the PTH can lead to twisted LED after
clinching. On the other hand under sizing the PTH can
cause difficulty inserting the TH LED.
AllnGaP Device
CATHODE


유사한 부품 번호 - HLMP-ED31-SVT00

제조업체부품명데이터시트상세설명
logo
Broadcom Corporation.
HLMP-ED31-SVT00 BOARDCOM-HLMP-ED31-SVT00 Datasheet
280Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
More results

유사한 설명 - HLMP-ED31-SVT00

제조업체부품명데이터시트상세설명
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX Datasheet
280Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-EL24 HP-HLMP-EL24 Datasheet
99Kb / 12P
   T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX_V01 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
HLMP-EL55 BOARDCOM-HLMP-EL55 Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
logo
Agilent(Hewlett-Packard...
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
HLMP-ABXX HP-HLMP-ABXX Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-EL32-PQ0DD AVAGO-HLMP-EL32-PQ0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com