전자부품 데이터시트 검색엔진 |
|
DM74ALS373SJ 데이터시트(PDF) 4 Page - Fairchild Semiconductor |
|
DM74ALS373SJ 데이터시트(HTML) 4 Page - Fairchild Semiconductor |
4 / 7 page www.fairchildsemi.com 4 Switching Characteristics over recommended operating free air temperature range Symbol Parameter Conditions From To Min Max Units tPLH Propagation Delay Time VCC = 4.5V to 5.5V Data Any Q 2 12 ns LOW-to-HIGH Level Output RL = 500Ω tPHL Propagation Delay Time CL = 50 pF Data Any Q 4 16 ns HIGH-to-LOW Level Output tPLH Propagation Delay Time Enable Any Q 6 22 ns LOW-to-HIGH Level Output tPHL Propagation Delay Time Enable Any Q 7 23 ns HIGH-to-LOW Level Output tPZH Output Enable Time Output Any Q 6 18 ns to HIGH Level Output Control tPZL Output Enable Time Output Any Q 5 20 ns to LOW Level Output Control tPHZ Output Disable Time Output Any Q 2 10 ns from HIGH Level Output Control tPLZ Output Disable Time Output Any Q 2 12 ns from LOW Level Output Control |
유사한 부품 번호 - DM74ALS373SJ |
|
유사한 설명 - DM74ALS373SJ |