전자부품 데이터시트 검색엔진 |
|
DM74ALS374N 데이터시트(PDF) 1 Page - Fairchild Semiconductor |
|
DM74ALS374N 데이터시트(HTML) 1 Page - Fairchild Semiconductor |
1 / 7 page © 2000 Fairchild Semiconductor Corporation DS006113 www.fairchildsemi.com September 1986 Revised February 2000 DM74ALS374 Octal 3-STATE D-Type Edge-Triggered Flip-Flop General Description This 8-bit register features totem-pole 3-STATE outputs designed specifically for driving highly-capacitive or rela- tively low-impedance loads. The high-impedance state and increased high-logic-level drive provides this register with the capability of being connected directly to and driving the bus lines in a bus-organized system without need for inter- face or pull-up components. It is particularly attractive for implementing buffer registers, I/O ports, bidirectional bus drivers, and working registers. The eight flip-flops of the DM74ALS374 are edge-triggered D-type flip-flops. On the positive transition of the clock, the Q outputs will be set to the logic states that were set up at the D inputs. A buffered output control input can be used to place the eight outputs in either a normal logic state (HIGH or LOW logic levels) or a high-impedance state. In the high-imped- ance state the outputs neither load nor drive the bus lines significantly. The output control does not affect the internal operation of the flip-flops. That is, the old data can be retained or new data can be entered even while the outputs are OFF. Features s Switching specifications at 50 pF s Switching specifications guaranteed over full temperature and VCC range s Advanced oxide-isolated, ion-implanted Schottky TTL process s Functionally and pin-for-pin compatible with LS TTL counterpart s Improved AC performance over DM74LS374 at approxi- mately half the power s 3-STATE buffer-type outputs drive bus lines directly Ordering Code: Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code. Connection Diagram Order Number Package Number Package Description DM74ALS374WM M20B 20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide DM74ALS374SJ M20D 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide DM74ALS374N N20A 20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide |
유사한 부품 번호 - DM74ALS374N |
|
유사한 설명 - DM74ALS374N |