전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DM74ALS534N 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 DM74ALS534N
상세설명  Octal D-Type Edge-Triggered Flip-Flop
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS534N 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  DM74ALS534N Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS534N Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS534N Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS534N Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS534N Datasheet HTML 5Page - Fairchild Semiconductor DM74ALS534N Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Note 2: The (
↑) arrow indicates the positive edge of the Clock is used for reference.
Electrical Characteristics
over recommended operating free air temperature range. All typical values are measured at VCC = 5V, TA = 25°C.
Supply Voltage
7V
Input Voltage
7V
Voltage Applied to Disabled Output
5.5V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Typical
θ
JA
N Package
57.0
°C
M Package
76.0
°C
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.5
5
5.5
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−2.6
mA
IOL
LOW Level Output Current
24
mA
fCLOCK
Clock Frequency
0
35
MHz
tW
Width of Clock Pulse
HIGH
14
ns
LOW
14
ns
tSU
Data Setup Time (Note 2)
10
ns
tH
Data Hold Time (Note 2)
0
ns
TA
Free Air Operating Temperature
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIK
Input Clamp Voltage
VCC = 4.5V, II = −18 mA
−1.5
V
VOH
HIGH Level
VCC = 4.5V
IOH = Max
2.4
3.2
V
Output Voltage
VCC = 4.5V to 5.5V
VCC − 2V
IOH = −400 µA
VOL
LOW Level
VCC = 4.5V
IOL = 12 mA
0.25
0.4
V
Output Voltage
IOL = 24 mA
0.35
0.5
V
II
Input Current at Maximum
VCC = 5.5V, VIH = 7V
0.1
mA
Input Voltage
IIH
HIGH Level Input Current
VCC = 5.5V, VIH = 2.7V
20
µA
IIL
LOW Level
VCC = 5.5V, VIL = 0.4V
All Others
−0.2
mA
Input Current
CLK, OC
−0.1
IO
Output Drive Current
VCC = 5.5V
VO = 2.25V
−30
−112
mA
IOZH
OFF-State Output Current
VCC = 5.5V
20
µA
HIGH Level Voltage Applied
VO = 2.7V
IOZL
OFF-State Output Current
VCC = 5.5V
−20
µA
LOW Level Voltage Applied
VO = 0.4V
ICC
Supply Current
VCC = 5.5V
Outputs HIGH
11
19
mA
Outputs OPEN
Outputs LOW
19
28
mA
Outputs Disabled
20
31
mA


유사한 부품 번호 - DM74ALS534N

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
DM74ALS533 FAIRCHILD-DM74ALS533 Datasheet
57Kb / 6P
   Octal D-Type Transparent Latch with 3-STATE Outputs
DM74ALS533N FAIRCHILD-DM74ALS533N Datasheet
57Kb / 6P
   Octal D-Type Transparent Latch with 3-STATE Outputs
DM74ALS533WM FAIRCHILD-DM74ALS533WM Datasheet
57Kb / 6P
   Octal D-Type Transparent Latch with 3-STATE Outputs
More results

유사한 설명 - DM74ALS534N

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
DM74ALS564A FAIRCHILD-DM74ALS564A Datasheet
59Kb / 6P
   Octal D-Type Edge-Triggered Flip-Flop with
DM74ALS374 FAIRCHILD-DM74ALS374 Datasheet
72Kb / 7P
   Octal 3-STATE D-Type Edge-Triggered Flip-Flop
MM74HC574 FAIRCHILD-MM74HC574 Datasheet
90Kb / 8P
   3-STATE Octal D-Type Edge-Triggered Flip-Flop
DM74ALS273 FAIRCHILD-DM74ALS273 Datasheet
76Kb / 7P
   Octal D-Type Edge-Triggered Flip-Flop with Clear
MM74HC574SJX FAIRCHILD-MM74HC574SJX Datasheet
105Kb / 8P
   3-STATE Octal D-Type Edge-Triggered Flip-Flop
logo
ON Semiconductor
MM74HC574 ONSEMI-MM74HC574 Datasheet
145Kb / 8P
   3-State Octal D-Type Edge-Triggered Flip-Flop
November, 2017 ??Rev. 2
logo
Mitsubishi Electric Sem...
M74LS273P MITSUBISHI-M74LS273P Datasheet
210Kb / 4P
   OCTAL POSITIVE EDGE-TRIGGERED D-TYPE FLIP FLOP WITH RESET
logo
Texas Instruments
74AC11374 TI-74AC11374 Datasheet
116Kb / 7P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOP WITH 3-STATE OUTPUTS
SN74F574 TI-SN74F574 Datasheet
69Kb / 5P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
74ACT11374 TI1-74ACT11374_15 Datasheet
855Kb / 18P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com