전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM3520C 데이터시트(PDF) 5 Page - Analog Power

부품명 AM3520C
상세설명  N & P-Channel 20-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANALOGPOWER [Analog Power]
홈페이지  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM3520C 데이터시트(HTML) 5 Page - Analog Power

  AM3520C Datasheet HTML 1Page - Analog Power AM3520C Datasheet HTML 2Page - Analog Power AM3520C Datasheet HTML 3Page - Analog Power AM3520C Datasheet HTML 4Page - Analog Power AM3520C Datasheet HTML 5Page - Analog Power AM3520C Datasheet HTML 6Page - Analog Power AM3520C Datasheet HTML 7Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AM3520C
PRELIMINARY
Publication Order Number:
DS-AM3520_F
Analog Power
5
Typical Electrical Characteristics (P-Channel)
Output Characteristics
Transfer Characteristics
On-Resistance vs. Junction Temperature
Gate Charge
Capacitance
On-Resistance vs. Drain Current
0
1
2
3
4
5
6
0
0.5
1
1.5
2
2.5
VDS - Drain-to-Soruce Voltage (V)
-2.5V
-2.0V
-1.8V
VGS =- 4.5V
0
1
2
3
4
5
0.5
1
1.5
2
2.5
3
VGS - Gate-to-Source Voltage (V)
TA = -55
oC
125
oC
25
oC
0.75
1
1.25
1.5
1.75
2
2.25
2.5
2.75
0
1
2
3
4
5
6
ID - Drain Current (A)
-4.5V
-2.5V
0
100
200
300
400
500
600
0
5
10
15
20
VDS - Drain-to- Source Voltage (V)
CISS
CRSS
COSS
-10
-8
-6
-4
-2
0
0
3
6
9
12
15
Qg, Charge (nC)
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
TJ - Junction Temperature (
oC)
V
GS = -4.5V


유사한 부품 번호 - AM3520C

제조업체부품명데이터시트상세설명
logo
Shanghai Lunsure Electr...
AM352 CHENYI-AM352 Datasheet
153Kb / 2P
   PRESS FIT AUTOMOTIVE RECTIFIER
logo
Analog Power
AM3524C ANALOGPOWER-AM3524C Datasheet
168Kb / 3P
   N & P-Channel 20-V (D-S) MOSFET
More results

유사한 설명 - AM3520C

제조업체부품명데이터시트상세설명
logo
Analog Power
AMA520C ANALOGPOWER-AMA520C Datasheet
499Kb / 7P
   N & P-Channel 20-V (D-S) MOSFET
AM4520H ANALOGPOWER-AM4520H Datasheet
499Kb / 7P
   P & N-Channel 20-V (D-S) MOSFET
AM6520C ANALOGPOWER-AM6520C Datasheet
141Kb / 3P
   P & N-Channel 20-V (D-S) MOSFET
AM6544C ANALOGPOWER-AM6544C Datasheet
141Kb / 3P
   P & N-Channel 20-V (D-S) MOSFET
AM4533C ANALOGPOWER-AM4533C Datasheet
87Kb / 3P
   P & N-Channel 20-V (D-S) MOSFET
AM3524C ANALOGPOWER-AM3524C Datasheet
168Kb / 3P
   N & P-Channel 20-V (D-S) MOSFET
AM5521C ANALOGPOWER-AM5521C Datasheet
75Kb / 3P
   N & P-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI3588DV VISHAY-SI3588DV Datasheet
59Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI3586DV VISHAY-SI3586DV Datasheet
362Kb / 4P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 16-May-05
SI1553CDL VISHAY-SI1553CDL Datasheet
262Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com