전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DLW21SR670HQ2p 데이터시트(PDF) 1 Page - Murata Manufacturing Co., Ltd.

부품명 DLW21SR670HQ2p
상세설명  Common Mode Choke Coil Wire Wound Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MURATA [Murata Manufacturing Co., Ltd.]
홈페이지  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DLW21SR670HQ2p 데이터시트(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  DLW21SR670HQ2p Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DLW21SR670HQ2p Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it
may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
1
Noise Suppression Products/EMI Suppression Filters > Common Mode Choke Coil > Wire Wound Type
2012.9.6
oThis data sheet is applied for CHIP COMMON MODE CHOKE COIL used for General Electronics equipment for your design.
Common Mode Choke Coil Wire Wound Type
DLW21S Series (0805 Size)
c Dimensions
2.0±0.2
1.2±0.2
(0.45)
(0.45)
(1)
(2)
(3)
(4)
(in mm)
: Electrode
c Equivalent Circuit
(1)
(4)
(2)
(3)
No polarity.
c Impedance-Frequency Characteristics (Main Items)
DLW21SN_SK2/SQ2 Series
Frequency (MHz)
10000
1000
100
10
1
0.1
1
10
100
1000
DLW21SN371SQ2
DLW21SN261SQ2
DLW21SN181SQ2
DLW21SN121SQ2
DLW21SN900SQ2
DLW21SN670SQ2
DLW21SN501SK2
Common mode
Differential mode
DLW21SN371SQ2
DLW21SN501SK2
DLW21SN261SQ2
DLW21SN181SQ2
DLW21SN121SQ2
DLW21SN900SQ2
DLW21SN670SQ2
c Impedance-Frequency Characteristics (Main Items)
DLW21SN_HQ2 Series
Frequency (MHz)
0.1
1
10
100
1000
10
100
1000
Common mode
Differential mode
DLW21SN670HQ2
DLW21SN900HQ2
DLW21SN121HQ2
DLW21SN670HQ2
DLW21SN900HQ2
DLW21SN121HQ2
c Impedance-Frequency Characteristics (Main Items)
DLW21SR_HQ2 Series
Frequency (MHz)
1
10
100
1000
0.1
1
10
100
1000
Common mode
Differential mode
DLW21SR670HQ2
DLW21SR670HQ2
Continued on the following page.


유사한 부품 번호 - DLW21SR670HQ2p

제조업체부품명데이터시트상세설명
logo
Murata Manufacturing Co...
DLW21SR670HQ2 MURATA-DLW21SR670HQ2 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
DLW21SR670HQ2 MURATA-DLW21SR670HQ2 Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
logo
Murata Manufacturing Co...
DLW21SR670HQ2 MURATA1-DLW21SR670HQ2 Datasheet
343Kb / 3P
   Small size: 2.0x1.2x1.2mm
Last updated07/26/2022
logo
Murata Manufacturing Co...
DLW21SR670HQ2B MURATA-DLW21SR670HQ2B Datasheet
100Kb / 2P
   Common Mode Choke Coil Wire Wound Type DLW21S Series (0805 Size)
logo
Murata Manufacturing Co...
DLW21SR670HQ2B MURATA1-DLW21SR670HQ2B Datasheet
343Kb / 3P
   Small size: 2.0x1.2x1.2mm
Last updated07/26/2022
More results

유사한 설명 - DLW21SR670HQ2p

제조업체부품명데이터시트상세설명
logo
Murata Manufacturing Co...
DLW21HN900SQ2L MURATA-DLW21HN900SQ2L Datasheet
83Kb / 2P
   Common Mode Choke Coil Wire Wound Type
logo
WALSIN TECHNOLOGY CORPO...
WTCF2012 WALSIN-WTCF2012 Datasheet
263Kb / 6P
   Wire wound type common mode choke
logo
Murata Manufacturing Co...
DLW5BSN191SQ2L MURATA-DLW5BSN191SQ2L Datasheet
73Kb / 2P
   Common Mode Choke Coil Wire Wound Type for Large Current
DLW21SN501SK2L MURATA-DLW21SN501SK2L Datasheet
100Kb / 2P
   Common Mode Choke Coil Wire Wound Type DLW21S Series (0805 Size)
DLW21HN670SQ2L MURATA-DLW21HN670SQ2L Datasheet
83Kb / 2P
   Common Mode Choke Coil Wire Wound Type DLW21H Series (0805 Size)
logo
Delta Electronics, Inc.
HCMC0805-670MFS DELTA-HCMC0805-670MFS Datasheet
214Kb / 2P
   WIRE- WOUND COMMON MODE CHOKE
logo
Abracon Corporation
ACM-21 ABRACON-ACM-21 Datasheet
1Mb / 5P
   Chip Wire Wound Common Mode Choke
01.27.14
ACM-31 ABRACON-ACM-31 Datasheet
1Mb / 4P
   Chip Wire Wound Common Mode Choke
01.28.13
logo
Murata Manufacturing Co...
DLW5AHN402SQ2L MURATA-DLW5AHN402SQ2L Datasheet
73Kb / 2P
   Common Mode Choke Coil Wire Wound Type for Large Current(2014/2020 Size)
DLP0NSN121HL2L MURATA-DLP0NSN121HL2L Datasheet
95Kb / 2P
   Common Mode Choke Coil Film Type
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com