전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DM74AS244WM 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 DM74AS244WM
상세설명  3-STATE Bus Driver/Receiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74AS244WM 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  DM74AS244WM Datasheet HTML 1Page - Fairchild Semiconductor DM74AS244WM Datasheet HTML 2Page - Fairchild Semiconductor DM74AS244WM Datasheet HTML 3Page - Fairchild Semiconductor DM74AS244WM Datasheet HTML 4Page - Fairchild Semiconductor DM74AS244WM Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.fairchildsemi.com
DM74AS240 Switching Characteristics
over recommended operating free air temperature range
DM74AS244 Switching Characteristics
over recommended operating free air temperature range
Symbol
Parameter
Conditions
From
To
Min
Max
Units
(Input)
(Output)
tPLH
Propagation Delay Time
VCC = 4.5V to 5.5V
AY
2
6.5
ns
LOW-to-HIGH Level Output
R1 = R2 = 500Ω
tPHL
Propagation Delay Time
CL = 50 pF
AY
2
5.7
ns
HIGH-to-LOW Level Output
tPZL
Output Enable to LOW Level
G
Y2
9
ns
tPZH
Output Enable to HIGH Level
G
Y2
6.4
ns
tPLZ
Output Disable from LOW Level
G
Y2
9.5
ns
tPHZ
Output Disable from HIGH Level
G
Y2
5
ns
Symbol
Parameter
Conditions
From
To
Min
Max
Units
(Input)
(Output)
tPLH
Propagation Delay Time
VCC = 4.5V to 5.5V
AY
2
6.2
ns
LOW-to-HIGH Level Output
R1 = R2 = 500Ω
tPHL
Propagation Delay Time
CL = 50 pF
AY
2
6.2
ns
HIGH-to-LOW Level Output
tPZL
Output Enable to LOW Level
G
Y2
7.5
ns
tPZH
Output Enable to HIGH Level
G
Y2
9
ns
tPLZ
Output Disable from LOW Level
G
Y2
9
ns
tPHZ
Output Disable from HIGH Level
G
Y2
6
ns


유사한 부품 번호 - DM74AS244WM

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
DM74AS245 FAIRCHILD-DM74AS245 Datasheet
63Kb / 5P
   Octal Bus Transceiver with 3-STATE Outputs
DM74AS245N FAIRCHILD-DM74AS245N Datasheet
63Kb / 5P
   Octal Bus Transceiver with 3-STATE Outputs
DM74AS245SJ FAIRCHILD-DM74AS245SJ Datasheet
63Kb / 5P
   Octal Bus Transceiver with 3-STATE Outputs
DM74AS245WM FAIRCHILD-DM74AS245WM Datasheet
63Kb / 5P
   Octal Bus Transceiver with 3-STATE Outputs
More results

유사한 설명 - DM74AS244WM

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
AM8T28 AMD-AM8T28 Datasheet
292Kb / 5P
   Schottky Three-State Quad Bus Driver/Receiver
logo
Fairchild Semiconductor
DM74ALS1240A FAIRCHILD-DM74ALS1240A Datasheet
39Kb / 4P
   Octal 3-STATE Bus Driver
DM74ALS244A FAIRCHILD-DM74ALS244A Datasheet
73Kb / 6P
   Octal 3-STATE Bus Driver
DM74ALS240A FAIRCHILD-DM74ALS240A Datasheet
78Kb / 7P
   Octal 3-STATE Bus Driver
DM74ALS240A FAIRCHILD-DM74ALS240A_07 Datasheet
350Kb / 9P
   Octal 3-STATE Bus Driver
logo
Allegro MicroSystems
2470 ALLEGRO-2470 Datasheet
53Kb / 4P
   BUS DRIVER / RECEIVER
logo
Fairchild Semiconductor
DM74LS365A FAIRCHILD-DM74LS365A Datasheet
47Kb / 4P
   Hex 3-STATE Buffer/Bus Driver
logo
NXP Semiconductors
74LVC1G125 PHILIPS-74LVC1G125 Datasheet
94Kb / 17P
   Bus buffer/line driver; 3-state
2004 Sep 15
74AHC_AHCT1G126 PHILIPS-74AHC_AHCT1G126_15 Datasheet
198Kb / 17P
   Bus buffer/line driver; 3-state
Rev. 8-23 August 2012
XC7SH125 PHILIPS-XC7SH125_15 Datasheet
93Kb / 14P
   Bus buffer/line driver; 3-state
Rev. 01-4 September 2009
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com