전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STP6N120K3 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 STP6N120K3
상세설명  N-channel 1200 V, 1.95typ., 6 A SuperMESH3??Power MOSFET in TO-3PF, TO-220 and TO-247 packages
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP6N120K3 데이터시트(HTML) 1 Page - STMicroelectronics

  STP6N120K3 Datasheet HTML 1Page - STMicroelectronics STP6N120K3 Datasheet HTML 2Page - STMicroelectronics STP6N120K3 Datasheet HTML 3Page - STMicroelectronics STP6N120K3 Datasheet HTML 4Page - STMicroelectronics STP6N120K3 Datasheet HTML 5Page - STMicroelectronics STP6N120K3 Datasheet HTML 6Page - STMicroelectronics STP6N120K3 Datasheet HTML 7Page - STMicroelectronics STP6N120K3 Datasheet HTML 8Page - STMicroelectronics STP6N120K3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
This is information on a product in full production.
November 2012
Doc ID 15572 Rev 3
1/17
17
STFW6N120K3, STP6N120K3,
STW6N120K3
N-channel 1200 V, 1.95
Ω typ., 6 A SuperMESH3™
Power MOSFET in TO-3PF, TO-220 and TO-247 packages
Datasheet — production data
Features
100% avalanche tested
Extremely large avalanche performance
Gate charge minimized
Very low intrinsic capacitances
Zener-protected
Applications
Switching applications
Description
These SuperMESH3™ Power MOSFETs are the
result of improvements applied to
STMicroelectronics’ SuperMESH™ technology,
combined with a new optimized vertical structure.
These devices boast an extremely low on-
resistance, superior dynamic performance and
high avalanche capability, rendering them suitable
for the most demanding applications.
Figure 1.
Internal schematic diagram
Order codes
VDSS
RDS(on)
max
ID
Ptot
STFW6N120K3
1200 V
< 2.4
Ω
6 A
63 W
STP6N120K3
1200 V
< 2.4
Ω
6 A
150 W
STW6N120K3
1200 V
< 2.4
Ω
6 A
150 W
TO-220
TO-247
TO-3PF
1
2
3
1
2
3
1
2
3
TAB
D(2,TAB)
G(1)
S(3)
AM01476v1
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STFW6N120K3
6N120K3
TO-3PF
Tube
STP6N120K3
TO-220
STW6N120K3
TO-247
www.st.com


유사한 부품 번호 - STP6N120K3

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STP6N120K3 STMICROELECTRONICS-STP6N120K3 Datasheet
798Kb / 17P
   N-channel 1200 V, 1.95 Ohm typ., 6 A SuperMESH3 Power MOSFET in TO-3PF, TO-220 and TO-247 packages
More results

유사한 설명 - STP6N120K3

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STFW6N120K3 STMICROELECTRONICS-STFW6N120K3 Datasheet
798Kb / 17P
   N-channel 1200 V, 1.95 Ohm typ., 6 A SuperMESH3 Power MOSFET in TO-3PF, TO-220 and TO-247 packages
STP1N105K3 STMICROELECTRONICS-STP1N105K3 Datasheet
673Kb / 18P
   N-channel 1050 V, 8 廓 typ., 1.4 A SuperMESH3??Power MOSFET in TO-220FP, TO-3PF and TO-220 packages
STFW69N65M5 STMICROELECTRONICS-STFW69N65M5 Datasheet
672Kb / 16P
   N-channel 650 V, 0.037 廓 typ., 58 A MDmesh??V Power MOSFET in TO-3PF and TO-247 packages
STFW3N150 STMICROELECTRONICS-STFW3N150_10 Datasheet
765Kb / 15P
   N-channel 1500 V, 6 廓, 2.5 A, PowerMESH??Power MOSFET in TO-220, TO-247, TO-3PF
STFW45N65M5 STMICROELECTRONICS-STFW45N65M5 Datasheet
1Mb / 18P
   N-channel 650 V, 35 A, 0.067 廓 typ., MDmesh??V Power MOSFETs in TO-3PF, TO-247 and TO-247 long leads packages
May 2014 Rev 2
STD4N52K3 STMICROELECTRONICS-STD4N52K3 Datasheet
1Mb / 21P
   N-channel 525 V, 2.5 A, 2.1 廓 typ., SuperMESH3??Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
STFW4N150 STMICROELECTRONICS-STFW4N150_09 Datasheet
762Kb / 15P
   N-channel 1500 V, 5 廓, 4 A, PowerMESH??Power MOSFET in TO-220, TO-247, TO-3PF
STF20N65M5 STMICROELECTRONICS-STF20N65M5 Datasheet
1Mb / 21P
   N-channel 650 V, 0.160 廓 typ., 18 A MDmesh??V Power MOSFET in D2PAK, I2PAK, TO-220 and TO-247 packages
February 2013 Rev 2
STW36N55M5 STMICROELECTRONICS-STW36N55M5 Datasheet
764Kb / 15P
   N-channel 550 V, 0.06 typ., 33 A MDmesh V Power MOSFET in TO-220 and TO-247 packages
STP46NF30 STMICROELECTRONICS-STP46NF30 Datasheet
1Mb / 19P
   N-channel 300 V, 0.063 廓 typ, 42 A, STripFET??II Power MOSFET in D2PAK, TO-220 and TO-247 packages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com