전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM5829P 데이터시트(PDF) 2 Page - Analog Power

부품명 AM5829P
상세설명  P-Channel 20-V (D-S) MOSFET With Schottky Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANALOGPOWER [Analog Power]
홈페이지  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM5829P 데이터시트(HTML) 2 Page - Analog Power

  AM5829P Datasheet HTML 1Page - Analog Power AM5829P Datasheet HTML 2Page - Analog Power AM5829P Datasheet HTML 3Page - Analog Power AM5829P Datasheet HTML 4Page - Analog Power AM5829P Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
AM5829P
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM5829_A
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty,
representation or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out of
the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential
or incidental damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary in different
applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer
application by customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL products
are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the APL product could create a situation where personal
injury or death may occur. Should Buyer purchase or use APL products for any such unintended or unauthorized application, Buyer shall
indemnify and hold APL and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such
unintended or unauthorized use, even if such claim alleges that APL was negligent regarding the design or manufacture of the part. APL is an
Equal Opportunity/Affirmative Action Employer.
Min
Typ
Max
IF = 0.5 A
0.48
V
IF = 0.5 A, TJ = 125
oC
0.4
V
Vr = 30 V
0.1
Vr = 30 V, TJ = 75
oC
1
Vr = 30 V, TJ = 125
oC
10
Junction Capacitance
CT
Vr = 10 V
31
pF
Forward Voltage Drop
VF
SCHOTTKY SPECIFICATIONS (TA = 25
oC UNLESS OTHERWISE NOTED)
mA
Irm
Maximum Reverse Leakage Current
Test Conditions
Symbol
Parameter
Limits
Unit
Min Typ Max
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = -250 uA
-0.4
Gate-Body Leakage
IGSS
VDS=0 V, VGS=+/-8 V
±100
nA
VDS = -16 V, VGS = 0 V
-1
VDS=-16 V, VGS=0 V, TJ =55
oC
-10
On-State Drain CurrentA
ID(on)
VDS = -5 V, VGS = -4.5 V
-5
A
VGS = -4.5 V, ID = -3.6 A
0.110
VGS = -2.5 V, ID = -3.0 A
0.160
Forward TranconductanceA
gfs
VDS = -5 V, ID = -3.6 A
3
S
Diode Forward Voltage
VSD
IS = -1.6 A, VGS = 0 V
-0.70
V
Total Gate Charge
Qg
6.0
Gate-Source Charge
Qgs
0.80
Gate-Drain Charge
Qgd
1.30
Turn-On Delay Time
td(on)
6.5
Rise Time
tr
20
Turn-Off Delay Time
td(off)
31
Fall-Time
tf
21
MOSFETSPECIFICATIONS(TA =25
oCUNLESSOTHERWISENOTED)
uA
IDSS
Zero Gate Voltage Drain Current
Static
Test Conditions
Symbol
Parameter
Limits
Unit
VDD = -5 V, RL = 5 OHM,
VGEN = -4.5 V, RG = 6 OHM
ns
Drain-Source On-State ResistanceA
Dynamic
b
VDS = -5 V, VGS = -4.5 V,
ID = -3.6 A
nC
rDS(on)


유사한 부품 번호 - AM5829P

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
AM5810 ETC1-AM5810 Datasheet
326Kb / 7P
   Quad BTL Power Driver Motor Driver ICs
May, 2003 V0.2
logo
AMtek SEMICONDUCTORS CO...
AM5810C AMTEK-AM5810C Datasheet
397Kb / 10P
   Five Channels BTL Power Driver
Feb, 2014 V1.0P
AM5810FM AMTEK-AM5810FM Datasheet
378Kb / 10P
   Five Channels BTL Power Driver
Dec, 2012 V1.6
logo
List of Unclassifed Man...
AM5869S ETC1-AM5869S Datasheet
326Kb / 7P
   Quad BTL Power Driver Motor Driver ICs
May, 2003 V0.2
logo
AMtek SEMICONDUCTORS CO...
AM5888S AMTEK-AM5888S Datasheet
99Kb / 10P
   5-channel BTL Driver for DVD player
Oct 2005 V1.3
More results

유사한 설명 - AM5829P

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI3853DV VISHAY-SI3853DV Datasheet
71Kb / 6P
   P-Channel 20-V (D-S) MOSFET With Schottky Diode
Rev. A, 04-Oct-99
SI4845DY VISHAY-SI4845DY Datasheet
134Kb / 9P
   P-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. B, 13-Jun-05
SI3805DV VISHAY-SI3805DV Datasheet
129Kb / 10P
   P-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. A, 22-Sep-08
SI4829DY VISHAY-SI4829DY Datasheet
110Kb / 10P
   P-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. B, 12-Oct-09
SI5855CDC VISHAY-SI5855CDC Datasheet
132Kb / 9P
   P-Channel 20-V (D-S) MOSFET With Schottky Diode
Rev. A, 22-Sep-08
logo
Analog Power
AM3829P ANALOGPOWER-AM3829P Datasheet
287Kb / 5P
   P-Channel 20-V (D-S) MOSFET With Schottky Diode
logo
Vishay Siliconix
SIA811ADJ VISHAY-SIA811ADJ_V01 Datasheet
375Kb / 12P
   P-Channel 20 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
logo
VBsemi Electronics Co.,...
VBBD4290A VBSEMI-VBBD4290A_V01 Datasheet
928Kb / 11P
   P-Channel 20 V (D-S) MOSFET with Schottky Diode
logo
Vishay Siliconix
SI5857DU VISHAY-SI5857DU Datasheet
136Kb / 10P
   P-Channel 20-V (D-S) MOSFET With Schottky Diode
Rev. C, 23-Jun-08
SI4823DY VISHAY-SI4823DY Datasheet
287Kb / 12P
   P-Channel 20 V (D-S) MOSFET with Schottky Diode
Rev. C, 03-May-10
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com