전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM1117IMP-3.3 데이터시트(PDF) 6 Page - Texas Instruments

부품명 LM1117IMP-3.3
상세설명  LM1117-N/LM1117I 800mA Low-Dropout Linear Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM1117IMP-3.3 데이터시트(HTML) 6 Page - Texas Instruments

Back Button LM1117IMP-3.3 Datasheet HTML 2Page - Texas Instruments LM1117IMP-3.3 Datasheet HTML 3Page - Texas Instruments LM1117IMP-3.3 Datasheet HTML 4Page - Texas Instruments LM1117IMP-3.3 Datasheet HTML 5Page - Texas Instruments LM1117IMP-3.3 Datasheet HTML 6Page - Texas Instruments LM1117IMP-3.3 Datasheet HTML 7Page - Texas Instruments LM1117IMP-3.3 Datasheet HTML 8Page - Texas Instruments LM1117IMP-3.3 Datasheet HTML 9Page - Texas Instruments LM1117IMP-3.3 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LM1117-N, LM1117I
SNOS412M – FEBRUARY 2000 – REVISED MARCH 2013
www.ti.com
LM1117I ELECTRICAL CHARACTERISTICS (continued)
Typicals and limits appearing in normal type apply for TJ = 25°C. Limits appearing in Boldface type apply over the entire
junction temperature range for operation,
−40°C to 125°C.
Symbol
Parameter
Conditions
Min(1)
Typ(2)
Max(1)
Units
ΔVOUT
Line Regulation(3)
LM1117I-ADJ
IOUT = 10mA, 1.5V ≤ VIN-VOUT ≤ 13.75V
0.035
0.3
%
LM1117I-3.3
IOUT = 0mA, 4.75V ≤ VIN ≤ 15V
1
10
mV
LM1117I-5.0
IOUT = 0mA, 6.5V ≤ VIN ≤ 15V
1
15
mV
ΔVOUT
Load Regulation(3)
LM1117I-ADJ
VIN-VOUT = 3V, 10 ≤ IOUT ≤ 800mA
0.2
0.5
%
LM1117I-3.3
VIN = 4.75V, 0 ≤ IOUT ≤ 800mA
1
15
mV
LM1117I-5.0
VIN = 6.5V, 0 ≤ IOUT ≤ 800mA
1
20
mV
VIN-V OUT
Dropout Voltage(4)
IOUT = 100mA
1.10
1.30
V
IOUT = 500mA
1.15
1.35
V
IOUT = 800mA
1.20
1.40
V
ILIMIT
Current Limit
VIN-VOUT = 5V, TJ = 25°C
800
1200
1500
mA
Minimum Load
LM1117I-ADJ
Current(5)
VIN = 15V
1.7
5
mA
Quiescent Current
LM1117I-3.3
VIN ≤ 15V
5
15
mA
LM1117I-5.0
VIN ≤ 15V
5
15
mA
Thermal Regulation
TA = 25°C, 30ms Pulse
0.01
0.1
%/W
Ripple Regulation
fRIPPLE =1 20Hz, VIN-VOUT = 3V VRIPPLE =
60
75
dB
1VPP
Adjust Pin Current
60
120
μA
Adjust Pin Current
10
≤ IOUT≤ 800mA,
Change
1.4V
≤ VIN-VOUT ≤ 10V
0.2
10
μA
Temperature Stability
0.5
%
Long Term Stability
TA = 125°C, 1000Hrs
0.3
%
RMS Output Noise
(% of VOUT), 10Hz ≤ f ≤10kHz
0.003
%
Thermal Resistance
3-Lead SOT-223
15.0
°C/W
Junction-to-Case
3-Lead TO-263
10
°C/W
Thermal Resistance
3-Lead SOT-223 (No heat sink)
136
°C/W
Junction-to-Ambient
3-Lead TO-263 (No heat sink)(6)
92
°C/W
No air flow)
8-Lead WSON(7)
40
°C/W
(3)
Load and line regulation are measured at constant junction room temperature.
(4)
The dropout voltage is the input/output differential at which the circuit ceases to regulate against further reduction in input voltage. It is
measured when the output voltage has dropped 100mV from the nominal value obtained at VIN = VOUT +1.5V.
(5)
The minimum output current required to maintain regulation.
(6)
Minimum pad size of 0.038in2
(7)
Thermal Performance for the WSON was obtained using JESD51-7 board with six vias and an ambient temperature of 22°C. For
information about improved thermal performance and power dissipation for the WSON, refer to Application Note AN-1187 (SNOA401).
6
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM1117-N LM1117I


유사한 부품 번호 - LM1117IMP-3.3

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM1117IMP-3.3 TI1-LM1117IMP-3.3 Datasheet
2Mb / 36P
[Old version datasheet]   800-mA Low-Dropout Linear Regulator
LM1117IMP-3.3/NOPB TI1-LM1117IMP-3.3/NOPB Datasheet
2Mb / 30P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117IMP-3.3/NOPB TI1-LM1117IMP-3.3/NOPB Datasheet
2Mb / 32P
[Old version datasheet]   LM1117-N/LM1117I 800mA Low-Dropout Linear Regulator
LM1117IMP-3.3/NOPB TI1-LM1117IMP-3.3/NOPB Datasheet
2Mb / 32P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117IMP-3.3/NOPB TI1-LM1117IMP-3.3/NOPB Datasheet
2Mb / 32P
[Old version datasheet]   LM1117-N/LM1117I 800mA Low-Dropout Linear Regulator
More results

유사한 설명 - LM1117IMP-3.3

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM1117DT-1.8_NOPB TI1-LM1117DT-1.8_NOPB Datasheet
2Mb / 32P
[Old version datasheet]   LM1117-N/LM1117I 800mA Low-Dropout Linear Regulator
LM1117IDT-33 TI1-LM1117IDT-33 Datasheet
2Mb / 32P
[Old version datasheet]   LM1117-N/LM1117I 800mA Low-Dropout Linear Regulator
LM1117MPX-ADJ TI1-LM1117MPX-ADJ Datasheet
2Mb / 32P
[Old version datasheet]   LM1117-N/LM1117I 800mA Low-Dropout Linear Regulator
LM1117-N TI-LM1117-N_15 Datasheet
2Mb / 33P
[Old version datasheet]   LM1117-N/LM1117I 800mA Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_07 Datasheet
174Kb / 15P
   800mA LOW DROPOUT LINEAR REGULATOR
logo
Texas Instruments
LM1117-N TI1-LM1117-N_13 Datasheet
2Mb / 30P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117-N TI1-LM1117-N Datasheet
458Kb / 25P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117MP-1.8NOPB TI1-LM1117MP-1.8NOPB Datasheet
2Mb / 32P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
logo
National Semiconductor ...
LM1117_O6 NSC-LM1117_O6 Datasheet
921Kb / 21P
   800mA Low-Dropout Linear Regulator
logo
Texas Instruments
SM74503 TI1-SM74503 Datasheet
331Kb / 16P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com