전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP127TPLUF 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 TLP127TPLUF
상세설명  Programmable Controllers DC?뭀utput Module Telecommunication
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP127TPLUF 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  TLP127TPLUF Datasheet HTML 1Page - Toshiba Semiconductor TLP127TPLUF Datasheet HTML 2Page - Toshiba Semiconductor TLP127TPLUF Datasheet HTML 3Page - Toshiba Semiconductor TLP127TPLUF Datasheet HTML 4Page - Toshiba Semiconductor TLP127TPLUF Datasheet HTML 5Page - Toshiba Semiconductor TLP127TPLUF Datasheet HTML 6Page - Toshiba Semiconductor TLP127TPLUF Datasheet HTML 7Page - Toshiba Semiconductor TLP127TPLUF Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TLP127
2007-10-01
3
Individual Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse current
IR
VR = 5V
10
μA
Capacitance
CT
V = 0, f = 1 MHz
30
pF
Collector
−emitter
breakdown voltage
V(BR) CEO
IC = 0.1 mA
300
V
Emitter
−collector
breakdown voltage
V(BR) ECO
IE = 0.1 mA
0.3
V
VCE = 200 V
10
200
nA
Collector dark current
ICEO
VCE = 200 V, Ta = 85°C
20
μA
Capacitance collector to
emitter
CCE
V = 0, f = 1 MHz
12
pF
Coupled Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
MIn.
Typ.
Max.
Unit
Current transfer ratio
IC / IF
IF = 1mA, VCE = 1 V
1000
4000
%
Saturated CTR
IC / IF (sat)
IF = 10 mA, VCE = 1 V
500
%
IC = 10 mA, IF = 1 mA
1.0
Collector
−emitter
saturation voltage
VCE (sat)
IC = 100 mA, IF = 10 mA
0.3
1.2
V
Isolation Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Capacitance
(input to output)
CS
VS = 0, f = 1 MHz
0.8
pF
Isolation resistance
RS
VS = 500 V, R.H.≤ 60%
5×10
10
10
14
AC, 1 minute
2500
AC, 1 second, in oil
5000
Vrms
Isolation voltage
BVS
DC, 1 minute, in oil
5000
Vdc


유사한 부품 번호 - TLP127TPLUF

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP127TPRUF TOSHIBA-TLP127TPRUF Datasheet
164Kb / 8P
   TOSHIBA Photocoupler GaAs Ired & Photo?뭈ransistor
More results

유사한 설명 - TLP127TPLUF

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP627 TOSHIBA-TLP627 Datasheet
367Kb / 8P
   PROGRAMMABLE CONTROLLERS. DC-OUTPUT MODULE. TELECOMMUNICATION.
TLP627FT TOSHIBA-TLP627FT Datasheet
722Kb / 8P
   Programmable Controllers DC-output Module Telecommunication
TLP127 TOSHIBA-TLP127 Datasheet
328Kb / 8P
   PROGRAMMABLE CONTROLLERS DC-OUTPUT MODULE TELECOMMUNICATION
TLP523F TOSHIBA-TLP523F Datasheet
218Kb / 7P
   Programmable Controllers DC?뭀utput Module Solid State Relay
TLP620-4GB TOSHIBA-TLP620-4GB Datasheet
234Kb / 9P
   Programmable Controllers AC / DC?묲nput Module Telecommunication
TLP130GB TOSHIBA-TLP130GB Datasheet
183Kb / 9P
   Programmable Controllers AC / DC?묲nput Module Telecommunication
TLP626 TOSHIBA-TLP626 Datasheet
387Kb / 8P
   PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE TELECOMMUNICATION
TLP126 TOSHIBA-TLP126 Datasheet
179Kb / 8P
   Programmable Controllers AC DC-Input Module Telecommunication
TLP624F TOSHIBA-TLP624F Datasheet
210Kb / 8P
   Programmable Controllers AC/DC?묲nput Module Telecommunication
logo
Fairchild Semiconductor
TLP630 FAIRCHILD-TLP630 Datasheet
892Kb / 9P
   Programmable Controllers AC / DC-Input Module Telecommunication
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com