전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DM74LS169AN 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 DM74LS169AN
상세설명  Synchronous 4-Bit Up/Down Binary Counter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74LS169AN 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  DM74LS169AN Datasheet HTML 1Page - Fairchild Semiconductor DM74LS169AN Datasheet HTML 2Page - Fairchild Semiconductor DM74LS169AN Datasheet HTML 3Page - Fairchild Semiconductor DM74LS169AN Datasheet HTML 4Page - Fairchild Semiconductor DM74LS169AN Datasheet HTML 5Page - Fairchild Semiconductor DM74LS169AN Datasheet HTML 6Page - Fairchild Semiconductor DM74LS169AN Datasheet HTML 7Page - Fairchild Semiconductor DM74LS169AN Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DM74LS169A
Synchronous 4-Bit Up/Down Binary Counter
General Description
This synchronous presettable counter features an internal
carry look-ahead for cascading in high-speed counting appli-
cations. Synchronous operation is provided by having all
flip-flops clocked simultaneously, so that the outputs all
change at the same time when so instructed by the
count-enable inputs and internal gating. This mode of opera-
tion helps eliminate the output counting spikes that are nor-
mally associated with asynchronous (ripple clock) counters.
A buffered clock input triggers the four master-slave flip-flops
on the rising edge of the clock waveform.
This counter is fully programmable; that is, the outputs may
each be preset either high or low. The load input circuitry al-
lows loading with the carry-enable output of cascaded
counters. As loading is synchronous, setting up a low level at
the load input disables the counter and causes the outputs to
agree with the data inputs after the next clock pulse.
The carry look-ahead circuitry permits cascading counters
for n-bit synchronous applications without additional gating.
Both count-enable inputs (P and T) must be low to count.
The direction of the count is determined by the level of the
up/down input. When the input is high, the counter counts
up; when low, it counts down. Input T is fed forward to enable
the carry outputs. The carry output thus enabled will produce
a low-level output pulse with a duration approximately equal
to the high portion of the Q
A output when counting up, and
approximately equal to the low portion of the Q
A output when
counting down. This low-level overflow carry pulse can be
used to enable successively cascaded stages. Transitions at
the enable P or T inputs are allowed regardless of the level
of the clock input. All inputs are diode clamped to minimize
transmission-line effects, thereby simplifying system design.
This counter features a fully independent clock circuit.
Changes at control inputs (enable P, enable T, load, up/
down), which modify the operating mode, have no effect until
clocking occurs. The function of the counter (whether en-
abled, disabled, loading, or counting) will be dictated solely
by the conditions meeting the stable setup and hold times.
Features
n
Fully synchronous operation for counting and
programming.
n
Internal look-ahead for fast counting.
n
Carry output for n-bit cascading.
n
Fully independent clock circuit
Connection Diagram
Dual-In-Line Package
DS006401-1
Order Number 54LS169DMQB, 54LS169FMQB, 54LS169LMQB,
DM54LS169AJ, DM54LS169AW, DM74LS169AM or DM74LS169AN
See Package Number E20A, J16A, M16A, N16E or W16A
April 1998
© 1998 Fairchild Semiconductor Corporation
DS006401
www.fairchildsemi.com


유사한 부품 번호 - DM74LS169AN

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
DM74LS169AN NSC-DM74LS169AN Datasheet
165Kb / 8P
   Synchronous 4-Bit Up/Down Binary Counter
logo
Texas Instruments
DM74LS169AN TI1-DM74LS169AN Datasheet
415Kb / 10P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
More results

유사한 설명 - DM74LS169AN

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
MM74C192 FAIRCHILD-MM74C192 Datasheet
62Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
Renesas Technology Corp
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
   Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
logo
Fairchild Semiconductor
CD40192BC FAIRCHILD-CD40192BC Datasheet
74Kb / 7P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
Texas Instruments
SN54HC191-DIE TI1-SN54HC191-DIE Datasheet
132Kb / 6P
[Old version datasheet]   4-Bit Synchronous Up/Down Binary Counter
SN74F169 TI-SN74F169 Datasheet
126Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
74ACT11191 TI1-74ACT11191 Datasheet
135Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
74AC11191 TI-74AC11191 Datasheet
138Kb / 10P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
logo
Fairchild Semiconductor
DM74AS169A FAIRCHILD-DM74AS169A Datasheet
61Kb / 6P
   Synchronous 4-Bit Binary Up/Down Counter
logo
National Semiconductor ...
54LS169 NSC-54LS169 Datasheet
165Kb / 8P
   Synchronous 4-Bit Up/Down Binary Counter
logo
Texas Instruments
74AC11191 TI1-74AC11191_09 Datasheet
148Kb / 10P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com