전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DM74LS221M 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 DM74LS221M
상세설명  Dual Non-Retriggerable One-Shot with Clear and Complementary Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74LS221M 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  DM74LS221M Datasheet HTML 1Page - Fairchild Semiconductor DM74LS221M Datasheet HTML 2Page - Fairchild Semiconductor DM74LS221M Datasheet HTML 3Page - Fairchild Semiconductor DM74LS221M Datasheet HTML 4Page - Fairchild Semiconductor DM74LS221M Datasheet HTML 5Page - Fairchild Semiconductor DM74LS221M Datasheet HTML 6Page - Fairchild Semiconductor DM74LS221M Datasheet HTML 7Page - Fairchild Semiconductor DM74LS221M Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
Absolute Maximum Ratings(Note 3)
Note 3: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Note 4: TA = 25°C and VCC = 5V.
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.75
5
5.25
V
VT+
Positive-Going Input Threshold Voltage
12
V
at the A Input (VCC = Min)
VT−
Negative-Going Input Threshold Voltage
0.8
1
V
at the A Input (VCC = Min)
VT+
Positive-Going Input Threshold Voltage
12
V
at the B Input (VCC = Min)
VT−
Negative-Going Input Threshold Voltage
0.8
0.9
V
at the B Input (VCC = Min)
IOH
HIGH Level Output Current
−0.4
mA
IOL
LOW Level Output Current
8
mA
tW
Pulse Width
Data
40
ns
(Note 4)
Clear
40
tREL
Clear Release Time (Note 4)
15
ns
Rate of Rise or Fall of
1
Schmitt Input (B) (Note 4)
Rate of Rise or Fall of
1
Logic Input (A) (Note 4)
REXT
External Timing Resistor (Note 4)
1.4
100
k
CEXT
External Timing Capacitance (Note 4)
0
1000
µF
DC
Duty Cycle
RT = 2 kΩ
50
%
(Note 4)
RT = REXT (Max)
60
TA
Free Air Operating Temperature
0
70
°C


유사한 부품 번호 - DM74LS221M

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
DM74LS221M NSC-DM74LS221M Datasheet
142Kb / 6P
   Dual Non-Retriggerable One-Shot with Clear and Complementary Outputs
More results

유사한 설명 - DM74LS221M

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
DM74LS221 NSC-DM74LS221 Datasheet
142Kb / 6P
   Dual Non-Retriggerable One-Shot with Clear and Complementary Outputs
logo
Fairchild Semiconductor
DM74LS123 FAIRCHILD-DM74LS123 Datasheet
96Kb / 8P
   Dual Retriggerable One-Shot with Clear and Complementary Outputs
DM74123 FAIRCHILD-DM74123 Datasheet
56Kb / 5P
   Dual Retriggerable One-Shot with Clear and Complementary Outputs
logo
National Semiconductor ...
DM54123 NSC-DM54123 Datasheet
130Kb / 6P
   Dual Retriggerable One-Shot with Clear and Complementary Outputs
DM74LS123 NSC-DM74LS123 Datasheet
135Kb / 6P
   Dual Retriggerable One-Shot with Clear and Complementary Outputs
DM74LS122 NSC-DM74LS122 Datasheet
129Kb / 6P
   DM74LS122 Retriggerable One-Shot with Clear and Complementary Outputs
logo
Fairchild Semiconductor
DM74121 FAIRCHILD-DM74121 Datasheet
69Kb / 5P
   One-Shot with Clear and Complementary Outputs
DM74121 FAIRCHILD-DM74121_01 Datasheet
71Kb / 5P
   One-Shot with Clear and Complementary Outputs
logo
National Semiconductor ...
54121 NSC-54121 Datasheet
128Kb / 6P
   One-Shot with Clear and Complementary Outputs
54123 NSC-54123 Datasheet
157Kb / 4P
   DUAL RETRIGGERABLE ONE-SHOP WITH CLEAR AND COMPLEMENTARY OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com