전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DM74LS245 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 DM74LS245
상세설명  3-STATE Octal Bus Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74LS245 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  DM74LS245 Datasheet HTML 1Page - Fairchild Semiconductor DM74LS245 Datasheet HTML 2Page - Fairchild Semiconductor DM74LS245 Datasheet HTML 3Page - Fairchild Semiconductor DM74LS245 Datasheet HTML 4Page - Fairchild Semiconductor DM74LS245 Datasheet HTML 5Page - Fairchild Semiconductor DM74LS245 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted)
Note 2: All typicals are at VCC = 5V, TA = 25°C.
Note 3: Not more than one output should be shorted at a time, not to exceed one second duration
Supply Voltage
7V
Input Voltage
DIR or G
7V
A or B
5.5V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.75
5
5.25
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−15
mA
IOL
LOW Level Output Current
24
mA
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 2)
VI
Input Clamp Voltage
VCC = Min, II = −18 mA
−1.5
V
HYS
Hysteresis (VT+ − VT−)VCC = Min
0.2
0.4
V
VOH
HIGH Level
VCC = Min, VIH = Min
2.7
Output Voltage
VIL = Max, IOH = −1 mA
VCC = Min, VIL = Min
2.4
3.4
V
VIL = Max, IOH = −3 mA
VCC = Min, VIH = Min
2
VIL = 0.5V, IOH = Max
VOL
LOW Level
VCC = Min
IOL = 12 mA
0.4
Output Voltage
VIL = Max
IOL = Max
0.5
V
VIH = Min
IOZH
Off-State Output Current,
VCC = Max
VO = 2.7V
20
µA
HIGH Level Voltage Applied
VIL = Max
IOZL
Off-State Output Current,
VIH = Min
VO = 0.4V
−200
µA
LOW Level Voltage Applied
II
Input Current at Maximum
VCC = Max
A or B
VI = 5.5V
0.1
mA
Input Voltage
DIR or G
VI = 7V
0.1
IIH
HIGH Level Input Current
VCC = Max, VI = 2.7V
20
µA
IIL
LOW Level Input Current
VCC = Max, VI = 0.4V
−0.2
mA
IOS
Short Circuit Output Current
VCC = Max (Note 3)
−40
−225
mA
ICC
Supply Current
Outputs HIGH
VCC = Max
48
70
Outputs LOW
62
90
mA
Outputs at Hi-Z
64
95


유사한 부품 번호 - DM74LS245

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
DM74LS245 NSC-DM74LS245 Datasheet
139Kb / 6P
   TRI-STATE Octal Bus Transceiver
DM74LS245N NSC-DM74LS245N Datasheet
139Kb / 6P
   TRI-STATE Octal Bus Transceiver
logo
List of Unclassifed Man...
DM74LS245N ETC2-DM74LS245N Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
National Semiconductor ...
DM74LS245WM NSC-DM74LS245WM Datasheet
139Kb / 6P
   TRI-STATE Octal Bus Transceiver
More results

유사한 설명 - DM74LS245

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
DM74ALS245A FAIRCHILD-DM74ALS245A Datasheet
73Kb / 6P
   Octal 3-STATE Bus Transceiver
logo
STMicroelectronics
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
68Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
70Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
April 2001
logo
NXP Semiconductors
74ALVC245 PHILIPS-74ALVC245_15 Datasheet
100Kb / 14P
   Octal bus transceiver; 3-state
Rev. 02-7 January 2008
logo
Toshiba Semiconductor
TC74HCT245AP TOSHIBA-TC74HCT245AP_07 Datasheet
236Kb / 7P
   Octal Bus Transceiver (3-state)
logo
Integral Corp.
IN74ACT643 INTEGRAL-IN74ACT643 Datasheet
195Kb / 5P
   OCTAL 3-STATE BUS TRANSCEIVER
logo
NXP Semiconductors
74LVC245A NXP-74LVC245A Datasheet
122Kb / 17P
   Octal bus transceiver; 3-state
Rev. 05-25 August 2009
logo
Nexperia B.V. All right...
74LVC245A-Q100 NEXPERIA-74LVC245A-Q100 Datasheet
263Kb / 15P
   Octal bus transceiver; 3-state
Rev. 4 - 5 August 2020
74VHCT245 NEXPERIA-74VHCT245 Datasheet
607Kb / 16P
   Octal bus transceiver; 3-state
Rev. 01 - 25 August 2009
74LVC245A NEXPERIA-74LVC245A Datasheet
289Kb / 16P
   Octal bus transceiver; 3-state
Rev. 12 - 16 September 2021
74ALVC245 NEXPERIA-74ALVC245 Datasheet
252Kb / 14P
   Octal bus transceiver; 3-state
Rev. 3 - 30 April 2021
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com