전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM4502C 데이터시트(PDF) 2 Page - Analog Power

부품명 AM4502C
상세설명  N & P-Channel 30-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANALOGPOWER [Analog Power]
홈페이지  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4502C 데이터시트(HTML) 2 Page - Analog Power

  AM4502C Datasheet HTML 1Page - Analog Power AM4502C Datasheet HTML 2Page - Analog Power AM4502C Datasheet HTML 3Page - Analog Power AM4502C Datasheet HTML 4Page - Analog Power AM4502C Datasheet HTML 5Page - Analog Power AM4502C Datasheet HTML 6Page - Analog Power AM4502C Datasheet HTML 7Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Analog Power
AM4502C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
VDS = VGS, ID = 250 uA
(N-ch)
1
V
VDS = VGS, ID = -250 uA (P-ch)
-1
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ±20 V
±100
nA
VDS = 24 V, VGS = 0 V
(N-ch)
1
VDS = -24 V, VGS = 0 V
(P-ch)
-1
VDS = 5 V, VGS = 10 V
(N-ch)
15
A
VDS = -5 V, VGS = -10 V
(P-ch)
-15
A
VGS = 10 V, ID = 7.5 A
(N-ch)
16
VGS = 4.5 V, ID = 6.2 A
(N-ch)
20
VGS = -10V, ID = -6.2A
(P-ch)
23
VGS = -4.5 V, ID = -4.9 A (P-ch)
33
VDS = 15 V, ID = 7.5 A
(N-ch)
18
S
VDS = -15 V, ID = -6.2 A
(P-ch)
16
S
IS = 1.4 A, VGS = 0 V
(N-ch)
0.69
V
IS = -1.3 A, VGS = 0 V
(P-ch)
-0.72
V
Total Gate Charge
Qg
15
Gate-Source Charge
Qgs
4.6
Gate-Drain Charge
Qgd
6.1
Turn-On Delay Time
td(on)
8
Rise Time
tr
22
Turn-Off Delay Time
td(off)
47
Fall Time
tf
22
Input Capacitance
Ciss
1456
Output Capacitance
Coss
231
Reverse Transfer Capacitance
Crss
198
Total Gate Charge
Qg
28
Gate-Source Charge
Qgs
5.2
Gate-Drain Charge
Qgd
10
Turn-On Delay Time
td(on)
6
Rise Time
tr
14
Turn-Off Delay Time
td(off)
90
Fall Time
tf
48
Input Capacitance
Ciss
1934
Output Capacitance
Coss
408
Reverse Transfer Capacitance
Crss
226
Static
Electrical Characteristics
Gate-Source Threshold Voltage
On-State Drain Current
a
Zero Gate Voltage Drain Current
Drain-Source On-Resistance
a
VSD
Dynamic
b
N - Channel
VDS = 15 V, VGS = 10 V, ID = 7.5 A
Forward Transconductance
a
gfs
Diode Forward Voltage
a
P - Channel
VDS = -15 V, VGS = -10 V, ID = -6.2 A
nC
N - Channel
VDD = 15 V, RL = 2 Ω, ID = 7.5 A,
VGEN = 10 V, RGEN = 6 Ω
ns
N - Channel
VDS = 15 V, VGS = 0 V, f = 1 MHz
pF
VGS(th)
uA
P - Channel
VDS = -15 V, VGS = 0 V, f = 1 MHz
pF
nC
ID(on)
IDSS
rDS(on)
P - Channel
VDD = -15 V, RL = 2.5 Ω, ID = -6.2 A,
VGEN = -10 V, RGEN = 6 Ω
ns
© Preliminary
2
Publication Order Number:
DS_AM4502C_1A


유사한 부품 번호 - AM4502C

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
AM4502C-T1-PF VBSEMI-AM4502C-T1-PF Datasheet
1Mb / 13P
   N- and P-Channel 30 V (D-S) MOSFET
logo
Analog Power
AM4502CE ANALOGPOWER-AM4502CE Datasheet
319Kb / 8P
   P & N-Channel 30-V (D-S) MOSFET
More results

유사한 설명 - AM4502C

제조업체부품명데이터시트상세설명
logo
Analog Power
AM4532C ANALOGPOWER-AM4532C Datasheet
410Kb / 7P
   N & P-Channel 30-V (D-S) MOSFET
AM4502CE ANALOGPOWER-AM4502CE Datasheet
319Kb / 8P
   P & N-Channel 30-V (D-S) MOSFET
logo
Leshan Radio Company
LNP4606T1G LRC-LNP4606T1G Datasheet
829Kb / 7P
   P & N-Channel 30-V (D-S) MOSFET
logo
Analog Power
AM4512CE ANALOGPOWER-AM4512CE Datasheet
266Kb / 8P
   P & N-Channel 30-V (D-S) MOSFET
AM7530C ANALOGPOWER-AM7530C Datasheet
109Kb / 3P
   P & N-Channel 30-V (D-S) MOSFET
AMD534CE ANALOGPOWER-AMD534CE Datasheet
191Kb / 3P
   P & N-Channel 30-V (D-S) MOSFET
AM4536C ANALOGPOWER-AM4536C Datasheet
90Kb / 3P
   P & N-Channel 30-V (D-S) MOSFET
AM3599CE ANALOGPOWER-AM3599CE Datasheet
402Kb / 7P
   N & P-Channel 30-V (D-S) MOSFET
AM3530C ANALOGPOWER-AM3530C Datasheet
565Kb / 7P
   N & P-Channel 30-V (D-S) MOSFET
AMCC530C ANALOGPOWER-AMCC530C Datasheet
475Kb / 7P
   N & P-Channel 30-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com