전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM4541C 데이터시트(PDF) 3 Page - Analog Power

부품명 AM4541C
상세설명  N & P-Channel 40-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANALOGPOWER [Analog Power]
홈페이지  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4541C 데이터시트(HTML) 3 Page - Analog Power

  AM4541C Datasheet HTML 1Page - Analog Power AM4541C Datasheet HTML 2Page - Analog Power AM4541C Datasheet HTML 3Page - Analog Power AM4541C Datasheet HTML 4Page - Analog Power AM4541C Datasheet HTML 5Page - Analog Power AM4541C Datasheet HTML 6Page - Analog Power AM4541C Datasheet HTML 7Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Analog Power
AM4541C
1. On-Resistance vs. Drain Current
2. Transfer Characteristics
3. On-Resistance vs. Gate-to-Source Voltage
4. Drain-to-Source Forward Voltage
5. Output Characteristics
6. Capacitance
Typical Electrical Characteristics - N-channel
0
0.05
0.1
0.15
0
2
4
6
8
10
ID-Drain Current (A)
3V
4V,4.5V,6V,8V,10V
3.5V
0
2
4
6
8
10
0
0.2
0.4
0.6
0.8
VDS - Drain-to-Source Voltage (V)
10V,8V,6V,4.5V,4V
3V
3.5V
0
0.1
0.2
0.3
0
2
4
6
8
10
VGS - Gate-to-Source Voltage (V)
TJ = 25°C
ID = 5.3A
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
1.4
VSD - Source-to-Drain Voltage (V)
TJ = 25°C
0
100
200
300
400
500
0
5
10
15
20
VDS-Drain-to-Source Voltage (V)
Ciss
Coss
Crss
F = 1MHz
0
1
2
3
4
5
0
2
4
6
VGS - Gate-to-Source Voltage (V)
TJ = 25°C
© Preliminary
3
Publication Order Number:
DS_AM4541C_1A


유사한 부품 번호 - AM4541C

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
AM4541C-T1-PF VBSEMI-AM4541C-T1-PF Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
logo
Analog Power
AM4541CE ANALOGPOWER-AM4541CE Datasheet
565Kb / 7P
   N & P-Channel 40-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AM4541CE-T1-PF VBSEMI-AM4541CE-T1-PF Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
More results

유사한 설명 - AM4541C

제조업체부품명데이터시트상세설명
logo
Analog Power
AM4541CE ANALOGPOWER-AM4541CE Datasheet
565Kb / 7P
   N & P-Channel 40-V (D-S) MOSFET
AM7542C ANALOGPOWER-AM7542C Datasheet
487Kb / 7P
   N & P-Channel 40-V (D-S) MOSFET
AMD540CE ANALOGPOWER-AMD540CE Datasheet
372Kb / 7P
   P & N-Channel 40-V (D-S) MOSFET
AM4540C ANALOGPOWER-AM4540C Datasheet
168Kb / 3P
   P & N-Channel 40-V (D-S) MOSFET
AM4542C ANALOGPOWER-AM4542C Datasheet
265Kb / 7P
   P & N-Channel 40-V (D-S) MOSFET
logo
Bruckewell Technology L...
MS4541C BWTECH-MS4541C Datasheet
964Kb / 9P
   N P-Channel 40-V (D-S) MOSFET
MSA4P21 BWTECH-MSA4P21 Datasheet
587Kb / 6P
   N P-Channel 40-V (D-S) MOSFET
logo
Analog Power
AM4545C ANALOGPOWER-AM4545C Datasheet
545Kb / 7P
   N & P-Channel 40-V (D-S) MOSFET
AM3548C ANALOGPOWER-AM3548C Datasheet
184Kb / 3P
   N & P-Channel 40-V (D-S) MOSFET
AM4543C ANALOGPOWER-AM4543C Datasheet
502Kb / 7P
   N & P-Channel 40-V (D-S) MOSFET
AM4544C ANALOGPOWER-AM4544C Datasheet
407Kb / 7P
   N & P-Channel 40-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com