전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM4962GS-G1 데이터시트(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

부품명 AM4962GS-G1
상세설명  SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BCDSEMI [BCD Semiconductor Manufacturing Limited]
홈페이지  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM4962GS-G1 데이터시트(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AM4962GS-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AM4962GS-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AM4962GS-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AM4962GS-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AM4962GS-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AM4962GS-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AM4962GS-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AM4962GS-G1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AM4962GS-G1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Data Sheet
SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4962
Apr. 2011
Rev. 1. 2
BCD Semiconductor Manufacturing Limited
8
0
100
200
300
400
500
600
700
800
900
1000
0.0
0.4
0.8
1.2
1.6
2.0
V
SATH1
V
SATH2
V
SATL1
V
SATL2
Output Current (mA)
V
CC
=12V, T
A
=25
oC
-20
0
20
40
60
80
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Ambient Temperature (
OC)
90
Package: HTSSOP-14
4
6
8
10
121416
18
0
4
8
12
16
20
T
A
=25
oC
I
Q1
(V
CT
=L)
I
Q2
(V
CT
=H)
Supply Voltage (V)
-50
-25
0
25
50
75
100
125
0
4
8
12
16
20
V
CC
=12V
I
Q1
(V
CT
=L)
I
Q2
(V
CT
=H)
Ambient Temperature (
OC)
Typical Performance Characteristics
Figure 4. Quiescent Current vs. Ambient Temperature
Figure 5. Quiescent Current vs. Supply Voltage
Figure 6. Output Saturation Voltage vs.
Figure 7. Power Dissipation vs.
Output Current
Ambient Temperature


유사한 부품 번호 - AM4962GS-G1

제조업체부품명데이터시트상세설명
logo
BCD Semiconductor Manuf...
AM4962GS-G1 BCDSEMI-AM4962GS-G1 Datasheet
126Kb / 3P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
logo
Diodes Incorporated
AM4962GS-G1 DIODES-AM4962GS-G1 Datasheet
380Kb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
More results

유사한 설명 - AM4962GS-G1

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
AM4964 DIODES-AM4964 Datasheet
1Mb / 21P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4962 DIODES-AM4962 Datasheet
380Kb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM9468 DIODES-AM9468 Datasheet
1Mb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
May 2016
AM4963 DIODES-AM4963 Datasheet
561Kb / 16P
   Single Phase Full Wave Direct PWM Motor Driver
logo
BCD Semiconductor Manuf...
AM4961 BCDSEMI-AM4961 Datasheet
198Kb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
logo
Diodes Incorporated
AM4961 DIODES-AM4961 Datasheet
695Kb / 14P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
logo
BCD Semiconductor Manuf...
AM4962 BCDSEMI-AM4962 Datasheet
126Kb / 3P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4963 BCDSEMI-AM4963 Datasheet
53Kb / 2P
   Single Phase Full Wave Direct PWM Motor Driver
logo
Eutech Microelectronics...
EUM6898R EUTECH-EUM6898R Datasheet
81Kb / 1P
   Single-Phase Full-Wave Motor Driver with Direct PWM Input
logo
Diodes Incorporated
AM9469 DIODES-AM9469 Datasheet
977Kb / 16P
   LOW NOISE SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
April 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com