전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM9799MM-G1 데이터시트(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

부품명 AM9799MM-G1
상세설명  Single Phase Full-wave Low Voltage Fan Motor Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BCDSEMI [BCD Semiconductor Manufacturing Limited]
홈페이지  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM9799MM-G1 데이터시트(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AM9799MM-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AM9799MM-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AM9799MM-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AM9799MM-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AM9799MM-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AM9799MM-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AM9799MM-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AM9799MM-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AM9799MM-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Preliminary Datasheet
Single Phase Full-wave Low Voltage Fan Motor Driver
AM9799
Jun. 2011
Rev. 1. 1
BCD Semiconductor Manufacturing Limited
5
-25
0
25
50
75
100
125
150
0
200
400
600
800
Ambient Temperature (
oC)
Electrical Characteristics
VCC =5V, TA=25°C, unless otherwise specified.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Current
ICC
4
6
mA
Input Offset Voltage
VHOFS
±4
mV
Output Saturation Voltage
VO
IO=250mA
upper and lower total
0.3
0.45
V
Input-output Gain
GIN
45
48
50
dB
FG Low Voltage
VFGL
IFG=3mA
0.3
V
Input Hysteresis Voltage
VHYS
±6
±10
±15
mV
Lock Detection ON time
TON
0.35
0.5
0.7
sec
Lock Detection OFF time
TOFF
3.5
5
7
sec
Hall Bias Voltage
VHB
IHB=5mA
1.15
1.3
1.45
V
Typical Performance Characteristics
Figure 4. Power Dissipation vs. Ambient Temperature


유사한 부품 번호 - AM9799MM-G1

제조업체부품명데이터시트상세설명
logo
BCD Semiconductor Manuf...
AM9799MM-G1 BCDSEMI-AM9799MM-G1 Datasheet
539Kb / 9P
   Single Phase Full-wave Low Voltage Fan Motor Driver
logo
Diodes Incorporated
AM9799MM-G1 DIODES-AM9799MM-G1 Datasheet
368Kb / 9P
   Single Phase Full-wave Low Voltage Fan Motor Driver
Jun. 2011 Rev. 1. 1
More results

유사한 설명 - AM9799MM-G1

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
AM9799 DIODES-AM9799 Datasheet
368Kb / 9P
   Single Phase Full-wave Low Voltage Fan Motor Driver
Jun. 2011 Rev. 1. 1
logo
BCD Semiconductor Manuf...
AM9799 BCDSEMI-AM9799 Datasheet
539Kb / 9P
   Single Phase Full-wave Low Voltage Fan Motor Driver
logo
Sanyo Semicon Device
LB11862M SANYO-LB11862M Datasheet
393Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
LB11964T SANYO-LB11964T Datasheet
77Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
logo
Agamem Microelectronic ...
AA51861 AGAMEM-AA51861 Datasheet
37Kb / 1P
   SINGLE-PHASE FULL-WAVE FAN MOTOR DRIVER
logo
ON Semiconductor
LB11961-TLM-H ONSEMI-LB11961-TLM-H Datasheet
84Kb / 7P
   Single-Phase Full-Wave Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1862 SANYO-LB1862 Datasheet
41Kb / 7P
   Fan Motor Single-Phase Full-Wave Driver
logo
ON Semiconductor
LB11862MC ONSEMI-LB11862MC Datasheet
152Kb / 6P
   Fan Motor Driver Single-Phase, Full-Wave
September 2015- Rev. 2
logo
List of Unclassifed Man...
AP1302 ETC1-AP1302 Datasheet
139Kb / 6P
   SINGLE-PHASE FULL-WAVE FAN MOTOR DRIVER
logo
Sanyo Semicon Device
LB11862M_0611 SANYO-LB11862M_0611 Datasheet
106Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com