전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM30N06-39D 데이터시트(PDF) 2 Page - Analog Power

부품명 AM30N06-39D
상세설명  N-Channel 60-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANALOGPOWER [Analog Power]
홈페이지  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM30N06-39D 데이터시트(HTML) 2 Page - Analog Power

  AM30N06-39D Datasheet HTML 1Page - Analog Power AM30N06-39D Datasheet HTML 2Page - Analog Power AM30N06-39D Datasheet HTML 3Page - Analog Power AM30N06-39D Datasheet HTML 4Page - Analog Power AM30N06-39D Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
AM30N06-39D
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM30N06-39_C
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty, representation
or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out of the application or
use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental
damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary in different applications and
actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by
customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL products are not designed,
intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or
sustain life, or for any other application in which the failure of the APL product could create a situation where personal injury or death may occur.
Should Buyer purchase or use APL products for any such unintended or unauthorized application, Buyer shall indemnify and hold APL and its
officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney
fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such
claim alleges that APL was negligent regarding the design or manufacture of the part. APL is an Equal Opportunity/Affirmative Action Employer.
Min Typ Max
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 uA
1.0
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = 20 V
±100
nA
VDS = 48 V, VGS = 0 V
1
VDS = 48 V, VGS = 0 V, TJ = 55
oC
25
On-State Drain Current
A
ID(on)
VDS = 5 V, VGS = 10 V
34
A
VGS = 10 V, ID = 30 A
38
VGS = 4.5 V, ID = 26 A
50
Forward Tranconductance
A
gfs
VDS = 15 V, ID = 30 A
22
S
Diode Forward Voltage
VSD
IS = 24 A, VGS = 0 V
1.1
V
Total Gate Charge
Qg
12.5
Gate-Source Charge
Qgs
2.4
Gate-Drain Charge
Qgd
2.6
Turn-On Delay Time
td(on)
11
Rise Time
tr
8
Turn-Off Delay Time
td(off)
19
Fall-Time
tf
6
Drain-Source On-Resistance
A
rDS(on)
mΩ
Parameter
Limits
Unit
VDD = 25 V, RL = 25 Ω , ID = 30 A,
VGEN = 10 V
nS
VDS = 15 V, VGS = 4.5 V,
ID = 30 A
nC
Dynamic
b
SPECIFICATIONS (TA = 25
oC UNLESS OTHERWISE NOTED)
uA
IDSS
Zero Gate Voltage Drain Current
Static
Test Conditions
Symbol


유사한 부품 번호 - AM30N06-39D

제조업체부품명데이터시트상세설명
logo
SHENZHEN DOINGTER SEMIC...
AM30N06-39D DOINGTER-AM30N06-39D Datasheet
2Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
AM30N06-39D-T1-PF VBSEMI-AM30N06-39D-T1-PF Datasheet
896Kb / 6P
   N-Channel 6 0-V (D-S) MOSFET
More results

유사한 설명 - AM30N06-39D

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com