전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DM74S161 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 DM74S161
상세설명  Synchronous 4-Bit Binary Counters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74S161 데이터시트(HTML) 6 Page - Fairchild Semiconductor

  DM74S161 Datasheet HTML 1Page - Fairchild Semiconductor DM74S161 Datasheet HTML 2Page - Fairchild Semiconductor DM74S161 Datasheet HTML 3Page - Fairchild Semiconductor DM74S161 Datasheet HTML 4Page - Fairchild Semiconductor DM74S161 Datasheet HTML 5Page - Fairchild Semiconductor DM74S161 Datasheet HTML 6Page - Fairchild Semiconductor DM74S161 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.fairchildsemi.com
6
Electrical Characteristics
over recommended operating free air temperature (unless otherwise noted)
Note 6: All typicals are at VCC = 5V, TA = 25°C.
Note 7: Not more than one output should be shorted at a time, and the duration should not exceed one second.
Switching Characteristics
at VCC = 5V and TA = 25°C
Note 8: Propagation delay for clearing is measured from clear input for the DM74S161 and from the clock input transition for the DM74S163.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 6)
VI
Input Clamp Voltage
VCC = Min, II = −18 mA
−1.2
V
VOH
HIGH Level
VCC = Min, IOH = Max
2.7
3.4
V
Output Voltage
VIL = Max, VIH = Min
VOL
LOW Level
VCC = Min, IOL = Max
0.5
V
Output Voltage
VIH = Min, VIL = Max
II
Input Current @ Max Input Voltage VCC = Max, VI = 5.5V
1
mA
IIH
LOW Level
VCC = Max
CLK, Data
50
µA
Input Current
VI = 2.7V
Others
−10
−200
IIL
LOW Level
VCC = Max
Enable T
−4mA
Input Current
VI = 0.5V
Others
−2
IOS
Short Circuit Output Current
VCC = Max (Note 7)
−40
−100
mA
ICC
Supply Current
VCC = Max
95
160
mA
RL = 280Ω
Symbol
Parameter
From (Input)
CL = 15 pF
CL = 50 pF
Units
To (Output)
Min
Max
Min
Max
fMAX
Maximum Clock Frequency
40
35
MHz
tPLH
Propagation Delay Time
Clock to Ripple Carry
25
25
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Clock to Ripple Carry
25
28
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Clock to Any Q
15
15
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Clock to Any Q
15
18
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Enable T to Ripple Carry
15
18
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Enable T to Ripple Carry
15
18
ns
HIGH-to-LOW Level Output
tPHL
Propagation Delay Time
Clear to Any Q
20
24
ns
HIGH-to-LOW Level Output (Note 8)


유사한 부품 번호 - DM74S161

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
DM74S161 NSC-DM74S161 Datasheet
75Kb / 6P
   SYNCHRONOUS 4-BIT BINARY COUNTERS
DM74S161N NSC-DM74S161N Datasheet
75Kb / 6P
   SYNCHRONOUS 4-BIT BINARY COUNTERS
More results

유사한 설명 - DM74S161

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54HC163 TI-SN54HC163 Datasheet
640Kb / 24P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV163A TI1-SN54LV163A_15 Datasheet
947Kb / 26P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV161A TI-SN54LV161A_08 Datasheet
610Kb / 22P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
logo
National Semiconductor ...
54LS161A NSC-54LS161A Datasheet
210Kb / 12P
   Synchronous 4-Bit Binary Counters
logo
Texas Instruments
CD54AC161 TI-CD54AC161 Datasheet
383Kb / 15P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
CD54AC163 TI-CD54AC163 Datasheet
154Kb / 11P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54HC161 TI-SN54HC161 Datasheet
642Kb / 24P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
logo
Fairchild Semiconductor
DM74LS161A FAIRCHILD-DM74LS161A Datasheet
103Kb / 10P
   Synchronous 4-Bit Binary Counters
logo
Texas Instruments
CD74AC161ME4 TI-CD74AC161ME4 Datasheet
553Kb / 18P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV161A TI-SN54LV161A Datasheet
440Kb / 20P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
CD54ACT163 TI-CD54ACT163_08 Datasheet
677Kb / 18P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com