전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISLA216P13 데이터시트(PDF) 8 Page - Intersil Corporation

부품명 ISLA216P13
상세설명  Ultra High Performance Broadband 12 to 16-Bit Data Acquisition Platform
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA216P13 데이터시트(HTML) 8 Page - Intersil Corporation

Back Button ISLA216P13 Datasheet HTML 4Page - Intersil Corporation ISLA216P13 Datasheet HTML 5Page - Intersil Corporation ISLA216P13 Datasheet HTML 6Page - Intersil Corporation ISLA216P13 Datasheet HTML 7Page - Intersil Corporation ISLA216P13 Datasheet HTML 8Page - Intersil Corporation ISLA216P13 Datasheet HTML 9Page - Intersil Corporation ISLA216P13 Datasheet HTML 10Page - Intersil Corporation ISLA216P13 Datasheet HTML 11Page - Intersil Corporation ISLA216P13 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Application Note 1837
8
AN1837.0
May 3, 2013
Again, the green elements are optional and not populated. The
non-populated elements connecting into C1005 would be the
FDA VCM adjustment if desired. As delivered, C1005 simply
decouples the ISL55210 VCM control pin which defaults
internally to 1.2V on 3.3V supply. Not shown is a jumper on J2
from pin 2 to 3 to connect in the servo loop ADC VCM control
path. The ISLA214P50 ADC uses an unbuffered sample and hold
and will therefore sink a sample rate dependent common-mode
current which will give a sample rate dependent voltage drop
from the midpoint of resistors R1015 -- > R1018 and R2011,
R2012. The servo loop is used primarily to counteract the
sample-rate dependent voltage drop to deliver a fixed common-
mode voltage to the ADC input pins across all sample clock rates.
An alternate connection uses pin 2 to 1 on jumper J2 and
populates R1019 to provide a fixed Thevenin source for the ADC
VCM control. This provides a simpler solution when the design is
known to be a fixed clock rate design.
Numerous options exist for providing this ADC input VCM voltage
for different designs. The two offered on this board, along with
several others, are detailed in this article:
Advantages to Precise
Input Common Mode Voltage Control to High Performance High
Speed ADC’s”
http://www.edn.com/design/analog/4389814/Advantages-to-
precise-input-common-mode-voltage-control-to-high-
performance-high-speed-ADCs?page=0
The differential signal at the outputs of the ISL55210 proceeds
from left to right in Figure 8 through the 40.2Ω resistors to a
differential 5.6pF capacitor and then into the 1μF DC blocking
capacitors. Those level shift the DC operating voltage from the
FDA outputs to the required common mode voltage at the ADC
inputs. The rest of the passive filter from there is pair of series
82nH inductors then into a parallel RC network comprised of the
4 resistor network feeding the differential to single ended sense
path at the output of T4, an external 1pF differential capacitor
and then the internal RC elements of the ADC. A final circuit
element senses the average common mode voltage at the ADC
inputs using the 2-20kΩ resistors and feeds that into a low
frequency servo loop amplifier using the ISL28113 which then
feeds a DC control voltage to the center of the 4-resistor string
that acts to control the ADC common mode operating voltage to
the reference voltage applied at the ISL28113 V+ input.
Critical to understanding the response shape are the estimated
internal ADC elements as shown in the simulation circuit for this
interface in Figure 9 (this element numbering here does not
follow the build schematic of Figure 8)
At the far right the ADC is modeled as 2-clock rate dependent
current sources (1.3mA here for the 500MSPS case) with an
internal lumped element 16pF in parallel with 200Ω. The probes
show the DC operating voltages where the 2.22V at the
ISL28113 outputs gets back to the targeted 0.96V at the ADC
inputs as those Icm currents pull down through the DC
impedances from the output of the ISL28113. The internal ADC
elements combine with the external RC elements to give the
simulated frequency response shape from the ISL55210 outputs
to the ADC inputs shown in Figure 10.
This slight peaking is intended to equalize some of the rolloff up
to the FDA outputs but then bandlimit quickly above 100MHz.
The VTEST of Figure 8 provides an easy means to verify the
frequency response shape from the board input to the ADC. The
4 resistor network feeding T4 in Figure 8 shows a about a 25Ω
source to each leg of the 1:1 transformer while its total
impedance across the signal path is part of the filter design. This
path will have considerable insertion loss (≈-31.8dB) but an
accurate replica of the response shape as shown for 2 boards
measured in Figure 11.
FIGURE 9. SIMULATION CIRCUIT FOR THE INTERSTAGE FILTER AND
VCM SERVO LOOP
FIGURE 10. TARGETED RESPONSE SHAPE IN THE INTERSTAGE
FILTER TO THE ADC
-6.0
-5/5
-5.0
-4.5
-4.0
-3.0
20M
60M
80M 100M
150M
FREQUENCY (Hz)
-3.5
40M
-2.5


유사한 부품 번호 - ISLA216P13

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISLA216P13 INTERSIL-ISLA216P13 Datasheet
1Mb / 32P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Renesas Technology Corp
ISLA216P13 RENESAS-ISLA216P13 Datasheet
1Mb / 35P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA216P13 INTERSIL-ISLA216P13 Datasheet
1Mb / 37P
   14-Bit, 500MSPS ADC Programmable Built-in Test Patterns
ISLA216P13 INTERSIL-ISLA216P13 Datasheet
1Mb / 38P
   12-Bit, 500MSPS ADC Programmable Built-in Test Patterns
ISLA216P13 INTERSIL-ISLA216P13 Datasheet
963Kb / 34P
   High Performance 14-Bit, 125MSPS ADC
More results

유사한 설명 - ISLA216P13

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1362 AD-AD1362 Datasheet
431Kb / 8P
   16-Channel,12-Bit Data Acquisition System
REV. A
logo
API Technologies Corp
HS9403 APITECH-HS9403 Datasheet
3Mb / 4P
   16-Channel, 12-Bit Data Acquisition System
logo
Analog Devices
AD1362 AD-AD1362_15 Datasheet
437Kb / 8P
   16 Channel 12 Bit Data Acquisition System
REV. A
AD363 AD-AD363 Datasheet
682Kb / 8P
   Complete 16-Channel,12-Bit Data Acquisition System
AD363 AD-AD363 Datasheet
6Mb / 16P
   COMPLETE 16 CHANNEL 12-BIT DATA ACQUISITION SYSTEMS
logo
Exar Corporation
MP3275 EXAR-MP3275 Datasheet
138Kb / 16P
   Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem
MP3276 EXAR-MP3276 Datasheet
170Kb / 16P
   Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem
logo
List of Unclassifed Man...
XE88LC05 ETC1-XE88LC05 Datasheet
1Mb / 39P
   16 10 bit Data Acquisition Ultra Low-Power Microcontroller
logo
Sipex Corporation
SP8121 SIPEX-SP8121 Datasheet
168Kb / 13P
   Monolithic, 12-Bit Data Acquisition System
logo
Texas Instruments
LM12454 TI1-LM12454 Datasheet
1Mb / 43P
[Old version datasheet]   12-Bit Sign Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com