전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DM74S373WM 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 DM74S373WM
상세설명  3-STATE Octal D-Type Transparent Latches
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74S373WM 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  DM74S373WM Datasheet HTML 1Page - Fairchild Semiconductor DM74S373WM Datasheet HTML 2Page - Fairchild Semiconductor DM74S373WM Datasheet HTML 3Page - Fairchild Semiconductor DM74S373WM Datasheet HTML 4Page - Fairchild Semiconductor DM74S373WM Datasheet HTML 5Page - Fairchild Semiconductor DM74S373WM Datasheet HTML 6Page - Fairchild Semiconductor DM74S373WM Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
www.fairchildsemi.com
DM74S374 Electrical Characteristics
over recommended operating free air temperature (unless otherwise noted)
Note 13: All typicals are at VCC = 5V, TA = 25°C.
Note 14: Not more than one output should be shorted at a time, and the duration should not exceed one second.
DM74S374 Switching Characteristics
at VCC = 5V and TA = 25°C
Note 15: CL = 5 pF
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 13)
VI
Input Clamp Voltage
VCC = Min, II = −18 mA
−1.2
V
VOH
HIGH Level
VCC = Min, IOH = Max
2.4
3.2
V
Output Voltage
VIL = Max, VIH = Min
VOL
LOW Level
VCC = Min, IOL = Max
0.5
V
Output Voltage
VIH = Min, VIL = Max
II
Input Current @ Max Input Voltage
VCC = Max, VI = 5.5V
1
mA
IH
HIGH Level Input Current
VCC = Max, VI = 2.7V
50
µA
IIL
LOW Level Input Current
VCC = Max, VI = 0.5V
−250
µA
IOZH
Off-State Output Current with
VCC = Max, VO = 2.4V
50
µA
HIGH Level Output Voltage Applied
VIH = Min, VIL = Max
IOZL
Off-State Output Current with
VCC = Max, VO = 0.5V
−50
µA
LOW Level Output Voltage Applied
VIH = Min, VIL = Max
IOS
Short Circuit Output Current
VCC = Max (Note 14)
−40
−100
mA
ICC
Supply Current
VCC = Max
Outputs HIGH
110
mA
Outputs LOW
90
140
Outputs Disabled
160
RL = 280Ω
Symbol
Parameter
From (Input)
CL = 15 pF
CL = 50 pF
Units
To (Output)
Min
Max
Min
Max
fMAX
Maximum Clock Frequency
75
75
MHz
tPLH
Propagation Delay Time
Clock to Any Q
15
15
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Clock to Any Q
17
20
ns
HIGH-to-LOW Level Output
tPZH
Output Enable Time to
Output Control to Any Q
15
17
ns
HIGH Level Output
tPZL
Output Enable Time to
Output Control to Any Q
18
23
ns
LOW Level Output
tPHZ
Output Disable Time from
Output Control to Any Q
9
ns
HIGH Level Output (Note 15)
tPLZ
Output Disable Time from
Output Control to Any Q
12
ns
LOW Level Output (Note 15)


유사한 부품 번호 - DM74S373WM

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
DM74S30 FAIRCHILD-DM74S30 Datasheet
33Kb / 3P
   8-Input NAND Gate
DM74S30N FAIRCHILD-DM74S30N Datasheet
33Kb / 3P
   8-Input NAND Gate
DM74S32 FAIRCHILD-DM74S32 Datasheet
33Kb / 3P
   Quad 2-Input OR Gate
logo
National Semiconductor ...
DM74S32 NSC-DM74S32 Datasheet
88Kb / 4P
   Quad 2-Input OR Gates
DM74S32N NSC-DM74S32N Datasheet
88Kb / 4P
   Quad 2-Input OR Gates
More results

유사한 설명 - DM74S373WM

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
   Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
   Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573 Datasheet
73Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54F373 TI-SN54F373 Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
CD54HCT373 TI-CD54HCT373 Datasheet
319Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS563A TI-SN54ALS563A Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ALS573C TI-SN54ALS573C Datasheet
109Kb / 9P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ACT573 TI-SN54ACT573 Datasheet
520Kb / 16P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ABT533 TI-SN54ABT533 Datasheet
483Kb / 14P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
   Octal D-type Transparent Latches with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com