전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AZV331KSTR-G1 데이터시트(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

부품명 AZV331KSTR-G1
상세설명  SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BCDSEMI [BCD Semiconductor Manufacturing Limited]
홈페이지  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZV331KSTR-G1 데이터시트(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AZV331KSTR-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZV331KSTR-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZV331KSTR-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZV331KSTR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZV331KSTR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZV331KSTR-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZV331KSTR-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZV331KSTR-G1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AZV331KSTR-G1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV321
8
Mar. 2010 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
8
BCD Semiconductor Manufacturing Limited
Data Sheet
SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
AZV331
Typical Performance Characteristics (Continued)
Figure 12. Propagation Delay vs. Load Capacitors
0
20
40
60
80
100
120
140
0
100
200
300
400
500
600
700
800
900
1000
T
PLH to 50%
V
CC=5V, VEE=0V
Input Overdrive Voltage=100mV
R
L=5.1k
Load Capacitor (pF)
T
PHL to 50%
Figure 14. Response Time for Positive Transition
Figure 15. Response Time for Negative Transition
-40
-20
0
20
406080
100
120
100
120
140
160
180
200
220
240
260
280
Case Temperature (
0C)
V
CC=5V, ISINK=4mA
V
CC=2.7V, ISINK=1mA
Figure 13. Saturation Voltage vs. Case Temperature
Input
Output
Output
Input Overdrive Voltage=100mV
RL=5.1kΩ
V
CC=5V
V
CC=2.7V
Input
Output
Input Overdrive Voltage=100mV
RL=5.1k
V
CC=5V
V
CC=2.7V
TA=25oC, unless otherwise specified.


유사한 부품 번호 - AZV331KSTR-G1

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
AZV331KSTR-G1 DIODES-AZV331KSTR-G1 Datasheet
461Kb / 15P
   SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
More results

유사한 설명 - AZV331KSTR-G1

제조업체부품명데이터시트상세설명
logo
BCD Semiconductor Manuf...
AZV321 BCDSEMI-AZV321 Datasheet
331Kb / 13P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV321 BCDSEMI-AZV321_01 Datasheet
66Kb / 2P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV321 BCDSEMI-AZV321_10 Datasheet
893Kb / 13P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
logo
Diodes Incorporated
AZV321 DIODES-AZV321 Datasheet
391Kb / 13P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
September 2013 Rev. 2 - 0
logo
ON Semiconductor
NCS2003 ONSEMI-NCS2003 Datasheet
457Kb / 10P
   Low Voltage, Rail-to-Rail Output Operational Amplifier
January, 2014 ??Rev. 2
logo
Unisonic Technologies
LV321 UTC-LV321_11 Datasheet
520Kb / 11P
   SINGLE GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMV358A TI1-LMV358A Datasheet
1Mb / 29P
[Old version datasheet]   Dual Low-Voltage Rail-to-Rail Output Operational Amplifier
LMV358A TI1-LMV358A_17 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Low-Voltage Rail-to-Rail Output Operational Amplifier
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
   Rail-to-Rail Output Single CMOS Operational Amplifier
NJM2730F-TE1 NJRC-NJM2730F-TE1 Datasheet
298Kb / 9P
   Rail-to-Rail Input/Output Single Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com