전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM7400N 데이터시트(PDF) 2 Page - Analog Power

부품명 AM7400N
상세설명  N-Channel 30-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANALOGPOWER [Analog Power]
홈페이지  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM7400N 데이터시트(HTML) 2 Page - Analog Power

  AM7400N Datasheet HTML 1Page - Analog Power AM7400N Datasheet HTML 2Page - Analog Power AM7400N Datasheet HTML 3Page - Analog Power AM7400N Datasheet HTML 4Page - Analog Power AM7400N Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Analog Power
AM7400N
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 uA
1
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ±20 V
±100
nA
VDS = 24 V, VGS = 0 V
1
VDS = 24 V, VGS = 0 V, TJ = 55°C
25
On-State Drain Current
ID(on)
VDS = 5 V, VGS = 10 V
50
A
VGS = 10 V, ID = 26 A
2.5
VGS = 4.5 V, ID = 23.2 A
4
Forward Transconductance
gfs
VDS = 15 V, ID = 20 A
40
S
Diode Forward Voltage
VSD
IS = 3.6 A, VGS = 0 V
0.7
V
Total Gate Charge
Qg
65
Gate-Source Charge
Qgs
17
Gate-Drain Charge
Qgd
36
Turn-On Delay Time
td(on)
18
Rise Time
tr
106
Turn-Off Delay Time
td(off)
191
Fall Time
tf
108
Input Capacitance
Ciss
6813
Output Capacitance
Coss
1166
Reverse Transfer Capacitance
Crss
766
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
rDS(on)
nC
VDS = 15 V, RL = 0.8 Ω, ID = 20 A,
VGEN = 10 V, RGEN = 6 Ω
VDS = 15 V, VGS = 4.5 V, ID = 20 A
pF
VDS = 15 V, VGS = 0 V, f = 1 MHz
Drain-Source On-Resistance
Dynamic
Zero Gate Voltage Drain Current
Static
uA
Electrical Characteristics
IDSS
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty,
representation or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out
of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special,
consequential or incidental damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary
in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each
customer application by customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL
products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the APL product could create a situation
where personal injury or death may occur. Should Buyer purchase or use APL products for any such unintended or unauthorized application,
Buyer shall indemnify and hold APL and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs,
damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated
with such unintended or unauthorized use, even if such claim alleges that APL was negligent regarding the design or manufacture of the part.
APL is an Equal Opportunity/Affirmative Action Employer.
ns
c Preliminary
2
Publication Order Number:
DS_AM7400N_1A


유사한 부품 번호 - AM7400N

제조업체부품명데이터시트상세설명
logo
AiT Semiconductor Inc.
AM7401 AITSEMI-AM7401 Datasheet
640Kb / 8P
   SINGLE P-CHANNEL
REV1.0
AM7401J8R AITSEMI-AM7401J8R Datasheet
640Kb / 8P
   SINGLE P-CHANNEL
REV1.0
AM7401J8VR AITSEMI-AM7401J8VR Datasheet
640Kb / 8P
   SINGLE P-CHANNEL
REV1.0
logo
Analog Power
AM7401P ANALOGPOWER-AM7401P Datasheet
373Kb / 5P
   P-Channel 150-V (D-S) MOSFET
AM7402N ANALOGPOWER-AM7402N Datasheet
369Kb / 5P
   N-Channel 30-V (D-S) MOSFET
More results

유사한 설명 - AM7400N

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com