전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN1084MC15 데이터시트(PDF) 7 Page - Fairchild Semiconductor

부품명 FAN1084MC15
상세설명  4.5A Adjustable/Fixed Low Dropout Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1084MC15 데이터시트(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN1084MC15 Datasheet HTML 3Page - Fairchild Semiconductor FAN1084MC15 Datasheet HTML 4Page - Fairchild Semiconductor FAN1084MC15 Datasheet HTML 5Page - Fairchild Semiconductor FAN1084MC15 Datasheet HTML 6Page - Fairchild Semiconductor FAN1084MC15 Datasheet HTML 7Page - Fairchild Semiconductor FAN1084MC15 Datasheet HTML 8Page - Fairchild Semiconductor FAN1084MC15 Datasheet HTML 9Page - Fairchild Semiconductor FAN1084MC15 Datasheet HTML 10Page - Fairchild Semiconductor FAN1084MC15 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
PRODUCT SPECIFICATION
FAN1084
REV. 1.0.8 11/10/03
7
The current out of the adjust pin adds to the current from R1.
Its output voltage contribution is small and only needs consid-
eration when a very precise output voltage setting is required.
Figure 3. Connection for Best Load Regulation
Load Regulation
It is not possible to provide true remote load sensing because
the FAN1084 series are three-terminal devices. Load regula-
tion is limited by the resistance of the wire connecting the reg-
ulator to the load. Load regulation per the data sheet
specification is measured at the bottom of the package.
For fixed voltage devices, negative side sensing is a true
Kelvin connection with the ground pin of the device returned
to the negative side of the load. This is illustrated in Figure 4.
Figure 4. Connection for Best Load Regulation
For adjustable voltage devices, negative side sensing is a true
Kelvin connection with the bottom of the output divider
returned to the negative side of the load. The best load regula-
tion is obtained when the top of the resistor divider R1 connects
directly to the regulator output and not to the load. Figure 5
illustrates this point.
If R1 connects to the load, then the effective resistance
between the regulator and the load would be:
RP X (1 + R2/R1), RP = Parasitic line Resistance
The connection shown in Figure 5 does not multiply RP by the
divider ration. As an example, RP is about four milliohms per
foot with 16-gauge wire. This translates to 4mV per foot at 1A
load current. At higher load currents, this drop represents a
significant percentage of the overall regulation. It is important
to keep the positive lead between the regulator and the load as
short as possible and to use large wire or PC board traces.
Figure 5. Connection for Best Load Regulation
Thermal Conditions
The FAN1084 series protect themselves under overload con-
ditions with internal power and thermal limiting circuitry.
However, for normal continuous load conditions, do not
exceed maximum junction temperature ratings. It is impor-
tant to consider all sources of thermal resistance from junc-
tion-to-ambient. These sources include the junction-to-case
resistance, the case-to-heatsink interface resistance, and the
heat sink resistance. Thermal resistance specifications have
been developed to more accurately reflect device tempera-
ture and ensure safe operating temperatures. The electrical
characteristics section provides a separate thermal resistance
and maximum junction temperature for both the control cir-
cuitry and the power transistor. Calculate the maximum junc-
tion temperature for both sections to ensure that both thermal
limits are met.
For example, look at using a FAN1084T to generate 4.5A @
1.5V from a 3.3V source (3.2V to 3.6V).
Assumptions
•VIN = 3.4V worst case
•VOUT = 1.475V worst case
•IOUT = 4.5A continuous
•TA = 60°C
θCase-to-Ambient = 5°C/W (assuming both a heatsink and
a thermally conductive material)
The power dissipation in this application is:
PD = (VIN – VOUT) * (IOUT) = (3.6 – 1.475) * (4.5) = 9.6W
From the specification table:
TJ = TA + (PD) * (θCase-to-Ambient + θJC)
= 60 + (9.6) * (5 + 3) = 137
°C
The junction temperature is below the maximum thermal limit.
FAN1084
ADJ
C2
22
µF
VOUT
+
C1
10
µF
IADJ
35
µA
+
IN
OUT
VIN
R1
R2
VREF
FAN1084-1.5
GND
RL
RP
Parasitic
Line Resistance
IN
OUT
VIN
FAN1084
ADJ
RL
R1*
R2*
*Connect R1 to case
Connect R2 to load
RP
Parasitic
Line Resistance
IN
OUT
VIN


유사한 부품 번호 - FAN1084MC15

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FAN1080M6X ONSEMI-FAN1080M6X Datasheet
415Kb / 19P
   Offline Primary-Side-Regulation (PSR) Quasi-Resonant Valley Switch Controller
June, 2019 ??Rev. 2
logo
Fairchild Semiconductor
FAN1086 FAIRCHILD-FAN1086 Datasheet
45Kb / 9P
   1.5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1086D25X FAIRCHILD-FAN1086D25X Datasheet
45Kb / 9P
   1.5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1086D285X FAIRCHILD-FAN1086D285X Datasheet
45Kb / 9P
   1.5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1086D33X FAIRCHILD-FAN1086D33X Datasheet
45Kb / 9P
   1.5A Adjustable/Fixed Low Dropout Linear Regulator
More results

유사한 설명 - FAN1084MC15

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1086 ETL-UZ1086 Datasheet
253Kb / 7P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1085 UTC-UZ1085_V01 Datasheet
353Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1616 FAIRCHILD-RC1616 Datasheet
327Kb / 8P
   0.5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1084 ETL-UZ1084 Datasheet
204Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com