전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN1581M12X 데이터시트(PDF) 10 Page - Fairchild Semiconductor

부품명 FAN1581M12X
상세설명  5A Adjustable/Fixed Ultra Low Dropout Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1581M12X 데이터시트(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN1581M12X Datasheet HTML 5Page - Fairchild Semiconductor FAN1581M12X Datasheet HTML 6Page - Fairchild Semiconductor FAN1581M12X Datasheet HTML 7Page - Fairchild Semiconductor FAN1581M12X Datasheet HTML 8Page - Fairchild Semiconductor FAN1581M12X Datasheet HTML 9Page - Fairchild Semiconductor FAN1581M12X Datasheet HTML 10Page - Fairchild Semiconductor FAN1581M12X Datasheet HTML 11Page - Fairchild Semiconductor FAN1581M12X Datasheet HTML 12Page - Fairchild Semiconductor FAN1581M12X Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
PRODUCT SPECIFICATION
FAN1581
REV. 1.2.0 11/6/03
10
Mechanical Dimensions
5-Lead TO-263 Package
10.20
9.80
1.40
1.00
9.40
9.00
9.50 MIN
9.00 MIN
4.00 MIN
1.20 MIN
LAND PATTERN RECOMMENDATION
10.00
1.70
6.80
5.10
4.70
(1.28)
(8.00)
(4.40)
1.70
6.80
(1.75)
(0.90)
R0.45
–B–
(6.80)
0.25
B A
MM
1.37
1.17
0.90
0.70
15.60
15.00
2.84
2.24
SCALE: 10X
0.10 B
SEATING
PLANE
0.75
0.45
0.25
GAGE PLANE
NOTES: UNLESS OTHERWISE SPECIFIED
A)
ALL DIMENSIONS ARE IN MILLIMETERS.
B)
STANDARD LEAD FINISH: 200 MICROINCHES/
5.08 MICROMETERS MIN. LEAD/TIN 15/85
ON COPPER.
C)
NO PACKAGE STANDARD REFERENCE AS
OF JUNE 2002.
D)
DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M – 1982.
DETAIL A, ROTATED 90°
R0.56
1.40
1.14
4.70
4.30
SEE
DETAIL A
5
5
1
1
A


유사한 부품 번호 - FAN1581M12X

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN1582 FAIRCHILD-FAN1582 Datasheet
393Kb / 12P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1582 FAIRCHILD-FAN1582 Datasheet
78Kb / 11P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1582D FAIRCHILD-FAN1582D Datasheet
393Kb / 12P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1582D-1.5 FAIRCHILD-FAN1582D-1.5 Datasheet
393Kb / 12P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1582D-2.5 FAIRCHILD-FAN1582D-2.5 Datasheet
393Kb / 12P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
More results

유사한 설명 - FAN1581M12X

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1084 ETL-UZ1084 Datasheet
204Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1585 FAIRCHILD-RC1585 Datasheet
96Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1084 UTC-UZ1084_09 Datasheet
192Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1084 UTC-UZ1084_12 Datasheet
209Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A_05 Datasheet
122Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1084 UTC-UZ1084_V01 Datasheet
231Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1084 GMT-G1084_07 Datasheet
344Kb / 11P
   5A Adjustable Low-Dropout Linear Regulator
G1084 GMT-G1084_15 Datasheet
35Kb / 1P
   5A Adjustable Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com