전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN1655 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 FAN1655
상세설명  3A DDR Bus Termination Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1655 데이터시트(HTML) 6 Page - Fairchild Semiconductor

  FAN1655 Datasheet HTML 1Page - Fairchild Semiconductor FAN1655 Datasheet HTML 2Page - Fairchild Semiconductor FAN1655 Datasheet HTML 3Page - Fairchild Semiconductor FAN1655 Datasheet HTML 4Page - Fairchild Semiconductor FAN1655 Datasheet HTML 5Page - Fairchild Semiconductor FAN1655 Datasheet HTML 6Page - Fairchild Semiconductor FAN1655 Datasheet HTML 7Page - Fairchild Semiconductor FAN1655 Datasheet HTML 8Page - Fairchild Semiconductor FAN1655 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
PRODUCT SPECIFICATION
FAN1655
6
REV. 1.1.4 3/24/04
Mechanical Dimensions
16-Lead eTSSOP
6.4
5.0
± 0.1
0.10 TYP
4.4
± 0.1
7.72
4.16
3.40
4.00
(1.78)
0.42 TYP
0.65 TYP
1.7 MIN
1.5 MIN
0.25
SEATING PLANE
SEE DETAIL A
DETAIL A
(1.00)
0.75
0.45
GAGE PLANE
LAND PATTERN RECOMMENDATION
0
°–8°
R0.09MIN
12
° TOP & BOTTOM
-A-
-B-
0.65 TYP
0.10
C B A
M
-C-
3.2
(0.90)
+0.15
–0.10
(0.09–0.20)
(0.19–0.30)
0.10
±0.05 TYP
1.2 MAX
PIN #1 IDENT.
NOTES:
A. CONFORMS TO JEDEC REGISTRATION MO-153, VARIATION ABT,
DATED 10/97.
B. DIMENSIONS ARE IN MILLIMETERS.
C. DIMENSIONS ARE EXCLUSIVE OF BURRS, MOLD FLASH,
AND THE BAR EXTENSIONS.
D. DIMENSIONS AND TOLERANCES PER ASME Y14.5M, 1994.
BOTTOM VIEW
0.2
ALL LEAD TIPS
ALL LEAD TIPS
CB A
0.1
18
1
1
8
8
9
16
9
9
16
16
C


유사한 부품 번호 - FAN1655

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN1655 FAIRCHILD-FAN1655 Datasheet
494Kb / 9P
   3A DDR Bus Termination Regulator
FAN1655M FAIRCHILD-FAN1655M Datasheet
494Kb / 9P
   3A DDR Bus Termination Regulator
FAN1655MPX FAIRCHILD-FAN1655MPX Datasheet
494Kb / 9P
   3A DDR Bus Termination Regulator
FAN1655MTF FAIRCHILD-FAN1655MTF Datasheet
494Kb / 9P
   3A DDR Bus Termination Regulator
FAN1655MTFX FAIRCHILD-FAN1655MTFX Datasheet
494Kb / 9P
   3A DDR Bus Termination Regulator
More results

유사한 설명 - FAN1655

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN1655 FAIRCHILD-FAN1655_06 Datasheet
494Kb / 9P
   3A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR5517 UTC-UR5517_11 Datasheet
1Mb / 9P
   3A DDR BUS TERMINATION REGULATOR
UR5517 UTC-UR5517 Datasheet
193Kb / 6P
   3A DDR BUS TERMINATION REGULATOR
UR6515A UTC-UR6515A Datasheet
517Kb / 9P
   3A DDR BUS TERMINATION REGULATOR
logo
Global Mixed-mode Techn...
G2992 GMT-G2992_06 Datasheet
331Kb / 7P
   3A DDR Bus Termination Regulator
G2992 GMT-G2992 Datasheet
83Kb / 1P
   3A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR6515D UTC-UR6515D Datasheet
713Kb / 9P
   3A DDR BUS TERMINATION REGULATOR
UR5517 UTC-UR5517_18 Datasheet
814Kb / 9P
   3A DDR BUS TERMINATION
logo
Silicon Standard Corp.
SS6383B SSC-SS6383B Datasheet
585Kb / 8P
   3A DDR Termination Regulator
logo
BCD Semiconductor Manuf...
AP2302 BCDSEMI-AP2302 Datasheet
154Kb / 13P
   3A DDR TERMINATION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com