전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN4803 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FAN4803
상세설명  8-Pin PFC and PWM Controller Combo
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4803 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FAN4803 Datasheet HTML 1Page - Fairchild Semiconductor FAN4803 Datasheet HTML 2Page - Fairchild Semiconductor FAN4803 Datasheet HTML 3Page - Fairchild Semiconductor FAN4803 Datasheet HTML 4Page - Fairchild Semiconductor FAN4803 Datasheet HTML 5Page - Fairchild Semiconductor FAN4803 Datasheet HTML 6Page - Fairchild Semiconductor FAN4803 Datasheet HTML 7Page - Fairchild Semiconductor FAN4803 Datasheet HTML 8Page - Fairchild Semiconductor FAN4803 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.fairchildsemi.com
REV. 1.2.3 11/2/04
Features
• Internally synchronized PFC and PWM in one 8-pin IC
• Patented one-pin voltage error amplifier with advanced
input current shaping technique
• Peak or average current, continuous boost, leading edge
PFC (Input Current Shaping Technology)
• High efficiency trailing-edge current mode PWM
• Low supply currents; start-up: 150µA typ., operating:
2mA typ.
• Synchronized leading and trailing edge modulation
• Reduces ripple current in the storage capacitor between
the PFC and PWM sections
• Overvoltage, UVLO, and brownout protection
• PFC VCCOVP with PFC Soft Start
General Description
The FAN4803 is a space-saving controller for power factor
corrected, switched mode power supplies that offers very
low start-up and operating currents.
Power Factor Correction (PFC) offers the use of smaller, lower
cost bulk capacitors, reduces power line loading and stress on
the switching FETs, and results in a power supply fully compli-
ant to IEC1000-3-2 specifications. The FAN4803 includes
circuits for the implementation of a leading edge, average
current “boost” type PFC and a trailing edge, PWM.
The FAN4803-1’s PFC and PWM operate at the same
frequency, 67kHz. The PFC frequency of the FAN4803-2 is
automatically set at half that of the 134kHz PWM. This
higher frequency allows the user to design with smaller
PWM components while maintaining the optimum operating
frequency for the PFC. An overvoltage comparator shuts
down the PFC section in the event of a sudden decrease in
load. The PFC section also includes peak current limiting for
enhanced system reliability.
Block Diagram
ISENSE
3
VEAO
4
VDC
5
ILIMIT
6
GND
2
PWM OUT
8
PFC OUT
1
+
+
COMP
COMP
35
µA
16.2V
17.5V
VCC
+
COMP
+
–1V
SOFT START
PFC/PWM UVLO
DUTY CYCLE
LIMIT
OSCILLATOR
PFC – 67kHz
PWM – 134kHz
VREF
VREF
1.2V
26k
40k
M1
R1
C1
30pF
M2
M7
M3
M4
M6
PWM
CONTROL
LOGIC
+
1.5V
DC ILIMIT
PFC ILIMIT
PWM COMPARATOR
VCC OVP
PFC OFF
ONE PIN ERROR AMPLIFIER
LEADING
EDGE PFC
TRAILING
EDGE PWM
+
COMP
7V
+
COMP
–1
–4
REF
VCC
7
PFC
CONTROL
LOGIC
FAN4803
8-Pin PFC and PWM Controller Combo


유사한 부품 번호 - FAN4803

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN4803 FAIRCHILD-FAN4803 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803 FAIRCHILD-FAN4803 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803 FAIRCHILD-FAN4803 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803 FAIRCHILD-FAN4803 Datasheet
109Kb / 1P
   8-Pin PFC and PWM Controller Combo
FAN4803CP-1 FAIRCHILD-FAN4803CP-1 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
More results

유사한 설명 - FAN4803

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN4803CP2 FAIRCHILD-FAN4803CP2 Datasheet
116Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CP1 FAIRCHILD-FAN4803CP1 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
ML4803 FAIRCHILD-ML4803 Datasheet
133Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CS1X FAIRCHILD-FAN4803CS1X Datasheet
109Kb / 1P
   8-Pin PFC and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4803 MICRO-LINEAR-ML4803 Datasheet
195Kb / 13P
   8-Pin PFC and PWM Controller Combo
logo
Fairchild Semiconductor
FAN4803CS1 FAIRCHILD-FAN4803CS1 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CS2X FAIRCHILD-FAN4803CS2X Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CS2 FAIRCHILD-FAN4803CS2 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
logo
Champion Microelectroni...
CM6903 CHAMP-CM6903 Datasheet
257Kb / 14P
   Low Pin Count PFC/PWM Controller Combo
CM6903B CHAMP-CM6903B Datasheet
222Kb / 14P
   Low Pin Count PFC/PWM CONTROLLER COMBO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com